Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TE60A2403F01 Datasheet(PDF) 1 Page - SL Power Electronics

Part # TE60A2403F01
Description  60W Single Output External Power
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

TE60A2403F01 Datasheet(HTML) 1 Page - SL Power Electronics

  TE60A2403F01 Datasheet HTML 1Page - SL Power Electronics TE60A2403F01 Datasheet HTML 2Page - SL Power Electronics TE60A2403F01 Datasheet HTML 3Page - SL Power Electronics TE60A2403F01 Datasheet HTML 4Page - SL Power Electronics TE60A2403F01 Datasheet HTML 5Page - SL Power Electronics TE60A2403F01 Datasheet HTML 6Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TE60
60W Single Output External Power
Test & Measurement/Industrial Series
www.slpower.com
TE60 Rev 2.9
3-AUG-16
1
Features
Meets DoE Efficiency Level VI Requirements
No load input power
Average Efficiency
Up to 60W of AC-DC Power
Universal Input 90-264Vac Input Range
IP22 Rated Enclosure
Meets “Heavy Industrial” Levels of EN61000
EMC Requirements
Meets EN55011/CISPR11, FCC Part 15.109
Class B Conducted & Radiated Emissions, with
6db margin
Approved to EN/IEC/UL60950-1, 2
nd Edition,
Am. 2
E-cap life of >8 years
>900,000 hours MTBF
3 Year Warranty
IP22 Rated Enclosure
Description
A high performance AC to DC external power supply family designed for test & measurement and industrial applications.
Fully compliant with Efficiency Level VI requirements per U.S. Dept. of Energy, and also compliant to the Heavy Industrial
levels of various EN61000-4-x standards for EMC. The TE60A series models also meet Class B conducted and radiated
EMI per FCC Part 15, EN55022, CISPR22. Designed to allow easy integration with test and measurement equipment
and other industrial applications.
Model Selection
Model
Output
Output
Ripple &
Line
Load
Output
Output
Input
Number
Volts
Current
Power
Noise
¹
Regulation
Regulation
Connector
Cable
Configuration
TE60A0551F01
5.0V
7.00A
35W
75mV pk-pk
±1%
±5%
6 pin Molex Type
2
#18AWG, See
mechanical
drawings for cable
length.
Class I Desktop,
IEC60320 C14
Receptacle
TE60A0903F01
9.0V
6.00A
54W
90mV pk-pk
±1%
±5%
2.5 x 5.5 x 9.5mm
Straight Barrel
Type, center
positive
TE60A1203F01
12.0V
5.00A
60W
120mV pk-pk
±1%
±5%
TE60A1503F01
15.0V
4.00A
60W
150mV pk-pk
±1%
±5%
TE60A1803F01
18.0V
3.40A
60W
180mV pk-pk
±1%
±5%
TE60A2403F01
24.0V
2.70A
60W
240mV pk-pk
±1%
±5%
TE60A4803F01
48.0V
1.35A
60W
480mV pk-pk
±1%
±5%
TE60A0551N01
5.0V
7.00A
35W
75mV pk-pk
±1%
±5%
6 pin Molex Type
2
#18AWG, See
mechanical
drawings for cable
length.
Class II Desktop,
IEC60320 C8
Receptacle
TE60A0903N01
9.0V
6.00A
54W
90mV pk-pk
±1%
±5%
2.5 x 5.5 x 9.5mm
Straight Barrel
Type, center
positive
TE60A1203N01
12.0V
5.00A
60W
120mV pk-pk
±1%
±5%
TE60A1503N01
15.0V
4.00A
60W
150mV pk-pk
±1%
±5%
TE60A1803N01
18.0V
3.40A
60W
180mV pk-pk
±1%
±5%
TE60A2403N01
24.0V
2.70A
60W
240mV pk-pk
±1%
±5%
TE60A4803N01
48.0V
1.35A
60W
480mV pk-pk
±1%
±5%
TE60A0551Q01
5.0V
7.00A
60W
75mV pk-pk
±1%
±5%
6 pin Molex Type
2
#18AWG, See
mechanical
drawings for cable
length.
Class II Desktop,
IEC60320 C18
Receptacle
TE60A0903Q01
9.0V
6.00A
54W
90mV pk-pk
±1%
±5%
2.5 x 5.5 x 9.5mm
Straight Barrel
Type, center
positive
TE60A1203Q01
12.0V
5.00A
60W
120mV pk-pk
±1%
±5%
TE60A1503Q01
15.0V
4.00A
60W
150mV pk-pk
±1%
±5%
TE60A1803Q01
18.0V
3.40A
60W
180mV pk-pk
±1%
±5%
TE60A2403Q01
24.0V
2.70A
60W
240mV pk-pk
±1%
±5%
TE60A4803Q01
48.0V
1.35A
60W
480mV pk-pk
±1%
±5%
Notes:
1. Measured at the output connector, with noise probe directly across output and load, terminated with 0.1μF ceramic and 47μF low ESR capacitors. For 5V and 6V models, values listed
are typical, 100mV pk-pk maximum.
2. Molex p/n 39-01-2060 or equivalent. See outline drawing for pinout information.
3. For Input Class I models: For AC GND connected to output common (-), insert a “B” in the part number where the “A” is located (TE60B1203F01).
4. All specifications are typical at nominal input, full load, at 25
°C ambient unless noted.


Similar Part No. - TE60A2403F01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
TE60A2403F01 SLPOWER-TE60A2403F01 Datasheet
761Kb / 4P
   60W Single Output External Power
More results

Similar Description - TE60A2403F01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
ME60 SLPOWER-ME60 Datasheet
707Kb / 4P
   60W Single Output External Power
ME60 SLPOWER-ME60_16 Datasheet
633Kb / 4P
   60W Single Output External Power
TE60 SLPOWER-TE60 Datasheet
761Kb / 4P
   60W Single Output External Power
GB60 SLPOWER-GB60 Datasheet
2Mb / 7P
   60W Single Output
logo
Mean Well Enterprises C...
LPC-60 MEANWELL-LPC-60_11 Datasheet
136Kb / 2P
   60W Single Output Switching Power Supply
PLP-60 MEANWELL-PLP-60 Datasheet
288Kb / 3P
   60W Single Output LED Power Supply
PLN-60 MEANWELL-PLN-60 Datasheet
189Kb / 2P
   60W Single Output LED Power Supply
LPC-60 MEANWELL-LPC-60_12 Datasheet
136Kb / 2P
   60W Single Output Switching Power Supply
LPF-60 MEANWELL-LPF-60_12 Datasheet
216Kb / 3P
   60W Single Output Switching Power Supply
HLG-60H_1108 MEANWELL-HLG-60H_1108 Datasheet
386Kb / 6P
   60W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com