Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

33520B Datasheet(PDF) 4 Page - Keysight Technologies

Part # 33520B
Description  Waveform Generators
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

33520B Datasheet(HTML) 4 Page - Keysight Technologies

  33520B Datasheet HTML 1Page - Keysight Technologies 33520B Datasheet HTML 2Page - Keysight Technologies 33520B Datasheet HTML 3Page - Keysight Technologies 33520B Datasheet HTML 4Page - Keysight Technologies 33520B Datasheet HTML 5Page - Keysight Technologies 33520B Datasheet HTML 6Page - Keysight Technologies 33520B Datasheet HTML 7Page - Keysight Technologies 33520B Datasheet HTML 8Page - Keysight Technologies 33520B Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
The 33500B Series waveform generators offer the common
signals and features you expect, such as modulation, sweep, and
burst. But the 33500B Series offers many more features that give
you the capabilities and flexibility you need to get your job done.
Like an intuitive front-panel user interface that makes it easy to
quickly relearn it when you’ve been focused elsewhere. Like built-
in LAN, USB and GPIB interfaces that make it easy to control your
instruments or transfer your waveforms to your instrument.
But the 33500B Series doesn’t stop there. It offers a variety of
capabilities you won’t find elsewhere—capabilities that help you
accelerate your testing and get your project wrapped up faster:
Waveform summing and combining capability
Easily add noise to your signal for margin and distortion testing
using only a single channel. You can create dual-tone
multifrequency signals without a dual-channel generator,
which means you can preserve your budget for other test
needs. On a two-channel model, you can sum and combine
up to four signals.
Variable-bandwidth noise
You can adjust the bandwidth of the built-in noise generator to
control the frequency content of your signal. Apply just the
frequency stimulus you need so you concentrate the energy of
your waveform in frequency bands of interest.
Trueform Technology – Unmatched capabilities for generating a full range of
signals for the most demanding requirements
The images show approximately 10 dB increase in amplitude at 50 kHz when the bandwidth is reduced 10x. You can see how the signal energy is increased in the
frequencies of interest when the bandwidth is reduced, instead of being spread over a very wide bandwidth with lower amplitude at all frequencies.
Dual-tone signal created by summing waveforms using the modulation type, “Sum.”
4 | Keysight | 33500B Series Waveform Generators - Data Sheet


Similar Part No. - 33520B

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3352 BOURNS-3352 Datasheet
93Kb / 1P
   3/8 Round Trimming Potentiometer
logo
Pomona Electronics
3352 POMONA-3352 Datasheet
65Kb / 2P
   PJ-051 (WE310) Phone Plug To Alligator Clips
logo
List of Unclassifed Man...
3352 ETC2-3352 Datasheet
113Kb / 2P
   FLAT WASHERS NYLON FIBRE
3352 ETC2-3352 Datasheet
68Kb / 1P
   WASHERS
3352 ETC-3352 Datasheet
100Kb / 1P
   Heyco짰 Nylon Cable Clamps
More results

Similar Description - 33520B

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
33511B KEYSIGHT-33511B Datasheet
6Mb / 23P
   Waveform Generators
33519B KEYSIGHT-33519B Datasheet
6Mb / 23P
   Waveform Generators
33522B KEYSIGHT-33522B Datasheet
6Mb / 23P
   Waveform Generators
33521B KEYSIGHT-33521B Datasheet
6Mb / 23P
   Waveform Generators
33509B KEYSIGHT-33509B Datasheet
6Mb / 23P
   Waveform Generators
33510B KEYSIGHT-33510B Datasheet
6Mb / 23P
   Waveform Generators
33512B KEYSIGHT-33512B Datasheet
6Mb / 23P
   Waveform Generators
33621A KEYSIGHT-33621A Datasheet
2Mb / 24P
   Trueform Waveform Generators
33622A KEYSIGHT-33622A Datasheet
2Mb / 24P
   Trueform Waveform Generators
33611A KEYSIGHT-33611A Datasheet
2Mb / 24P
   Trueform Waveform Generators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com