Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQCM-100 Datasheet(PDF) 3 Page - IQD Frequency Products Ltd

Part # IQCM-100
Description  OCXO Specification
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

IQCM-100 Datasheet(HTML) 3 Page - IQD Frequency Products Ltd

  IQCM-100 Datasheet HTML 1Page - IQD Frequency Products Ltd IQCM-100 Datasheet HTML 2Page - IQD Frequency Products Ltd IQCM-100 Datasheet HTML 3Page - IQD Frequency Products Ltd IQCM-100 Datasheet HTML 4Page - IQD Frequency Products Ltd IQCM-100 Datasheet HTML 5Page - IQD Frequency Products Ltd IQCM-100 Datasheet HTML 6Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IQCM-100
OCXO Specification
Output Details
Output Compatability
HCMOS
1PPS Reference Output, Pin 3 (15pF test condition):
Waveform: HCMOS
VoH: 2.7V min
VoL: 0.4V max
Pulse Width: 10µs min
Phase Accuracy
<30min after GNSS lock status: ±200ns
>30min after GNSS lock status: ±80ns
Phase Accuracy RMS
>24hrs after GNSS lock status: ±25ns
Lock Status Indicator, Pin 5:
Module Locked: 2.7V min
Module Holdover: 0.4V max
Module Locked means Working State is = Run2
Serial Interface (pin6 and pin7)
UART
VoL and ViL: 0.4V max
VoH and ViH: 2.7V min
Baud rate: 9600
Bits: 8
Parity: N
Stop Bit: 1
Noise Parameters
Phase Noise on 10MHz RF output signal (dBm/Hz)
Offset Typical Max
10Hz
-125
-120
100Hz -140
-135
1kHz
-148
-143
10kHz -152
-147
100kHz -155
-150
1MHz
-155
-150
Environmental Parameters
Operating Temperature Range: -20 to 75°C
Storage Conditions:
Temperature: -55 to 105°C
Humidity: 30 to 80%
Shock: IEC68-2-27 Test Ea, severity 50A, 50G 11ms half
sinewave, 3 times in three mutually perpendicular axies
Vibration: IEC 68-2-06 Test Fc, 10G, 0.75mm acceleration,
10Hz to 500Hz, 3 times in three mutually perpendicular axies
Manufacturing Details
ESD Level:
ANSI/ESDA/JEDEC JS-001-2010; HBM Class 2; 2kV to 4kV
ANSI/ESDA/JEDEC JS-001-2010; Machine Model Class B
200V to 400V
Printed on 26 Apr 16 10:46 using Model Data Sheet V1.2550
Page 3 of 6
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Similar Part No. - IQCM-100

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
IQCM-110 IQD-IQCM-110 Datasheet
239Kb / 4P
   OCXO Specification
More results

Similar Description - IQCM-100

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
IQOV-71 IQD-IQOV-71 Datasheet
167Kb / 5P
   OCXO Specification
IQOV-90 IQD-IQOV-90 Datasheet
274Kb / 3P
   OCXO Specification
IQCM-110 IQD-IQCM-110 Datasheet
239Kb / 4P
   OCXO Specification
IQOV-74 IQD-IQOV-74 Datasheet
457Kb / 4P
   OCXO Specification
IQOV-114 IQD-IQOV-114 Datasheet
809Kb / 2P
   OCXO Specification
IQCM-200 IQD-IQCM-200 Datasheet
424Kb / 5P
   OCXO Specification
IQOV-72 IQD-IQOV-72 Datasheet
139Kb / 3P
   OCXO Specification
IQOV-164 IQD-IQOV-164 Datasheet
1Mb / 3P
   OCXO Specification
IQOV-210F IQD-IQOV-210F Datasheet
1,010Kb / 3P
   OCXO Specification
IQOV-50 IQD-IQOV-50 Datasheet
682Kb / 2P
   OCXO Specification
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com