Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC620HEOA Datasheet(PDF) 6 Page - Microchip Technology

Part # TC620HEOA
Description  5V, Dual Trip Point Temperature Sensors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC620HEOA Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC620HEOA Datasheet HTML 2Page - Microchip Technology TC620HEOA Datasheet HTML 3Page - Microchip Technology TC620HEOA Datasheet HTML 4Page - Microchip Technology TC620HEOA Datasheet HTML 5Page - Microchip Technology TC620HEOA Datasheet HTML 6Page - Microchip Technology TC620HEOA Datasheet HTML 7Page - Microchip Technology TC620HEOA Datasheet HTML 8Page - Microchip Technology TC620HEOA Datasheet HTML 9Page - Microchip Technology TC620HEOA Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TC620/TC621
DS20001439E-page 6
 2001-2015 Microchip Technology Inc.
3.3
Using the TC621
The TC621 operation is similar to that of the TC620, but
requires an external NTC thermistor. Use the resis-
tance versus temperature curve of the thermistor to
determine the values of the programming resistors.
Note that the pin numbers for the HIGH SET and LOW
SET programming resistors for the TC621 are reversed
versus that of the TC620 (i.e., the resistor value on
HIGH SET [Pin 2] should always be lower than the one
connected to LOW SET [Pin 3]). Also note that the
outputs of the TC621 are LOW TRUE when used with
an NTC thermistor.
3.4
TC621 Thermistor Selection
The TC621 uses an external thermistor to monitor the
controlling temperature. A thermistor with a resistance
value
of
approximately
100
k
 at 25°C is
recommended.
A temperature set point is selected by picking a resis-
tor whose value is equal to the resistance of the therm-
istor at the desired temperature. For example, using
the data shown in Figure 3-4, a 30 k
 resistor between
HIGH TEMP (Pin 2) and VDD (Pin 8) sets the high
temperature trip point at +51°C and a 49 k
 resistor on
LOW TEMP (Pin 3) sets the low temperature trip point
to +41°C.
FIGURE 3-4:
Typical NTC Thermistor.
3.5
TC620/TC621 Outputs
Both devices have complimentary output stages. They
are rated at a source or sink current of 1 mA maximum.
010
20
30
40
50
100
70
TEMPERATURE (°C)
0
50
60
150
200
250
300
350


Similar Part No. - TC620HEOA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC620HEOA TELCOM-TC620HEOA Datasheet
75Kb / 6P
   5V, DUAL TRIP POINT TEMPERATURE SENSORS
More results

Similar Description - TC620HEOA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC620CEOA713 MICROCHIP-TC620CEOA713 Datasheet
276Kb / 14P
   5V Dual Trip Point Temperature Sensors
10/31/05
TC620 MICROCHIP-TC620_13 Datasheet
195Kb / 16P
   5V, Dual Trip Point Temperature Sensors
2001-2012 11/29/12
TC620 MICROCHIP-TC620 Datasheet
450Kb / 14P
   5V, Dual Trip Point Temperature Sensors
2012
logo
TelCom Semiconductor, I...
TC620 TELCOM-TC620 Datasheet
75Kb / 6P
   5V, DUAL TRIP POINT TEMPERATURE SENSORS
logo
Microchip Technology
TC623 MICROCHIP-TC623_13 Datasheet
141Kb / 12P
   3V, Dual Trip Point Temperature Sensor
11/29/12 2001-2012
TC623 MICROCHIP-TC623_06 Datasheet
239Kb / 12P
   3V, Dual Trip Point Temperature Sensor
2006
logo
ON Semiconductor
MC623 ONSEMI-MC623 Datasheet
71Kb / 4P
   3V, Dual Trip Point Temperature Sensor
February, 2000 ??Rev. 0
logo
Microchip Technology
TC623 MICROCHIP-TC623 Datasheet
422Kb / 12P
   3V, Dual Trip Point Temperature Sensor
2002
logo
TelCom Semiconductor, I...
TC623 TELCOM-TC623 Datasheet
41Kb / 3P
   3V, DUAL TRIP POINT TEMPERATURE SENSOR
logo
ON Semiconductor
MC642.REV3 ONSEMI-MC642.REV3 Datasheet
65Kb / 5P
   3.0 V, Dual Trip Point Temperature Sensor
February, 2003 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com