Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2357 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2357
Description  250MHz, Rail-to-Rail I/O, CMOS Operational Amplifier with Shutdown
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2357 Datasheet(HTML) 4 Page - Burr-Brown (TI)

  OPA2357 Datasheet HTML 1Page - Burr-Brown (TI) OPA2357 Datasheet HTML 2Page - Burr-Brown (TI) OPA2357 Datasheet HTML 3Page - Burr-Brown (TI) OPA2357 Datasheet HTML 4Page - Burr-Brown (TI) OPA2357 Datasheet HTML 5Page - Burr-Brown (TI) OPA2357 Datasheet HTML 6Page - Burr-Brown (TI) OPA2357 Datasheet HTML 7Page - Burr-Brown (TI) OPA2357 Datasheet HTML 8Page - Burr-Brown (TI) OPA2357 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
OPA357
OPA2357
SBOS235C − MARCH 2002− REVISED MAY 2004
www.ti.com
4
ELECTRICAL CHARACTERISTICS: VS = +2.7V to +5.5V Single-Supply (continued)
Boldface limits apply over the temperature range, TA = −40°C to +125°C.
All specifications at TA = +25°C, RF = 0Ω , RL = 1kΩ connected to VS/2, unless otherwise noted.
OPA357AI
OPA2357AI
PARAMETER
UNITS
MAX
TYP
MIN
CONDITIONS
POWER SUPPLY
Specified Voltage Range
VS
2.7
5.5
V
Operating Voltage Range
2.5 to 5.5
V
Quiescent Current (per amplifier)
IQ
VS = +5V, Enabled, IO = 0
4.9
6
mA
Specified Temperature Range
7.5
mA
ENABLE/SHUTDOWN FUNCTION
Disabled (logic−LOW Threshold)
0.8
V
Enabled (logic−HIGH Threshold)
2
V
Logic Input Current
Logic LOW
200
nA
Turn-On Time
100
ns
Turn-Off Time
30
ns
Off Isolation
G = +1, 5MHz, RL = 10Ω
74
dB
Quiescent Current (per amplifier)
3.4
6
µA
THERMAL SHUTDOWN
Junction Temperature
TJ
Shutdown
+160
°C
Reset from Shutdown
+140
°C
TEMPERATURE RANGE
Specified Range
−40
+125
°C
Operating Range
−55
+150
°C
Storage Range
−65
+150
°C
Thermal Resistance
qJA
°C/W
SOT23-6
150
°C/W
SO-8 PowerPAD
65
°C/W
MSOP-10
150
°C/W
(1) See typical characteristics Output Voltage Swing vs Output Current.
(2) Specified by design.


Similar Part No. - OPA2357

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2357 TI-OPA2357 Datasheet
1Mb / 30P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS Operational Amplifier with Shutdown
MARCH 2002 - REVISED MAY 2009
OPA2357AIDGSR TI-OPA2357AIDGSR Datasheet
1Mb / 30P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS Operational Amplifier with Shutdown
MARCH 2002 - REVISED MAY 2009
OPA2357AIDGSRG4 TI-OPA2357AIDGSRG4 Datasheet
1Mb / 30P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS Operational Amplifier with Shutdown
MARCH 2002 - REVISED MAY 2009
OPA2357AIDGST TI-OPA2357AIDGST Datasheet
1Mb / 30P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS Operational Amplifier with Shutdown
MARCH 2002 - REVISED MAY 2009
OPA2357AIDGSTG4 TI-OPA2357AIDGSTG4 Datasheet
1Mb / 30P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS Operational Amplifier with Shutdown
MARCH 2002 - REVISED MAY 2009
More results

Similar Description - OPA2357

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA354AIDBVRG4 TI1-OPA354AIDBVRG4 Datasheet
1Mb / 32P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA2354AIDGKRG4 TI1-OPA2354AIDGKRG4 Datasheet
1Mb / 33P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354 TI-OPA354 Datasheet
511Kb / 23P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354AIDBVTG4 TI1-OPA354AIDBVTG4 Datasheet
1Mb / 33P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
   Rail-to-Rail I/O CMOS Operational Amplifier
logo
Shenzhen Huazhimei Semi...
HM8051 HMSEMI-HM8051 Datasheet
1Mb / 18P
   250MHz Rail-to-Rail Output CMOS Operational Amplifier
logo
SG Micro Corp
SGM8051 SGMICRO-SGM8051 Datasheet
757Kb / 20P
   250MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
Texas Instruments
SN65HVDA541QDRQ1 TI-SN65HVDA541QDRQ1 Datasheet
1Mb / 30P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS Operational Amplifier with Shutdown
MARCH 2002 - REVISED MAY 2009
logo
3PEAK INC.
TPH2501 3PEAK-TPH2501 Datasheet
1Mb / 20P
   250MHz, Precision, Rail-to-Rail I/O, CMOS Op-amps
logo
Burr-Brown (TI)
OPA4374 BURR-BROWN-OPA4374 Datasheet
549Kb / 21P
   6.5MHz, 585UA, Rail-to-Rail I/O CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com