Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA8391G-TR Datasheet(PDF) 6 Page - Rohm

Part # BA8391G-TR
Description  Ground Sense Comparator
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA8391G-TR Datasheet(HTML) 6 Page - Rohm

Back Button BA8391G-TR Datasheet HTML 2Page - Rohm BA8391G-TR Datasheet HTML 3Page - Rohm BA8391G-TR Datasheet HTML 4Page - Rohm BA8391G-TR Datasheet HTML 5Page - Rohm BA8391G-TR Datasheet HTML 6Page - Rohm BA8391G-TR Datasheet HTML 7Page - Rohm BA8391G-TR Datasheet HTML 8Page - Rohm BA8391G-TR Datasheet HTML 9Page - Rohm BA8391G-TR Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
Datasheet
www.rohm.com
TSZ02201-0RFR0G200200-1-2
©2013 ROHM Co., Ltd. All rights reserved.
6/53
05.Jun.2015 Rev.004
TSZ22111 • 15 • 001
BA8391G
BA10393F
BA10339 Series
BA2903 Series
BA2901 Series
Electrical Characteristics
○BA8391G(Unless otherwise specified VCC=+5V, VEE=0V, TA=25°C)
Parameter
Symbol
Temperature
Range
Limit
Unit
Conditions
Min
Typ
Max
Input Offset Voltage
(Note 19,20)
VIO
25°C
-
2
7
mV
OUT=1.4V
Full range
-
-
15
VCC=5 to 36V, OUT=1.4V
Input Offset Current
(Note 19,20)
IIO
25°C
-
5
50
nA
OUT=1.4V
Full range
-
-
200
Input Bias Current
(Note 20,21)
IB
25°C
-
50
250
nA
OUT=1.4V
Full range
-
-
500
Input Common-mode
Voltage Range
VICM
25°C
0
-
VCC
-1.5
V
-
Large Signal Voltage Gain
AV
25°C
25
100
-
V/mV
VCC=15V, OUT=1.4 to 11.4V
RL
=15kΩ, VRL=15V
88
100
-
dB
Supply Current
(Note 20)
ICC
25°C
-
0.3
0.7
mA
OUT=Open
Full range
-
-
1.3
OUT=Open, VCC=36V
Output Sink Current
(Note 22)
ISINK
25°C
6
16
-
mA
+IN=0V, -IN=1V
OUT=1.5V
Output Saturation Voltage
(Note 20)
(Low Level Output Voltage)
VOL
25°C
-
150
400
mV
+IN= 0V, -IN=1V
ISINK=4mA
Full range
-
-
700
Output Leakage Current
(Note 20)
(High Level Output Current)
ILEAK
25°C
-
0.1
-
nA
+IN=1V, -IN=0V
OUT=5V
Full range
-
-
1
μA
+IN=1V, -IN=0V
OUT=36V
Response Time
tRE
25°C
-
1.3
-
μs
RL
=5.1kΩ, VRL=5V
IN=100mVP-P, Overdrive=5mV
-
0.4
-
RL
=5.1kΩ, VRL=5V, IN=TTL
Logic Swing, VREF=1.4V
(Note 19) Absolute value
(Note 20) Full range
TA=-40°C to +85°C
(Note 21) Current Direction: Because the first stage is composed with PNP transistor, input bias current flows out of IC.
(Note 22) Please determine the output current value in consideration of the power dissipation of the IC under high temperature environment.
When the output terminal is continuously shorted, output current may be reduced by the temperature rise of the IC.


Similar Part No. - BA8391G-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BA8391G-TR ROHM-BA8391G-TR Datasheet
958Kb / 56P
   Ground Sense Comparator
More results

Similar Description - BA8391G-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
LM393F ROHM-LM393F Datasheet
1Mb / 23P
   Ground Sense Comparator
BA2903WF ROHM-BA2903WF Datasheet
958Kb / 56P
   Ground Sense Comparator
BA2901KN-E2 ROHM-BA2901KN-E2 Datasheet
958Kb / 56P
   Ground Sense Comparator
BA10393F-E2 ROHM-BA10393F-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_09 Datasheet
574Kb / 20P
   Comparators: Ground Sense
BA10339FV-E2 ROHM-BA10339FV-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
LM393XXX ROHM-LM393XXX Datasheet
4Mb / 40P
   Ground Sense Comparators
15.Jul.2016 Rev.002
BA2903YF-LB ROHM-BA2903YF-LB Datasheet
677Kb / 31P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_10 Datasheet
466Kb / 20P
   Comparators : Ground Sense
BA10393F ROHM-BA10393F_11 Datasheet
551Kb / 25P
   Ground Sense Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com