Electronic Components Datasheet Search |
|
BA8391G Datasheet(PDF) 9 Page - Rohm |
|
BA8391G Datasheet(HTML) 9 Page - Rohm |
9 / 57 page Datasheet www.rohm.com TSZ02201-0RFR0G200200-1-2 ©2013 ROHM Co., Ltd. All rights reserved. 9/53 05.Jun.2015 Rev.004 TSZ22111 • 15 • 001 BA8391G BA10393F BA10339 Series BA2903 Series BA2901 Series Electrical Characteristics - continued ○BA2903Wxx (Unless otherwise specified VCC=+5V, VEE=0V, TA=25°C) Parameter Symbol Temperature Range Limit Unit Conditions Min Typ Max Input Offset Voltage (Note 33) VIO 25°C - 0.5 2 mV OUT=1.4V Input Offset Current (Note 33) IIO 25°C - 5 50 nA OUT=1.4V Input Bias Current (Note 34,35) IB 25°C - 50 250 nA OUT=1.4V Full range - - 500 Input Common-mode Voltage Range VICM 25°C 0 - VCC -1.5 V - Large Signal Voltage Gain AV 25°C 25 100 - V/mV VCC=15V, OUT=1.4 to 11.4V RL =15kΩ, VRL=15V 88 100 - dB Supply Current (Note 34) ICC 25°C - 0.6 1 mA OUT=Open Full range - - 2.5 OUT=Open, VCC=36V Output Sink Current (Note 36) ISINK 25°C 6 16 - mA +IN=0V, -IN=1V OUT=1.5V Output Saturation Voltage (Note 34) (Low Level Output Voltage) VOL 25°C - 150 400 mV +IN=0V, -IN= 1V ISINK=4mA Full range - - 700 Output Leakage Current (Note 34) (High Level Output Current) ILEAK 25°C - 0.1 - nA +IN=1V, -IN=0V OUT=5V Full range - - 1 μA +IN=1V, -IN=0V OUT=36V Response Time tRE 25°C - 1.3 - μs RL =5.1kΩ, VRL=5V IN=100mVP-P, Overdrive=5mV - 0.4 - RL =5.1kΩ, VRL=5V, IN=TTL Logic Swing, VREF=1.4V (Note 33) Absolute value (Note 34) BA2903W: Full range -40°C to +125°C (Note 35) Current Direction: Because the first stage is composed with PNP transistor, input bias current flows out of IC. (Note 36) Please determine the output current value in consideration of the power dissipation of the IC under high temperature environment. When the output terminal is continuously shorted, output current may be reduced by the temperature rise of the IC. |
Similar Part No. - BA8391G |
|
Similar Description - BA8391G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |