Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISD33120-4ED Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part No. ISD33120-4ED
Description  Single-Chip Voice Record/Playback Devices 60-, 75-, 90-, and 120-Second Durations
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ISD33120-4ED Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button ISD33120-4ED Datasheet HTML 13Page - List of Unclassifed Manufacturers ISD33120-4ED Datasheet HTML 14Page - List of Unclassifed Manufacturers ISD33120-4ED Datasheet HTML 15Page - List of Unclassifed Manufacturers ISD33120-4ED Datasheet HTML 16Page - List of Unclassifed Manufacturers ISD33120-4ED Datasheet HTML 17Page - List of Unclassifed Manufacturers ISD33120-4ED Datasheet HTML 18Page - List of Unclassifed Manufacturers ISD33120-4ED Datasheet HTML 19Page - List of Unclassifed Manufacturers ISD33120-4ED Datasheet HTML 20Page - List of Unclassifed Manufacturers ISD33120-4ED Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
 
13
ISD
   ,     
   , ./     
/    ,   
+       

 0 10 10
 0 10 10
Table 8:
Absolute Maximum Ratings (Die)
Condition
Value
C7." .6%$*.7$
D;
."$*< .6%$*.7$ $*<
3D; ." ED;
9"(.*< *%%(+ ." *, %*+
=9 3 9> ."
=9 E  9>
9"(.*< *%%(+ ." *, %*+
=%7. 7$$. (6.+ ." F 61>
=9 3 9> ."
=9 E  9>
9"(.*< *%%(+ ." G ;0G
*+  %4 =%7. 7$$. (6.+ ."
F 61>
=9 3  9> ."
 9
9 39
3 9 ." E 9
Table 9:
Operating Conditions (Die)
Condition
Value
;"66$*( "%$*.<
.6%$*.7$ $*<
D; ." ED;
7%%(, '"(.*< =9>
E 9 ." E 9
I$"7+ '"(.*< =9>
9
Table 10: DC Parameters (Die)
Symbol
Parameters
Min(2)
Typ(1)
Max(2)
Units
Conditions
9
%7. 0"# 9"(.*<
9 H  9
9 
%7. <8 9"(.*<
9 H 
  9
9
7.%7. 0"# 9"(.*<
 9
 @ J1
9
1;G ?/ 7.%7. 0"# 9"(.*<
 9
 @ 61
9
7.%7. <8 9"(.*<
9 3 
9
 @ 3 J1

9 ;7$$. =%$*.<>
(*,)*5
"$+




61
61
 @ ∞ 
 @ ∞ 

9 ;7$$. =.*+),>

 J1
 

%7. 0*5*< ;7$$.
F J1

 /$4.*. ;7$$.

 J1

7.%7. 0"*+ 6%+*

Ω


Similar Part No. - ISD33120-4ED

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
ISD33120 ETC1-ISD33120 Datasheet
1Mb / 30P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES 2-, 2.5-, 3-, AND 4-MINUTE DURATIONS
ISD33120E ETC1-ISD33120E Datasheet
1Mb / 30P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES 2-, 2.5-, 3-, AND 4-MINUTE DURATIONS
ISD33120ED ETC1-ISD33120ED Datasheet
1Mb / 30P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES 2-, 2.5-, 3-, AND 4-MINUTE DURATIONS
ISD33120EI ETC1-ISD33120EI Datasheet
1Mb / 30P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES 2-, 2.5-, 3-, AND 4-MINUTE DURATIONS
ISD33120P ETC1-ISD33120P Datasheet
1Mb / 30P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES 2-, 2.5-, 3-, AND 4-MINUTE DURATIONS
More results

Similar Description - ISD33120-4ED

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
ISD2560 ETC1-ISD2560 Datasheet
801Kb / 26P
   Single-Chip Voice Record/Playback Devices 60-, 75-, 90-, and 120-Second Durations
ISD1000A ETC-ISD1000A Datasheet
402Kb / 20P
   Single-Chip Voice Record/Playback Devices 16- and 20-Second Durations
ISD1400 ETC-ISD1400 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 16-and 20-Second Durations
ISD1200 ETC-ISD1200 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 10- and 12-Second Durations
ISD4002 ETC-ISD4002 Datasheet
2Mb / 30P
   Single-Chip Voice Record/Playback Devices 120-, 150-, 180-, and 240-Second Durations
ISD2500 ETC1-ISD2500 Datasheet
331Kb / 28P
   Single-Chip Voice Record/Playback Devices 32-, 40-, 48-, 64-,60-,75,90-, and 120-Second Durations
Generalplus Technology Inc.
Generalplus Technology ...
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
List of Unclassifed Manufacturers
List of Unclassifed Man...
ISD1100 ETC-ISD1100 Datasheet
265Kb / 24P
   SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
Winbond
Winbond
ISD1810 WINBOND-ISD1810 Datasheet
278Kb / 18P
   Single-Chip, Single-Message Voice Record/Playback Device 8- to 16-Second Durations
Generalplus Technology Inc.
Generalplus Technology ...
GPCR03B GENERALPLUS-GPCR03B Datasheet
162Kb / 7P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz