Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISD33120-4ED Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part No. ISD33120-4ED
Description  Single-Chip Voice Record/Playback Devices 60-, 75-, 90-, and 120-Second Durations
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ISD33120-4ED Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button ISD33120-4ED Datasheet HTML 14Page - List of Unclassifed Manufacturers ISD33120-4ED Datasheet HTML 15Page - List of Unclassifed Manufacturers ISD33120-4ED Datasheet HTML 16Page - List of Unclassifed Manufacturers ISD33120-4ED Datasheet HTML 17Page - List of Unclassifed Manufacturers ISD33120-4ED Datasheet HTML 18Page - List of Unclassifed Manufacturers ISD33120-4ED Datasheet HTML 19Page - List of Unclassifed Manufacturers ISD33120-4ED Datasheet HTML 20Page - List of Unclassifed Manufacturers ISD33120-4ED Datasheet HTML 21Page - List of Unclassifed Manufacturers ISD33120-4ED Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
14
 
Voice Solutions in Silicon™
 2 ,  3 2 1 456   0
  7/      ,     8 9   
!  
 & ,   5",    / 0   % :;     55 , 
 0  0  
  1010 <:; 1 % 1 0 10      
      
  1?1 ?E %7. 44.*


 Ω
 
1?1 ?3 %7. 44.*


 Ω
1
1?1 ?E "$ 1?1 ? ." 1/ I*

+B

Table 11: AC Parameters (Die)
Symbol
Characteristic
Min(2)
Typ (1)
Max(2)
Units
Conditions
:
*6%(<
:$L7,
















:
:(.$ *44 B*+












+B "((-- ".  
+B "((-- ".  
+B "((-- ".  
+B "((-- ".  
/
"$+
7$*."










 

4
4
4
4
 
 
 
 
/
(*,)*5
7$*."










 

4
4
4
4
 
 
 
 
/
"#$% (*, 



 







64
64
64
64




/ "$
/
."% "$ *74 
"$+ "$ (*,








64
64
64
64
/
1; ;("5
$"+




 
 

 


 

64
64
64
64
 !
 !
 !
 !
Table 10: DC Parameters (Die)
Symbol
Parameters
Min(2)
Typ(1)
Max(2)
Units
Conditions


Similar Part No. - ISD33120-4ED

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
ISD33120 ETC1-ISD33120 Datasheet
1Mb / 30P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES 2-, 2.5-, 3-, AND 4-MINUTE DURATIONS
ISD33120E ETC1-ISD33120E Datasheet
1Mb / 30P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES 2-, 2.5-, 3-, AND 4-MINUTE DURATIONS
ISD33120ED ETC1-ISD33120ED Datasheet
1Mb / 30P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES 2-, 2.5-, 3-, AND 4-MINUTE DURATIONS
ISD33120EI ETC1-ISD33120EI Datasheet
1Mb / 30P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES 2-, 2.5-, 3-, AND 4-MINUTE DURATIONS
ISD33120P ETC1-ISD33120P Datasheet
1Mb / 30P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES 2-, 2.5-, 3-, AND 4-MINUTE DURATIONS
More results

Similar Description - ISD33120-4ED

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
ISD2560 ETC1-ISD2560 Datasheet
801Kb / 26P
   Single-Chip Voice Record/Playback Devices 60-, 75-, 90-, and 120-Second Durations
ISD1000A ETC-ISD1000A Datasheet
402Kb / 20P
   Single-Chip Voice Record/Playback Devices 16- and 20-Second Durations
ISD1400 ETC-ISD1400 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 16-and 20-Second Durations
ISD1200 ETC-ISD1200 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 10- and 12-Second Durations
ISD4002 ETC-ISD4002 Datasheet
2Mb / 30P
   Single-Chip Voice Record/Playback Devices 120-, 150-, 180-, and 240-Second Durations
ISD2500 ETC1-ISD2500 Datasheet
331Kb / 28P
   Single-Chip Voice Record/Playback Devices 32-, 40-, 48-, 64-,60-,75,90-, and 120-Second Durations
Generalplus Technology Inc.
Generalplus Technology ...
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
List of Unclassifed Manufacturers
List of Unclassifed Man...
ISD1100 ETC-ISD1100 Datasheet
265Kb / 24P
   SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
Winbond
Winbond
ISD1810 WINBOND-ISD1810 Datasheet
278Kb / 18P
   Single-Chip, Single-Message Voice Record/Playback Device 8- to 16-Second Durations
Generalplus Technology Inc.
Generalplus Technology ...
GPCR03B GENERALPLUS-GPCR03B Datasheet
162Kb / 7P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz