Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA357AIDDA Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA357AIDDA
Description  250MHz, Rail-to-Rail I/O, CMOS Operational Amplifier with Shutdown
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA357AIDDA Datasheet(HTML) 5 Page - Burr-Brown (TI)

  OPA357AIDDA Datasheet HTML 1Page - Burr-Brown (TI) OPA357AIDDA Datasheet HTML 2Page - Burr-Brown (TI) OPA357AIDDA Datasheet HTML 3Page - Burr-Brown (TI) OPA357AIDDA Datasheet HTML 4Page - Burr-Brown (TI) OPA357AIDDA Datasheet HTML 5Page - Burr-Brown (TI) OPA357AIDDA Datasheet HTML 6Page - Burr-Brown (TI) OPA357AIDDA Datasheet HTML 7Page - Burr-Brown (TI) OPA357AIDDA Datasheet HTML 8Page - Burr-Brown (TI) OPA357AIDDA Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
OPA357
OPA2357
SBOS235C − MARCH 2002− REVISED MAY 2004
www.ti.com
5
TYPICAL CHARACTERISTICS
At TA = +25°C, VS = 5V, G = +1, RF = 0Ω, RL = 1kΩ, and connected to VS/2, unless otherwise noted.
NONINVERTING SMALL−SIGNAL
FREQUENCY RESPONSE
Frequency (Hz)
10M
1M
100M
1G
100k
3
0
−3
−6
−9
−12
−15
V
O =0.1VPP
G= +2, R
F =604Ω
G= +1
R
F =25Ω
G= +5, R
F =604Ω
G= +10, R
F = 604Ω
INVERTING SMALL−SIGNAL
FREQUENCY RESPONSE
Frequency (Hz)
10M
1M
100M
1G
100k
3
0
−3
−6
−9
−12
−15
V
O =0.1VPP,RF = 604Ω
G=
−1
G=
−5
G=
−10
G=
−2
NONINVERTING SMALL−SIGNAL STEP RESPONSE
Time (20ns/div)
NONINVERTING LARGE−SIGNAL STEP RESPONSE
Time (20ns/div)
LARGE−SIGNAL DISABLE/ENABLE RESPONSE
4.5
3.5
2.5
1.5
0.5
Time (200ns/div)
V
OUT
f
IN =5MHz
Enabled
Disabled
0.1dB GAIN FLATNESS
Frequency (Hz)
10M
1M
100M
1G
100k
0.5
0.4
0.3
0.2
0.1
0
−0.1
−0.2
−0.3
−0.4
−0.5
V
O =0.1VPP
G= +1
R
F =25Ω
G= +2
R
F =604 Ω


Similar Part No. - OPA357AIDDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA357AIDDA TI-OPA357AIDDA Datasheet
1Mb / 30P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS Operational Amplifier with Shutdown
MARCH 2002 - REVISED MAY 2009
OPA357AIDDAG3 TI-OPA357AIDDAG3 Datasheet
1Mb / 30P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS Operational Amplifier with Shutdown
MARCH 2002 - REVISED MAY 2009
OPA357AIDDAR TI-OPA357AIDDAR Datasheet
1Mb / 30P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS Operational Amplifier with Shutdown
MARCH 2002 - REVISED MAY 2009
OPA357AIDDARG3 TI-OPA357AIDDARG3 Datasheet
1Mb / 30P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS Operational Amplifier with Shutdown
MARCH 2002 - REVISED MAY 2009
More results

Similar Description - OPA357AIDDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA354AIDBVRG4 TI1-OPA354AIDBVRG4 Datasheet
1Mb / 32P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA2354AIDGKRG4 TI1-OPA2354AIDGKRG4 Datasheet
1Mb / 33P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354 TI-OPA354 Datasheet
511Kb / 23P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354AIDBVTG4 TI1-OPA354AIDBVTG4 Datasheet
1Mb / 33P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
   Rail-to-Rail I/O CMOS Operational Amplifier
logo
Shenzhen Huazhimei Semi...
HM8051 HMSEMI-HM8051 Datasheet
1Mb / 18P
   250MHz Rail-to-Rail Output CMOS Operational Amplifier
logo
SG Micro Corp
SGM8051 SGMICRO-SGM8051 Datasheet
757Kb / 20P
   250MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
Texas Instruments
SN65HVDA541QDRQ1 TI-SN65HVDA541QDRQ1 Datasheet
1Mb / 30P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS Operational Amplifier with Shutdown
MARCH 2002 - REVISED MAY 2009
logo
3PEAK INC.
TPH2501 3PEAK-TPH2501 Datasheet
1Mb / 20P
   250MHz, Precision, Rail-to-Rail I/O, CMOS Op-amps
logo
Burr-Brown (TI)
OPA4374 BURR-BROWN-OPA4374 Datasheet
549Kb / 21P
   6.5MHz, 585UA, Rail-to-Rail I/O CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com