Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2357AIDGSR Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2357AIDGSR
Description  250MHz, Rail-to-Rail I/O, CMOS Operational Amplifier with Shutdown
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2357AIDGSR Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button OPA2357AIDGSR Datasheet HTML 4Page - Burr-Brown (TI) OPA2357AIDGSR Datasheet HTML 5Page - Burr-Brown (TI) OPA2357AIDGSR Datasheet HTML 6Page - Burr-Brown (TI) OPA2357AIDGSR Datasheet HTML 7Page - Burr-Brown (TI) OPA2357AIDGSR Datasheet HTML 8Page - Burr-Brown (TI) OPA2357AIDGSR Datasheet HTML 9Page - Burr-Brown (TI) OPA2357AIDGSR Datasheet HTML 10Page - Burr-Brown (TI) OPA2357AIDGSR Datasheet HTML 11Page - Burr-Brown (TI) OPA2357AIDGSR Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
OPA357
OPA2357
SBOS235C − MARCH 2002− REVISED MAY 2004
www.ti.com
8
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = 5V, G = +1, RF = 0Ω, RL = 1kΩ, and connected to VS/2, unless otherwise noted.
COMPOSITE VIDEO
DIFFERENTIAL GAIN AND PHASE
Number of 150
ΩLoads
3
24
1
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
dP
dG
INPUT BIAS CURRENT vs TEMPERATURE
Temperature (
_C)
65
85
105
525
45
135
125
−55 −35 −15
10k
1k
100
10
1
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
FOR V
S =3V
Output Current (mA)
60
40
20
80
100
120
0
3
2
1
0
+125
_C
+25
_C −55_C
SUPPLY CURRENT vs TEMPERATURE
Temperature (
_C)
65
85
105
525
45
135
125
−55 −35 −15
7
6
5
4
3
2
1
0
V
S =5V
V
S =2.5V
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
FOR V
S =5V
Output Current (mA)
75
50
25
125
100
150
175
200
0
5
4
3
2
1
0
+25
_C
−55_C
+125
_C
SHUTDOWN CURRENT vs TEMPERATURE
Temperature (
_C)
5
−15
−35
45
25
65
85
105
125 135
−55
4.5
4
3.5
3
2.5
2
1.5
1
0.5
0
V
S =5.5V
V
S =5V
V
S =3V
V
S =2.5V


Similar Part No. - OPA2357AIDGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2357AIDGSR TI-OPA2357AIDGSR Datasheet
1Mb / 30P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS Operational Amplifier with Shutdown
MARCH 2002 - REVISED MAY 2009
OPA2357AIDGSRG4 TI-OPA2357AIDGSRG4 Datasheet
1Mb / 30P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS Operational Amplifier with Shutdown
MARCH 2002 - REVISED MAY 2009
More results

Similar Description - OPA2357AIDGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA354AIDBVRG4 TI1-OPA354AIDBVRG4 Datasheet
1Mb / 32P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA2354AIDGKRG4 TI1-OPA2354AIDGKRG4 Datasheet
1Mb / 33P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354 TI-OPA354 Datasheet
511Kb / 23P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354AIDBVTG4 TI1-OPA354AIDBVTG4 Datasheet
1Mb / 33P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
   Rail-to-Rail I/O CMOS Operational Amplifier
logo
Shenzhen Huazhimei Semi...
HM8051 HMSEMI-HM8051 Datasheet
1Mb / 18P
   250MHz Rail-to-Rail Output CMOS Operational Amplifier
logo
SG Micro Corp
SGM8051 SGMICRO-SGM8051 Datasheet
757Kb / 20P
   250MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
Texas Instruments
SN65HVDA541QDRQ1 TI-SN65HVDA541QDRQ1 Datasheet
1Mb / 30P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS Operational Amplifier with Shutdown
MARCH 2002 - REVISED MAY 2009
logo
3PEAK INC.
TPH2501 3PEAK-TPH2501 Datasheet
1Mb / 20P
   250MHz, Precision, Rail-to-Rail I/O, CMOS Op-amps
logo
Burr-Brown (TI)
OPA4374 BURR-BROWN-OPA4374 Datasheet
549Kb / 21P
   6.5MHz, 585UA, Rail-to-Rail I/O CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com