Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT-FZ570 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # PT-FZ570
Description  LCD Projectors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PT-FZ570 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  PT-FZ570 Datasheet HTML 1Page - Panasonic Semiconductor PT-FZ570 Datasheet HTML 2Page - Panasonic Semiconductor PT-FZ570 Datasheet HTML 3Page - Panasonic Semiconductor PT-FZ570 Datasheet HTML 4Page - Panasonic Semiconductor PT-FZ570 Datasheet HTML 5Page - Panasonic Semiconductor PT-FZ570 Datasheet HTML 6Page - Panasonic Semiconductor PT-FZ570 Datasheet HTML 7Page - Panasonic Semiconductor PT-FZ570 Datasheet HTML 8Page - Panasonic Semiconductor PT-FZ570 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PT-FZ570
LCD Projector
As of March 2016
2/11
SFD16M035
BTU value
Max 1,410 BTU
Standby Mode (Eco)*1 0.5W, 0.3W (Taiwan)
Standby Mode (Normal) 12W
Standby Mode (Normal and Audio monitor out) 30W
LCDpanel
Panel size
Display method
Drive method
Pixels
Lens
Screen size
Brightness*2
Center-to-corner uniformity*2
Contrast*2
Resolution
HDMI/DIGITAL LINK
RGB
YPBPR (YCBCR)
Video/S-Video
16.3 mm (0.64 in) diagonal (16:10 aspect ratio)
Transparent LCD panel (× 3, R/G/B)
Active matrix
2,304,000 (1,920 × 1,200) × 3, total of 6,912,000 pixels
Manual zoom (throw ratio 1.22-2.26:1),
Manual focus, F 1.6-2.2, f 17.1-31.7 mm
Lamp
270 W UHM lamp
Lamp replacement cycle
6,000 hours (lamp power: Normal), 8,000 hours (lamp power: Eco)
This is the maximum value when the lamp is turned on for 2 hours
and off for 0.25 hours.
1.02– 7.62 m (40 –300 inches) (16:10 aspect ratio)
4,500 lumens
(Lamp power: Normal, Dynamic mode, Iris off, Daylight View:off, Auto Power Save:off)
90%
10,000:1
(Lamp power: Normal, Dynamic mode, Iris on, Daylight View:off, Auto Power Save:off)
1,920 × 1,200 pixels
fH: 15- 91kHz, fV: 24 - 100Hz, dot clock: 25 - 162 MHz
fH: 15- 91kHz, fV: 24 - 100Hz, dot clock: 162 MHz or lower
525i (480i):
fH15.73 kHz; fV59.94 Hz,
625i (576i):
fH15.63 kHz; fV50 Hz,
525p (480p):
fH31.47 kHz; fV60 Hz,
625p (576p):
fH31.25 kHz; fV50 Hz,
750 (720)/60p:
fH45.00 kHz; fV60 Hz,
750 (720)/50p:
fH37.50 kHz; fV50 Hz,
1125 (1080)/60i:
fH33.75 kHz; fV60 Hz,
1125 (1080)/50i:
fH28.13 kHz; fV50 Hz,
1125 (1080)/25p:
fH28.13 kHz; fV25 Hz,
1125 (1080)/24p:
fH27.00 kHz; fV24 Hz,
1125 (1080)/24sF:
fH27.00 kHz; fV48 Hz,
1125 (1080)/30p:
fH33.75 kHz; fV30 Hz,
1125 (1080)/60p:
fH67.50 kHz; fV60 Hz,
1125 (1080)/50p:
fH56.25 kHz; fV50 Hz
fH: 15.75 kHz, fV: 59.94 Hz [NTSC/NTSC4.43/PAL-M/PAL60]
fH: 15.63 kHz, fV: 50 Hz [PAL/PAL-N/SECAM]
Scanning frequency
Main unit
Power supply
AC100 - 240V 4.7 - 1.9A 50Hz/60Hz
Specications
Power consumption
413W
±25
±30
±20±15
1.42.9
0.71.6
Only [KEYSTONE] used
[KEYSTONE] and [CURVED] used together
Only [CURVED] used
Vertical
keystone
correction
angle
α (°)
Horizontal
keystone
correction
angle
β (°)
Vertical
keystone
correction
angle
α (°)
Horizontal
keystone
correction
angle
β (°)
Min. value
of R2/L2
Min. value
of R3/L3
Min. value
of R2/L2
Min. value
of R3/L3
Keystone correction range
Screen
Screen
[VERTICAL KEYSTONE] (viewed from the side)
[HORIZONTAL KEYSTONE] (viewed from above)


Similar Part No. - PT-FZ570

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
PT-F EDI-PT-F Datasheet
45Kb / 2P
   MINIBRIDGE 8 AMPERES-TAB TERMINALS SINGLE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
logo
Panasonic Semiconductor
PT-FW430 PANASONIC-PT-FW430 Datasheet
1Mb / 14P
   LCD Projector
PT-FW530 PANASONIC-PT-FW530 Datasheet
1Mb / 11P
   LCD Projectors
PT-FX400 PANASONIC-PT-FX400 Datasheet
1Mb / 13P
   LCD Projector
PT-FX500 PANASONIC-PT-FX500 Datasheet
1Mb / 11P
   LCD Projectors
More results

Similar Description - PT-FZ570

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PT-EX620 PANASONIC-PT-EX620 Datasheet
1Mb / 13P
   LCD Projectors
PT-EX800Z PANASONIC-PT-EX800Z Datasheet
2Mb / 16P
   LCD Projectors
PT-EZ580 PANASONIC-PT-EZ580 Datasheet
2Mb / 17P
   LCD Projectors
PT-EZ590 PANASONIC-PT-EZ590 Datasheet
1Mb / 14P
   LCD Projectors
PT-VX605N PANASONIC-PT-VX605N Datasheet
778Kb / 12P
   LCD Projectors
PT-VZ575N PANASONIC-PT-VZ575N Datasheet
775Kb / 12P
   LCD Projectors
PT-VW535N PANASONIC-PT-VW535N Datasheet
779Kb / 12P
   LCD Projectors
PT-EX520 PANASONIC-PT-EX520 Datasheet
2Mb / 13P
   LCD Projectors
PT-EW550 PANASONIC-PT-EW550 Datasheet
1Mb / 14P
   LCD Projectors
PT-EW730Z PANASONIC-PT-EW730Z Datasheet
2Mb / 17P
   LCD Projectors
PT-LW312 PANASONIC-PT-LW312 Datasheet
376Kb / 9P
   LCD Projectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com