Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FO-BH2-10SLR-SM Datasheet(PDF) 3 Page - Japan Aviation Electronics Industry, Ltd.

Part # FO-BH2-10SLR-SM
Description  Outdoor Use Waterproof I/O Connectors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

FO-BH2-10SLR-SM Datasheet(HTML) 3 Page - Japan Aviation Electronics Industry, Ltd.

  FO-BH2-10SLR-SM Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. FO-BH2-10SLR-SM Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. FO-BH2-10SLR-SM Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. FO-BH2-10SLR-SM Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. FO-BH2-10SLR-SM Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. FO-BH2-10SLR-SM Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. FO-BH2-10SLR-SM Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. FO-BH2-10SLR-SM Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. FO-BH2-10SLR-SM Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
MB-0226-2
3/23
JAE PMK Div. Proprietary. Copyright © 2013, Japan Aviation Electronics Industry, Ltd.
Series
Features
Features Common to
all Series
- Easy and secure mating is possible with the one-touch lock, push-to-mate and
twist-to-release structure.
- High robustness
- Strong cable retention force
- Environmental resistance (Dustproof, waterproof: IP67, high corrosion resistance:
corrosion resistance of 720 hours in salt spray)
Optical
FO-BH
Compact Outdoor Optical Connector
- High robustness with metallic outer shell
- Receptacle device internal side: connection for LC plug
Plug mating side: connection for LC plug also possible using LC conversion
adapter (not waterproof)
- Can accommodate a cable retention wire
FO-BC
Outdoor Waterproof Optical Connector with LC
Connector
- High robustness with metallic outer shell
- LC adapter incorporated into receptacle
(Connection for LC plug on both device internal side and
plug mating side)
- Double lock of LC connector and outer shell
ensures highly reliable connection
- Can accommodate a cable retention wire
Panel attachment hole
dimensions are the same.
Both (Optical / Modular) can
be selected for the same
panel cut out.
The same dustproof and
waterproof caps for both
series.
Modular
NT5
Outdoor Waterproof Connector With Modular
Connector
- High robustness with metallic outer shell
- Modular adapter incorporated into receptacle
(Connection for modular plug on both device internal side
and plug mating side)
- Transmission Characteristic: Cat5e
- STP (Shielded twisted pair cable) compatible
- Receptacle can be used as maintenance port
with attachable caps
Electrical
JN2/W
Compact Outdoor Electrical Connector
- Outdoor type of JN2WSeries (MB-0178) for industrial application
- Secures robustness and light weight with metallic mating area of outer shell and
combination of weather resistant resin parts
- 15 position
- Rated Current: 3A / position
- Crimp Connection
Features


Similar Part No. - FO-BH2-10SLR-SM

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FO-BH2-10SLR-SM JAE-FO-BH2-10SLR-SM Datasheet
339Kb / 23P
   Outdoor Use Waterproof I/O Connectors
FO-BH2-10SLR-SM-WH JAE-FO-BH2-10SLR-SM-WH Datasheet
339Kb / 23P
   Outdoor Use Waterproof I/O Connectors
More results

Similar Description - FO-BH2-10SLR-SM

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FO-BHW JAE-FO-BHW Datasheet
339Kb / 23P
   Outdoor Use Waterproof I/O Connectors
logo
Hirose Electric
HR41 HIROSE-HR41 Datasheet
490Kb / 12P
   Waterproof Connectors for Outdoor Use
3560-16SR HIROSE-3560-16SR Datasheet
272Kb / 6P
   Long-Life I/O Connectors
3560-24P-PG61 HIROSE-3560-24P-PG61 Datasheet
380Kb / 6P
   Long-Life I/O Connectors
NX-09T-KT9 HIROSE-NX-09T-KT9 Datasheet
409Kb / 10P
   I/O Card Interface Connectors
3500 HIROSE-3500 Datasheet
389Kb / 6P
   Long-Life I/O Connectors
3560-16SR HIROSE-3560-16SR_09 Datasheet
380Kb / 6P
   Long-Life I/O Connectors
logo
M-System Co.,Ltd.
R30EBS MSYSTEM-R30EBS Datasheet
241Kb / 4P
   INSTALLATION BASE (R3 I/O module extension use)
logo
Taoglas antenna solutio...
FW.86.B.SMA.M TAOGLAS-FW.86.B.SMA.M Datasheet
1Mb / 12P
   Designed for Outdoor Use
FW.43.B.SMA.M TAOGLAS-FW.43.B.SMA.M Datasheet
1Mb / 12P
   Designed for Outdoor Use
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com