Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNCH002D13 Datasheet(PDF) 5 Page - Japan Aviation Electronics Industry, Ltd.

Part # TNCH002D13
Description  THREADED COUPLING
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

TNCH002D13 Datasheet(HTML) 5 Page - Japan Aviation Electronics Industry, Ltd.

  TNCH002D13 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. TNCH002D13 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. TNCH002D13 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. TNCH002D13 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. TNCH002D13 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. TNCH002D13 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. TNCH002D13 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. TNCH002D13 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. TNCH002D13 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
38
COAXIAL CONNECTORS
TNC Series
■JACK
Bulkhead Type
Intermatable with PLUG
(40 Page)
Dimensions in millimeters
■Straight
13HEX
φ19
4.8
 0
−0.1
20
3.3
A±0.8
7/16-28UNEF-2A
B Ref.
(SHRINKAGE TUBE)
(Note)The picture on the above shows the TNCK001D37.
The shapes of other models vary slightly.
■Part Number/Dimensions
Cable Type(Equivalent)
1.5D-2V
1.5D-2W
2.5D-V
TNCK001D37
TNCK004D37
TNCK002D13
Part Number
A
19
19
10
B
Ref.
19.9
(Note)Procedure for wire connection…See pages 113 to 120
PANEL MOUNTING HOLE PATTERNS
(REF.)
(PANEL THICKNESS : 2 to 5mm)
φ11.2
+0.1
 0
4.8
+0.1
 0


Similar Part No. - TNCH002D13

ManufacturerPart #DatasheetDescription
logo
HolyStone International
TNC HOLYSTONECAPS-TNC Datasheet
67Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
logo
PREMO CORPORATION S.L
TNC-15-12 PREMO-TNC-15-12 Datasheet
227Kb / 3P
   50/60 Hz Low Profile UL Approved Transformers 15W-42W
TNC-15-15 PREMO-TNC-15-15 Datasheet
227Kb / 3P
   50/60 Hz Low Profile UL Approved Transformers 15W-42W
TNC-15-18 PREMO-TNC-15-18 Datasheet
227Kb / 3P
   50/60 Hz Low Profile UL Approved Transformers 15W-42W
TNC-15-24 PREMO-TNC-15-24 Datasheet
227Kb / 3P
   50/60 Hz Low Profile UL Approved Transformers 15W-42W
More results

Similar Description - TNCH002D13

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
881-029R GLENAIR-881-029R Datasheet
407Kb / 2P
   Threaded Coupling
881-002R GLENAIR-881-002R Datasheet
405Kb / 2P
   Threaded Coupling
881-019R GLENAIR-881-019R Datasheet
420Kb / 2P
   Threaded Coupling
881-004R GLENAIR-881-004R Datasheet
452Kb / 2P
   Threaded Coupling
881-020R GLENAIR-881-020R Datasheet
460Kb / 2P
   Threaded Coupling
881-001P GLENAIR-881-001P Datasheet
427Kb / 2P
   Threaded Coupling
881-003R GLENAIR-881-003R Datasheet
450Kb / 2P
   Threaded Coupling
881-018P GLENAIR-881-018P Datasheet
421Kb / 2P
   Threaded Coupling
240-383B GLENAIR-240-383B Datasheet
279Kb / 3P
   SuperNine Threaded Coupling
logo
Amphenol Corporation
0441021414S100 AMPHENOL-0441021414S100 Datasheet
1Mb / 4P
   Circular Connector Threaded Coupling ??Plastic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com