Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JL10-6A24-11SE-EB Datasheet(PDF) 4 Page - Japan Aviation Electronics Industry, Ltd.

Part # JL10-6A24-11SE-EB
Description  One-touch / Screw Mating Compatible Circular Waterproof Connector
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JL10-6A24-11SE-EB Datasheet(HTML) 4 Page - Japan Aviation Electronics Industry, Ltd.

  JL10-6A24-11SE-EB Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. JL10-6A24-11SE-EB Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JL10-6A24-11SE-EB Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. JL10-6A24-11SE-EB Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. JL10-6A24-11SE-EB Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. JL10-6A24-11SE-EB Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. JL10-6A24-11SE-EB Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. JL10-6A24-11SE-EB Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. JL10-6A24-11SE-EB Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MB-0263-2
JAE PMK Div. Proprietary. Copyright © 2016, Japan Aviation Electronics Industry, Ltd.
4/15
Arrangement
24-11
28-11
28-21
Contact Arrangement
Size x Number of Contact
#8 x 3
#12 x 6
#12 x 4
#16 x 18
#16 x 37
Rated Current
46A / pos.
23A / pos.
23A / pos.
13A / pos.
13A / pos.
Rated Voltage
250VAC
100VAC
250VAC
100VAC
100VAC
Overvoltage Category
III
II
III
---
Pollution Level
3
2
2 (Note: mating area is 3)
---
Dielectric Withstanding
Voltage
2000VAC (per minute)
2000VAC (per minute)
1000VAC (per minute)
Insulation Resistance
1000MΩ min.
(DC500V energized)
1000MΩ min.
(DC500V energized)
1000MΩ min.
(DC500V energized)
Waterproof Performance
IP67
IP67
IP67
Termination Method
Soldering
Soldering
Soldering
Durability
500 times
500 times
500 times
Arrangement
32-17
Contact Arrangement
Size x No. of Contact
#4 x 4
Rated Current
80A / pos.
Rated Voltage
250VAC
500VAC
Overvoltage Category
III
II
Pollution Level
3
2
Dielectric Withstanding
Voltage
2000VAC (per minute)
Insulation Resistance
1000MΩ min.
(DC500V energized)
Waterproof Performance
IP67
Termination Method
Receptacle: Crimping
Plug: Soldering
Durability
500 times
(Under development)
(Under development)
(Under development)


Similar Part No. - JL10-6A24-11SE-EB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
JL101ABCA TI1-JL101ABCA Datasheet
1,014Kb / 24P
[Old version datasheet]   LM101AJAN Operational Amplifiers
JL101ABCA TI1-JL101ABCA Datasheet
981Kb / 25P
[Old version datasheet]   Operational Amplifiers
JL101ABGA TI1-JL101ABGA Datasheet
1,014Kb / 24P
[Old version datasheet]   LM101AJAN Operational Amplifiers
JL101ABGA TI1-JL101ABGA Datasheet
981Kb / 25P
[Old version datasheet]   Operational Amplifiers
JL101ABHA TI1-JL101ABHA Datasheet
1,014Kb / 24P
[Old version datasheet]   LM101AJAN Operational Amplifiers
More results

Similar Description - JL10-6A24-11SE-EB

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CM10-SP10S-S-D DDK-CM10-SP10S-S-D Datasheet
929Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
CM10-SP10S-S(D6) DDK-CM10-SP10S-S(D6) Datasheet
915Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
CM09-P25P DDK-CM09-P25P Datasheet
1Mb / 4P
   One-Touch Locking Styled , Small Sized Circular Connectors
CMV1-SP10S-S DDK-CMV1-SP10S-S Datasheet
918Kb / 7P
   One-Touch Locking Style Small Sized Circular Connectors
CM10 DDK-CM10 Datasheet
334Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
CM09 DDK-CM09 Datasheet
200Kb / 3P
   One-Touch Locking Style Small Sized Circular Connectors
logo
Assmann Electronics Inc...
A-CR-04PMMP-LC-WP ASSMANN-A-CR-04PMMP-LC-WP Datasheet
48Kb / 1P
   Waterproof Circular connector
logo
DDK Ltd.
DMS3106A10SL-29SW(D190) DDK-DMS3106A10SL-29SW(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
logo
Japan Aviation Electron...
JK06 JAE-JK06 Datasheet
781Kb / 10P
   VG95234 Qualified Circular Waterproof Connector
logo
DDK Ltd.
CE02-2A18-10P-D DDK-CE02-2A18-10P-D Datasheet
191Kb / 3P
   Waterproof Circular Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com