Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISD5116SI Datasheet(PDF) 9 Page - Winbond

Part # ISD5116SI
Description  Single-Chip Voice Record/Playback Device Up to 16-Minute Duration with Digital Storage Capability
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD5116SI Datasheet(HTML) 9 Page - Winbond

Back Button ISD5116SI Datasheet HTML 5Page - Winbond ISD5116SI Datasheet HTML 6Page - Winbond ISD5116SI Datasheet HTML 7Page - Winbond ISD5116SI Datasheet HTML 8Page - Winbond ISD5116SI Datasheet HTML 9Page - Winbond ISD5116SI Datasheet HTML 10Page - Winbond ISD5116SI Datasheet HTML 11Page - Winbond ISD5116SI Datasheet HTML 12Page - Winbond ISD5116SI Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
October 2000
Page 8
2.3
PINOUT TABLE
Pin Name
Pin No.
28-pin
TSOP
Pin No.
28-pin
SOIC
Functionality
RAC
3
24
Row Address Clock; an open drain output. The RAC pin goes LOW
TRACLO
1 before the end of each row of memory and returns HIGH at
exactly the end of each row of memory.
INT
4
25
Interrupt Output; an open drain output that indicates that a set EOM bit
has been found during Playback or that the chip is in an Overflow (OVF)
condition. This pin remains LOW until a Read Status command is
executed.
XCLK
5
26
This pin allows the internal clock of the device to be driven externally for
enhanced timing precision. This pin is grounded for most applications.
SCL
8
1
Serial Clock Line is part of the I
2C interface. It is used to clock the data
into and out of the I
2C interface.
SDA
10
3
Serial Data Line is part of the I
2C interface. Data is passed between
devices on the bus over this line.
A0
11
4
Input pin that supplies the LSB for the I
2C Slave Address.
A1
9
2
Input pin that supplies the LSB +1 bit for the I
2C Slave Address.
MIC+
16
8
Differential Positive Input to the microphone amplifier.
MIC-
17
10
Differential Negative Input to the microphone amplifier.
ANA OUT+
18
11
Differential Positive Analog Output for ANA OUT of the device.
ANA OUT-
19
12
Differential Negative Analog Output for ANA OUT of the device.
ACAP
20
13
AGC Capacitor connection. Required for the on-chip AGC amplifier.
SP+
23
16
Differential Positive Speaker Driver Output.
SP-
21
14
Differential Negative Speaker Driver Output. When the speaker outputs
are in use, the AUX OUT output is disabled.
ANA IN
25
18
Analog Input. This is one of the gain adjustable analog inputs of the
device.
AUX IN
26
19
Auxiliary Input. This is one of the gain adjustable analog inputs of the
device.
AUX OUT
27
20
Auxiliary Output. This is one the analog outputs of the device. When this
output is in use, the SP+ and SP- outputs are disabled.
VCCD
6,7
27,28
Positive Digital Supply pins. These pins carry noise generated by
internal clocks in the chip. They must be carefully bypassed to Digital
Ground to insure correct device operation.
VSSD
12,13
5,6
Digital Ground pins.
VSSA
2,15,22
9,15,23
Analog Ground pins.
VCCA
24
17
Positive Analog Supply pin. This pin supplies the low level audio
sections of the device. It should be carefully bypassed to Analog Ground
to insure correct device operation.
NC
1,14,28
7,21,22
No Connect.
1 See the Parameters section of on page 38.


Similar Part No. - ISD5116SI

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD5116SY NUVOTON-ISD5116SY Datasheet
1Mb / 87P
   SINGLE-CHIP 1TO16 MINUTES DURATION VOICE RECORD/PLAYBAC VOICE DEVICES WITH DIGITAL STORAGE CAPABILITY
ISD5116SY NUVOTON-ISD5116SY Datasheet
678Kb / 90P
   SINGLE-CHIP
ISD5116SYI NUVOTON-ISD5116SYI Datasheet
1Mb / 87P
   SINGLE-CHIP 1TO16 MINUTES DURATION VOICE RECORD/PLAYBAC VOICE DEVICES WITH DIGITAL STORAGE CAPABILITY
ISD5116SYI NUVOTON-ISD5116SYI Datasheet
678Kb / 90P
   SINGLE-CHIP
More results

Similar Description - ISD5116SI

ManufacturerPart #DatasheetDescription
logo
Winbond
ISD5100 WINBOND-ISD5100 Datasheet
612Kb / 88P
   SINGLE-CHIP 1 TO 16 MINUTES DURATION VOICE RECORD/PLAYBACK DEVICES WITH DIGITAL STORAGE CAPABILITY
logo
Aplus Intergrated Circu...
APR6016 APLUS-APR6016 Datasheet
1Mb / 24P
   Voice Recording & Playback Device 16 Minute Duration
logo
Nuvoton Technology Corp...
ISD18C00 NUVOTON-ISD18C00 Datasheet
332Kb / 23P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
ISD5100 NUVOTON-ISD5100 Datasheet
1Mb / 87P
   SINGLE-CHIP 1TO16 MINUTES DURATION VOICE RECORD/PLAYBAC VOICE DEVICES WITH DIGITAL STORAGE CAPABILITY
ISD1800 NUVOTON-ISD1800 Datasheet
420Kb / 27P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Winbond
ISD1800 WINBOND-ISD1800 Datasheet
709Kb / 26P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
List of Unclassifed Man...
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
logo
Nuvoton Technology Corp...
ISD5008 NUVOTON-ISD5008 Datasheet
1Mb / 54P
   3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
ISD4004 NUVOTON-ISD4004 Datasheet
931Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 8-, 10-, 12-, AND 16-MINUTE DURATION
logo
Generalplus Technology ...
GPCR06C GENERALPLUS-GPCR06C Datasheet
401Kb / 14P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com