Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JN1-22-22P-PKG100 Datasheet(PDF) 11 Page - Japan Aviation Electronics Industry, Ltd.

Part # JN1-22-22P-PKG100
Description  Small Circular Connector
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JN1-22-22P-PKG100 Datasheet(HTML) 11 Page - Japan Aviation Electronics Industry, Ltd.

Back Button JN1-22-22P-PKG100 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. JN1-22-22P-PKG100 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. JN1-22-22P-PKG100 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. JN1-22-22P-PKG100 Datasheet HTML 10Page - Japan Aviation Electronics Industry, Ltd. JN1-22-22P-PKG100 Datasheet HTML 11Page - Japan Aviation Electronics Industry, Ltd. JN1-22-22P-PKG100 Datasheet HTML 12Page - Japan Aviation Electronics Industry, Ltd. JN1-22-22P-PKG100 Datasheet HTML 13Page - Japan Aviation Electronics Industry, Ltd. JN1-22-22P-PKG100 Datasheet HTML 14Page - Japan Aviation Electronics Industry, Ltd. JN1-22-22P-PKG100 Datasheet HTML 15Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
MB-0178-5
11/17
JAE PMK Div. Proprietary. Copyright © 2012, Japan Aviation Electronics Industry, Ltd.
Performance /
Shape
SJ
Drawing
Part Number
Packaging
Conne
ction
Type
Type
No.
of
Cont
acts
26-28AWG
Outer Dia. 1.1 max.
SJ035503
JN1-22-26S-PKG100
21-25AWG
Outer Dia. 1.5 max.
SJ035503
JN1-22-22S-PKG100
In reels
(10, 000
pcs.)
In reels
(10, 000
pcs.)
In pieces
(100 pcs.)
In pieces
In pieces
(100 pcs.)
26-28AWG
Outer Dia. 1.1 max.
SJ037430
JN1-22-26P-PKG100
21-25AWG
Outer Dia. 1.5 max.
SJ037431
JN1-22-22P-10000
21-25AWG
Outer Dia. 1.5 max.
SJ037430
JN1-22-22P-PKG100
JN1-22-26P-10,000
JN1-22-20P-R-10000
JN1-22-20P-R-PKG100
JN1-22-22F-PKG10
JN1-22-22F-PKG100
JN1-22-26S-10000
JN1-22-22S-10000
JN1-22-20S-R-10000
JN1-22-20S-R-PKG100
In pieces (100 pcs.),
20AWG max.
Outer Dia. 1.5 max.
SJ109855
Solder
ing
In pieces (10 pcs.),
20AWG max.
Outer Dia. 1.5 max.
SJ109855
20-21AWG
Outer Dia. 1.5 max.
SJ037431
26-28AWG
Outer Dia. 1.1 max.
SJ037431
20-21AWG
Outer Dia. 1.5 max.
SJ035503
Crimp
20-21AWG
Outer Dia. 1.5 max.
SJ035504
Socket
Contact
26-28AWG
Outer Dia. 1.1 max.
SJ035504
21-25AWG
Outer Dia. 1.5 max.
SJ035504
15
JN1W
JN2W
Pin
Contact
20-21AWG
Outer Dia. 1.5 max.
SJ037430
Crimp
Note 1: Contact for 15-contact type JN1W and JN2W is same as JN1.
Note 2: Contact removal tool (Part Number: ET-JN1) is also available.
Please refer to the connector handling instructions concerning removal.


Similar Part No. - JN1-22-22P-PKG100

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
JN1-22-22P-PKG100 JAE-JN1-22-22P-PKG100 Datasheet
388Kb / 22P
   Small Circular Connector
JN1-22-22P-PKG100 JAE-JN1-22-22P-PKG100 Datasheet
104Kb / 1P
   CONTACT COPPER ALLOY
JN1-22-22P-PKG100 JAE-JN1-22-22P-PKG100 Datasheet
339Kb / 23P
   Outdoor Use Waterproof I/O Connectors
JN1-22-22P-PKG100 JAE-JN1-22-22P-PKG100 Datasheet
339Kb / 23P
   Outdoor Use Waterproof I/O Connectors
More results

Similar Description - JN1-22-22P-PKG100

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
JN1 JAE-JN1 Datasheet
388Kb / 22P
   Small Circular Connector
logo
Hirose Electric
LF13WBLP-20PA HIROSE-LF13WBLP-20PA Datasheet
173Kb / 1P
   Standard Circular Connector
logo
DDK Ltd.
CM10-SP10S-S-D DDK-CM10-SP10S-S-D Datasheet
929Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
CM10-SP10S-S(D6) DDK-CM10-SP10S-S(D6) Datasheet
915Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
CM09-P25P DDK-CM09-P25P Datasheet
1Mb / 4P
   One-Touch Locking Styled , Small Sized Circular Connectors
CMV1-SP10S-S DDK-CMV1-SP10S-S Datasheet
918Kb / 7P
   One-Touch Locking Style Small Sized Circular Connectors
CM10 DDK-CM10 Datasheet
334Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
logo
Amphenol Corporation
TV07WCI1735PF404 AMPHENOL-TV07WCI1735PF404 Datasheet
1Mb / 44P
   Standard Circular Connector
logo
DDK Ltd.
CM09 DDK-CM09 Datasheet
200Kb / 3P
   One-Touch Locking Style Small Sized Circular Connectors
logo
Assmann Electronics Inc...
A-CR-04PMMP-LC-WP ASSMANN-A-CR-04PMMP-LC-WP Datasheet
48Kb / 1P
   Waterproof Circular connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com