Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJ06 Datasheet(PDF) 3 Page - Japan Aviation Electronics Industry, Ltd.

Part # MJ06
Description  General Purpose Gigabit Transmission
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

MJ06 Datasheet(HTML) 3 Page - Japan Aviation Electronics Industry, Ltd.

  MJ06 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. MJ06 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. MJ06 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. MJ06 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. MJ06 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. MJ06 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. MJ06 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. MJ06 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. MJ06 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MB-0206-1
3/10
JAE PMK Div. Proprietary. Copyright © 2010, Japan Aviation Electronics Industry, Ltd.
Connection Direction: R= Right Angle, S = Straight
Applicable Board Thickness: 0 = 1.4mm min.
(shroud attachment) 3 = t3.5 ± 0.3 (mm)
(shroud attachment) 5 = t5.0 ± 0.4 (mm)
Product Configuration: F = Socket Contact,
M = Pin Contact, S = Shroud
Ordering Information
Straight Pin Header
MJ06-120 F R P
No. of Contacts: 120 pos.
Connection Method: P = Press-fit
MJ06-120 M S P-A 0-A
Series
Insulator Shape: A = for Angle socket
Product Identification Mark
Angle Socket
Product Configuration: F = Socket Contact,
M = Pin Contact, S = Shroud
No. of Contacts: 120 pos.
Connection Direction: R = Right Angle, S= Straight
Connection Method: P = Pressfit
Connection Direction: R= Right Angle, S = Straight
Product Configuration: F = Socket Contact,
M = Pin Contact, S =Shroud
Angle Pin Header
No. of Contacts: 120 pos.
Connection Method: P = Pressfit
MJ06-120 M R P-1
Mating Lock: 1 = One-action type
Product Configuration: F = Socket Contact,
M = Pin Contact, S = Shroud
Shroud
No. of Contacts: 120 pos.
MJ06-120 S


Similar Part No. - MJ06

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MJ0EA VISHAY-MJ0EA Datasheet
138Kb / 10P
   Standard Thick Film Chip Resistors
05-Aug-2022
MJ0EB VISHAY-MJ0EB Datasheet
138Kb / 10P
   Standard Thick Film Chip Resistors
05-Aug-2022
MJ0EC VISHAY-MJ0EC Datasheet
138Kb / 10P
   Standard Thick Film Chip Resistors
05-Aug-2022
MJ0ED VISHAY-MJ0ED Datasheet
138Kb / 10P
   Standard Thick Film Chip Resistors
05-Aug-2022
MJ0EE VISHAY-MJ0EE Datasheet
138Kb / 10P
   Standard Thick Film Chip Resistors
05-Aug-2022
More results

Similar Description - MJ06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NST3906DP6T5G ONSEMI-NST3906DP6T5G Datasheet
101Kb / 4P
   Dual General Purpose Dual General Purpose
April, 2008 ??Rev. 0
logo
PREMO CORPORATION S.L
FB-1X PREMO-FB-1X Datasheet
122Kb / 1P
   General Purpose
FE-1X PREMO-FE-1X Datasheet
127Kb / 1P
   General Purpose
FR-FRR PREMO-FR-FRR Datasheet
153Kb / 1P
   General Purpose
FEH-1X PREMO-FEH-1X Datasheet
147Kb / 1P
   General Purpose
logo
Guangdong Kexin Industr...
IMH2A KEXIN-IMH2A Datasheet
162Kb / 2P
   General purpose
logo
Kemet Corporation
F161YR155M100V KEMET-F161YR155M100V Datasheet
75Kb / 1P
   General Purpose
logo
Skynet Electronic Copyr...
SNP-C08 SKYNET-SNP-C08 Datasheet
317Kb / 4P
   General Purpose
SNP-C15 SKYNET-SNP-C15 Datasheet
319Kb / 4P
   General Purpose
SNP-F80 SKYNET-SNP-F80 Datasheet
411Kb / 4P
   General Purpose
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com