Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY10-C1-A1 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # LY10-C1-A1
Description  Small Waterproof Connector
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

LY10-C1-A1 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  LY10-C1-A1 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. LY10-C1-A1 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. LY10-C1-A1 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. LY10-C1-A1 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. LY10-C1-A1 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. LY10-C1-A1 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. LY10-C1-A1 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. LY10-C1-A1 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. LY10-C1-A1 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MB-0161-1
2/9
JAE PMK Div. Proprietary. Copyright © 2006, Japan Aviation Electronics Industry, Ltd.
General Specifications
1) Receptacle
2) Plug
for Power (4pos.)
for Brake(2pos.)/ for Encorder (7pos.)
1
Rated current
7A max. (per pos.)
1A max. (per pos.)
2
Rated voltage
200VAC
100VAC
3
Withstanding voltage
1500VAC
500VAC
4
Insulation resistance
1000M ohm min. (500V energized) 1000M ohm min. (500V energized)
5
Waterproof
IP67 (when mated)
IP67 (when mated)
6
Operating temperature
-40 to +125 Deg. C
-40 to +125 Deg. C
Receptacle: Angle through-hole
Receptacle: crimp (AWG#28 to #22)
Plug: crimp (AWG#20 to #18)
Plug: crimp (AWG#28 to #22)
8
Plug applicable cable
Cable outer dia.: dia.6±0.5
Cable outer dia.: dia.5±0.5
Items
Specification and performance
7
Connection
specification
Materials and Finishes
Name of parts
Materials
Finishes
1 Pin contact
Copper alloy
Au plating
2 Pin insulator
Resin (black)
-
3 Insert nut (4 pos. only)
4 pos. only: copper alloy
Zinc plating (black chromate finish,
chromium hexavalent free)
Name of parts
Materials
Finishes
1 Socket contact
Copper alloy
Au plating
2 Socket insulator
Resin (black)
-
3 Hood
Resin (black)
-
4 Grand nut
Resin (black)
-
5 Gasket
NBR (black) Heat resistant
-
6 Bushing
NBR (black) Heat resistant
-
7 Spring
Stainless steel
-
8 Screw
Steel
Zinc plating (black chromate finish,
chromium hexavalent free)


Similar Part No. - LY10-C1-A1

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
LY10-C1-A1-10000 JAE-LY10-C1-A1-10000 Datasheet
98Kb / 1P
   MAGAZINE ASSEMBLY
More results

Similar Description - LY10-C1-A1

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FO-MC JAE-FO-MC Datasheet
402Kb / 6P
   Small Waterproof Optical Multi Pin Push-Pull Connector
logo
Mitsumi Electronics, Co...
STU MITSUMI-STU Datasheet
143Kb / 2P
   Waterproof Small Type Tactile Switch
logo
Hirose Electric
HR08D HIROSE-HR08D Datasheet
497Kb / 6P
   Small, Waterproof, Push-On Bayonet Lock Connectors
logo
Dialight Corporation
570-003-000-100 DIALIGHT-570-003-000-100 Datasheet
196Kb / 2P
   WATERPROOF CONNECTOR
logo
Assmann Electronics Inc...
A-DS15PP-WP-R ASSMANN-A-DS15PP-WP-R Datasheet
85Kb / 1P
   WATERPROOF DSUB CONNECTOR
A-FB-CAP-WFBPFLA-1 ASSMANN-A-FB-CAP-WFBPFLA-1 Datasheet
72Kb / 1P
   Waterproof - Connector cover
A-HDS26AA-WP ASSMANN-A-HDS26AA-WP Datasheet
68Kb / 1P
   Waterproof DSub connector
A-P07BFFA-S180-WP ASSMANN-A-P07BFFA-S180-WP Datasheet
66Kb / 1P
   Waterproof Power Connector
A-HDS26PP-WP ASSMANN-A-HDS26PP-WP Datasheet
66Kb / 1P
   Waterproof DSub connector
A-CR-04PMMP-LC-WP ASSMANN-A-CR-04PMMP-LC-WP Datasheet
48Kb / 1P
   Waterproof Circular connector
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com