Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISD5116S Datasheet(PDF) 26 Page - Winbond

Part No. ISD5116S
Description  Single-Chip Voice Record/Playback Device Up to 16-Minute Duration with Digital Storage Capability
Download  57 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WINBOND [Winbond]
Homepage  http://www.winbond.com
Logo WINBOND - Winbond

ISD5116S Datasheet(HTML) 26 Page - Winbond

Back Button ISD5116S Datasheet HTML 22Page - Winbond ISD5116S Datasheet HTML 23Page - Winbond ISD5116S Datasheet HTML 24Page - Winbond ISD5116S Datasheet HTML 25Page - Winbond ISD5116S Datasheet HTML 26Page - Winbond ISD5116S Datasheet HTML 27Page - Winbond ISD5116S Datasheet HTML 28Page - Winbond ISD5116S Datasheet HTML 29Page - Winbond ISD5116S Datasheet HTML 30Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 57 page
background image
October 2000
Page 25
ANA IN (Analog Input)
The ANA IN pin is the analog input from the telephone chip set. It can be switched (by the I
2C interface) to
the speaker output, the array input or to various other paths. This pin is designed to accept a nominal
1.11 V p-p when at its minimum gain (6 dB) setting. There is additional gain available, if required, in 3 dB
steps, up to 15 dB. The gain settings are controlled from the I
2C interface.
ANA IN Input Modes
ANA IN Amplifier Gain Settings
1. Gain from ANA IN to SP+/-
2. Gain from ANA IN to ARRAY IN
3. 0TLP Input is the reference Transmission Level Point that is used for testing.
This level is typically 3 dB below clipping
4. Speaker Out gain set to 1.6 (High). (Differential)
Gain
Setting
Resistor Ratio
(Rb/Ra)
Gain
Gain
2
(dB)
00
63.9 / 102
0.625
-4.1
01
77.9 / 88.1
0.883
-1.1
10
92.3 / 73.8
1.250
1.9
11
106 / 60
1.767
4.9
CFG0
Setting
(1)
0TLP Input
VP-P
(3)
AIG1
AIG0
Gain
(2)
Array
In/Out VP-P
Speaker
Out VP-P
(4)
6 dB
1.110
0
0
0.625
0.694
2.22
9 dB
0.785
0
1
0.883
0.694
2.22
12 dB
0.555
1
0
1.250
0.694
2.22
15 dB
0.393
1
1
1.767
0.694
2.22
AUX IN (Auxiliary Input)
The AUX IN is an additional audio input to the ISD5116, such as from the microphone circuit in a mobile phone
“car kit.” This input has a nominal 694 mV p-p level at its minimum gain setting (0 dB). See the following table.
Additional gain is available in 3 dB steps (controlled by the I
2C interface) up to 9 dB.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn