Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISD5116S Datasheet(PDF) 21 Page - Winbond

Part # ISD5116S
Description  Single-Chip Voice Record/Playback Device Up to 16-Minute Duration with Digital Storage Capability
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD5116S Datasheet(HTML) 21 Page - Winbond

Back Button ISD5116S Datasheet HTML 17Page - Winbond ISD5116S Datasheet HTML 18Page - Winbond ISD5116S Datasheet HTML 19Page - Winbond ISD5116S Datasheet HTML 20Page - Winbond ISD5116S Datasheet HTML 21Page - Winbond ISD5116S Datasheet HTML 22Page - Winbond ISD5116S Datasheet HTML 23Page - Winbond ISD5116S Datasheet HTML 24Page - Winbond ISD5116S Datasheet HTML 25Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
October 2000
Page 20
product. In this example, we will assume the user wants an attenuation of –12 dB. For that
setting, D11 should be set to ONE, D12 should be set to ONE, and D13 should be set to a ZERO.
8.
Select the VOLUME CONTROL path through the OUTPUT MUX—These are bits D3 and D4,
respectively, of CFG0. They should be set to the state where D3 is ZERO and D4 is a ZERO to
select the VOLUME CONTROL.
9.
Power up the SPEAKER amplifier and select the HIGH GAIN mode—Bits OPA0 and OPA1
control the state of the speaker (SP+ and SP–) and AUX OUT outputs. These are bits D1 and D2
of CFG0. They must be set to the state where D1 is ONE and D2 is ZERO to power-up the
speaker outputs in the HIGH GAIN mode and to power-down the AUX OUT.
To set up the chip for Memo or Call Playback, the configuration registers are set up as follows:
CFG0=0010 0100 0010 0010 (hex 2422).
CFG1=0101 1001 1101 0001 (hex 59D1).
Only those portions necessary for this mode are powered up.
3.11 MESSAGE CUEING
Message cueing allows the user to skip through analog messages without knowing the actual physical
location of the message. This operation is used during playback. In this mode, the messages are skipped
512 times faster than in normal playback mode. It will stop when an EOM marker is reached. Then, the
internal address counter will be pointing to the next message.


Similar Part No. - ISD5116S

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD5116SY NUVOTON-ISD5116SY Datasheet
1Mb / 87P
   SINGLE-CHIP 1TO16 MINUTES DURATION VOICE RECORD/PLAYBAC VOICE DEVICES WITH DIGITAL STORAGE CAPABILITY
ISD5116SY NUVOTON-ISD5116SY Datasheet
678Kb / 90P
   SINGLE-CHIP
ISD5116SYI NUVOTON-ISD5116SYI Datasheet
1Mb / 87P
   SINGLE-CHIP 1TO16 MINUTES DURATION VOICE RECORD/PLAYBAC VOICE DEVICES WITH DIGITAL STORAGE CAPABILITY
ISD5116SYI NUVOTON-ISD5116SYI Datasheet
678Kb / 90P
   SINGLE-CHIP
More results

Similar Description - ISD5116S

ManufacturerPart #DatasheetDescription
logo
Winbond
ISD5100 WINBOND-ISD5100 Datasheet
612Kb / 88P
   SINGLE-CHIP 1 TO 16 MINUTES DURATION VOICE RECORD/PLAYBACK DEVICES WITH DIGITAL STORAGE CAPABILITY
logo
Aplus Intergrated Circu...
APR6016 APLUS-APR6016 Datasheet
1Mb / 24P
   Voice Recording & Playback Device 16 Minute Duration
logo
Nuvoton Technology Corp...
ISD18C00 NUVOTON-ISD18C00 Datasheet
332Kb / 23P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
ISD5100 NUVOTON-ISD5100 Datasheet
1Mb / 87P
   SINGLE-CHIP 1TO16 MINUTES DURATION VOICE RECORD/PLAYBAC VOICE DEVICES WITH DIGITAL STORAGE CAPABILITY
ISD1800 NUVOTON-ISD1800 Datasheet
420Kb / 27P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Winbond
ISD1800 WINBOND-ISD1800 Datasheet
709Kb / 26P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
List of Unclassifed Man...
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
logo
Nuvoton Technology Corp...
ISD5008 NUVOTON-ISD5008 Datasheet
1Mb / 54P
   3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
ISD4004 NUVOTON-ISD4004 Datasheet
931Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 8-, 10-, 12-, AND 16-MINUTE DURATION
logo
Generalplus Technology ...
GPCR06C GENERALPLUS-GPCR06C Datasheet
401Kb / 14P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com