Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JL10 Datasheet(PDF) 11 Page - Japan Aviation Electronics Industry, Ltd.

Part # JL10
Description  One-touch / Screw Mating Compatible Circular Waterproof Connector
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JL10 Datasheet(HTML) 11 Page - Japan Aviation Electronics Industry, Ltd.

Back Button JL10 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. JL10 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. JL10 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. JL10 Datasheet HTML 10Page - Japan Aviation Electronics Industry, Ltd. JL10 Datasheet HTML 11Page - Japan Aviation Electronics Industry, Ltd. JL10 Datasheet HTML 12Page - Japan Aviation Electronics Industry, Ltd. JL10 Datasheet HTML 13Page - Japan Aviation Electronics Industry, Ltd. JL10 Datasheet HTML 14Page - Japan Aviation Electronics Industry, Ltd. JL10 Datasheet HTML 15Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MB-0263-2
JAE PMK Div. Proprietary. Copyright © 2016, Japan Aviation Electronics Industry, Ltd.
11/15
Shell
Size
Dia. A
0.5
Dia. B
C
0.13
Mounting Screw (for reference)
Max. Panel
Thickness for
Rear Mount
Metric screw
thread
Unified screw
thread
18
30.2
3.3
26.97
M 3
#4-40
3mm max.
20
33.4
3.3
29.36
M 3
#4-40
3mm max.
22
36.6
3.3
31.75
M 3
#4-40
3mm max.
24
39.7
3.8
34.92
M 3.5
#6-32
4mm max.
28
46.1
3.8
39.67
M 3.5
#6-32
4mm max.
32
52.4
4.4
44.45
M 4
#8-32
6mm max.
Shell Size
Product Name
Applicable Cable O.D.
18
JL04-18CK(07)-*-R
φ5to φ8
18
JL04-18CK(13)-*-R
φ11 to φ14.1
20, 22
JL04-2022CK(09)-*-R
φ6.5 to φ9.5
20, 22
JL04-2022CK(12)-*-R
φ9.5 to φ13
20, 22
JL04-2022CK(14)-*-R
φ12.9 to φ16
24, 28, 22-22EB1
JL04-2428CK(11)-*-R
φ9to φ12
24, 28, 22-22EB1
JL04-2428CK(14)-*-R
φ12 to φ15
24, 28, 22-22EB1
JL04-2428CK(17)-*-R
φ15 to φ18
24, 28, 22-22EB1
JL04-2428CK(20)-*-R
φ18 to φ20
Panel Mount Dimensions for Reference
(1) Front mount: Receptacle is attached to the front side of the panel and enclosure.
Cable termination side will be inside when attached.
(2) Rear mount: Receptacle is attached to the back side of the panel and enclosure.
Please be aware of the panel thickness when concerning this product.
* Mounting dimensions are the same as our JL04V Series.
4-Dia. B
C
Dia. A
パネル
Panel
Front Mount
Rear Mount
Note) The dimensions
for Dia. A is the same
for front mount and
rear mount.
Cable clamp is the same as used with our JL04V Series.
Accessory: Cable Clamp (sold separately)


Similar Part No. - JL10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
JL101ABCA TI1-JL101ABCA Datasheet
1,014Kb / 24P
[Old version datasheet]   LM101AJAN Operational Amplifiers
JL101ABCA TI1-JL101ABCA Datasheet
981Kb / 25P
[Old version datasheet]   Operational Amplifiers
JL101ABGA TI1-JL101ABGA Datasheet
1,014Kb / 24P
[Old version datasheet]   LM101AJAN Operational Amplifiers
JL101ABGA TI1-JL101ABGA Datasheet
981Kb / 25P
[Old version datasheet]   Operational Amplifiers
JL101ABHA TI1-JL101ABHA Datasheet
1,014Kb / 24P
[Old version datasheet]   LM101AJAN Operational Amplifiers
More results

Similar Description - JL10

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CM10-SP10S-S-D DDK-CM10-SP10S-S-D Datasheet
929Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
CM10-SP10S-S(D6) DDK-CM10-SP10S-S(D6) Datasheet
915Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
CM09-P25P DDK-CM09-P25P Datasheet
1Mb / 4P
   One-Touch Locking Styled , Small Sized Circular Connectors
CMV1-SP10S-S DDK-CMV1-SP10S-S Datasheet
918Kb / 7P
   One-Touch Locking Style Small Sized Circular Connectors
CM10 DDK-CM10 Datasheet
334Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
CM09 DDK-CM09 Datasheet
200Kb / 3P
   One-Touch Locking Style Small Sized Circular Connectors
logo
Assmann Electronics Inc...
A-CR-04PMMP-LC-WP ASSMANN-A-CR-04PMMP-LC-WP Datasheet
48Kb / 1P
   Waterproof Circular connector
logo
DDK Ltd.
DMS3106A10SL-29SW(D190) DDK-DMS3106A10SL-29SW(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
logo
Japan Aviation Electron...
JK06 JAE-JK06 Datasheet
781Kb / 10P
   VG95234 Qualified Circular Waterproof Connector
logo
DDK Ltd.
CE02-2A18-10P-D DDK-CE02-2A18-10P-D Datasheet
191Kb / 3P
   Waterproof Circular Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com