Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISD5116EI Datasheet(PDF) 45 Page - Winbond

Part # ISD5116EI
Description  Single-Chip Voice Record/Playback Device Up to 16-Minute Duration with Digital Storage Capability
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD5116EI Datasheet(HTML) 45 Page - Winbond

Back Button ISD5116EI Datasheet HTML 41Page - Winbond ISD5116EI Datasheet HTML 42Page - Winbond ISD5116EI Datasheet HTML 43Page - Winbond ISD5116EI Datasheet HTML 44Page - Winbond ISD5116EI Datasheet HTML 45Page - Winbond ISD5116EI Datasheet HTML 46Page - Winbond ISD5116EI Datasheet HTML 47Page - Winbond ISD5116EI Datasheet HTML 48Page - Winbond ISD5116EI Datasheet HTML 49Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 57 page
background image
October 2000
Page 44
I
2C Interface Timing
STANDARD-MODE
FAST-MODE
PARAMETER
SYMBOL
MIN.
MAX.
MIN.
MAX.
UNIT
SCL clock frequency
fSCL
0
100
0
400
kHz
Hold time (repeated) START
condition. After this period, the first
clock pulse is generated
tHD; STA
4.0
-
0.6
-
µs
LOW period of the SCL clock
tLOW
4.7
-
1.3
-
µs
HIGH period of the SCL clock
tHIGH
4.0
-
0.6
-
µs
Set-up time for a repeated START
condition
tSU; STA
4.7
-
0.6
-
µs
Data set-up time
tSU; DAT
250
-
100
(1)
-ns
Rise time of both SDA and SCL
signals
tr
-
1000
20 + 0.1Cb
(2)
300
ns
Fall time of both SDA and SCL
signals
tf
-
300
20 + 0.1Cb
(2)
300
ns
Set-up time for STOP condition
tSU; STO
4.0
-
0.6
-
µs
Bus-free time between a STOP and
START condition
tBUF
4.7
-
1.3
-
µs
Capacitive load for each bus line
Cb
-
400
-
400
pF
Noise margin at the LOW level for
each connected device (including
hysteresis)
VnL
0.1 VDD
-
0.1 VDD
-V
Noise margin at the HIGH level for
each connected device (including
hysteresis)
VnH
0.2 VDD
-
0.2 VDD
-V
1.
A Fast-mode I
2C-interface device can be used in a Standard-mode I2C-interface system, but the requirement
tSU;DAT > 250 ns must then be met. This will automatically be the case if the device does not stretch the LOW
period of the SCL signal.
If such a device does stretch the LOW period of the SCL signal, it must output the next data bit to the SDA line;
tr max + tSU;DAT = 1000 + 250 = 1250 ns (according to the Standard-mode I
2C -interface specification) before the
SCL line is released.
2.
Cb = total capacitance of one bus line in pF. If mixed with HS mode devices, faster fall-times are allowed.


Similar Part No. - ISD5116EI

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD5116EY NUVOTON-ISD5116EY Datasheet
678Kb / 90P
   SINGLE-CHIP
ISD5116EYI NUVOTON-ISD5116EYI Datasheet
678Kb / 90P
   SINGLE-CHIP
More results

Similar Description - ISD5116EI

ManufacturerPart #DatasheetDescription
logo
Winbond
ISD5100 WINBOND-ISD5100 Datasheet
612Kb / 88P
   SINGLE-CHIP 1 TO 16 MINUTES DURATION VOICE RECORD/PLAYBACK DEVICES WITH DIGITAL STORAGE CAPABILITY
logo
Aplus Intergrated Circu...
APR6016 APLUS-APR6016 Datasheet
1Mb / 24P
   Voice Recording & Playback Device 16 Minute Duration
logo
Nuvoton Technology Corp...
ISD18C00 NUVOTON-ISD18C00 Datasheet
332Kb / 23P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
ISD5100 NUVOTON-ISD5100 Datasheet
1Mb / 87P
   SINGLE-CHIP 1TO16 MINUTES DURATION VOICE RECORD/PLAYBAC VOICE DEVICES WITH DIGITAL STORAGE CAPABILITY
ISD1800 NUVOTON-ISD1800 Datasheet
420Kb / 27P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Winbond
ISD1800 WINBOND-ISD1800 Datasheet
709Kb / 26P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
List of Unclassifed Man...
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
logo
Nuvoton Technology Corp...
ISD5008 NUVOTON-ISD5008 Datasheet
1Mb / 54P
   3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
ISD4004 NUVOTON-ISD4004 Datasheet
931Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 8-, 10-, 12-, AND 16-MINUTE DURATION
logo
Generalplus Technology ...
GPCR06C GENERALPLUS-GPCR06C Datasheet
401Kb / 14P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com