Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # HD
Description  Board-to-Cable Connector for High-speed Transmission
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

HD Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  HD Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. HD Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. HD Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. HD Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. HD Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. HD Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. HD Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. HD Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MB-0247-1
2/8
JAE PMK Div. Proprietary. Copyright © 2012,Japan Aviation Electronics Industry, Ltd.
Materials / Finishes
General Specifications
Number of Contacts:
40 (HD1), 30 (HD2)
Applicable Cable:
AWG#32 to 36 (Discrete cable)
AWG#36 to 44 (Micro-coaxial cable)
Rated Current:
1.0A per contact AC/DC [AWG#32]
1.0A per contact AC/DC [AWG#34]
0.8A per contact AC/DC [AWG#36]
0.3A per contact AC/DC [AWG#40]
0.24A per contact AC/DC [AWG#42]
0.1A per contact AC/DC [AWG#44]
Rated Voltage:
AC, DC each 100V per contact
Operating temperature:
-40 Deg. C to 85 Deg. C
Pitch: 0.5mm
Dielectric Withstanding Voltage:
AC250V r.m.s. per minute
Contact Resistance*:
AWG#32: 140m
 max.
AWG#34: 180m
 max.
AWG#36: 275m
 max.
AWG#40: 600m
 max.
AWG#42: 700m
 max.
AWG#44: 1080m
 max.
Insulation Resistance: 1000M
 min.
Heat resistance plastic / No finish
Insulator
Copper alloy / Au plating over Ni
Shell
Copper alloy / Au plating over Ni (contact area)
Contact
Material / Finish
Component
Board Side Receptacle Connector HD1S040HA1, HD2S030HA1
Heat resistance plastic / No finish
Insulator
Copper alloy / Au plating over Ni
Base shell
Copper alloy / Au plating over Ni
Contact
Material / Finish
Component
Plug Connector HD1P040MA1
Copper alloy / Au plating over Ni
Cover shell
Material / Finish
Component
Cover Shell for Plug HD1P040-CSH2-10000
*Values include the following conductor resistance of
100mm cable.
AWG#32: 60m
 max.
AWG#34: 100m
 max.
AWG#36: 160 to 195m
 max.
AWG#40: 485 to 520m
 max.
AWG#42: 585 to 620m
 max.
AWG#44: 1000m
 max.


Similar Description - HD

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FI-NX JAE-FI-NX Datasheet
1Mb / 10P
   Board-to-Cable Connector for High-Speed Differential Transmission
FI-M JAE-FI-M Datasheet
447Kb / 7P
   Board to Cable Connector for High speed Differential Transmission
FI-X30HL-B JAE-FI-X30HL-B Datasheet
255Kb / 5P
   Board-to-Cable Connector for High Speed Differential Transmission
logo
List of Unclassifed Man...
HD1S040HA1R6000 ETC2-HD1S040HA1R6000 Datasheet
691Kb / 8P
   Board-to-Cable Connector for High-speed Transmission HD Series Connector
HD1P040MA1R6000 ETC2-HD1P040MA1R6000 Datasheet
691Kb / 8P
   Board-to-Cable Connector for High-speed Transmission HD Series Connector
logo
Japan Aviation Electron...
FI-D JAE-FI-D Datasheet
735Kb / 4P
   Board to Cable Connector Compatible to High Speed Differential Transmission
FI-G JAE-FI-G Datasheet
279Kb / 7P
   Board to Cable Connector Compatible to High-Speed Differential Transmission
HJ1 JAE-HJ1 Datasheet
633Kb / 9P
   High-speed Differential Transmission Compatible Board-to-Cable Connector
TX24A JAE-TX24A Datasheet
581Kb / 4P
   1.27mm Pitch High-speed Transmission Board-to-Board Connector
logo
List of Unclassifed Man...
TM24RSG-5A-88 ETC2-TM24RSG-5A-88 Datasheet
411Kb / 5P
   Modular Jack Connector for High-Speed Transmission
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com