Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRU431AL Datasheet(PDF) 5 Page - International Rectifier

Part # IRU431AL
Description  LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU431AL Datasheet(HTML) 5 Page - International Rectifier

  IRU431AL Datasheet HTML 1Page - International Rectifier IRU431AL Datasheet HTML 2Page - International Rectifier IRU431AL Datasheet HTML 3Page - International Rectifier IRU431AL Datasheet HTML 4Page - International Rectifier IRU431AL Datasheet HTML 5Page - International Rectifier IRU431AL Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
IRU431L / IRU431AL
5
Rev. 1.8
02/20/02
www.irf.com
Thermal Design
The IRU431L is offered in the surface mount SOT-23 (L)
packages. The SOT-23 package has the maximum power
dissipation capability of 150mW at TA=25
°C with the de-
rating factor of -1.2mW /
°C.
The table below summarizes the maximum power dissi-
pation capability of each package versus ambient tem-
perature.
Ambient Temperature (TA) -
88C
Pkg
25
40
50
60
70
SOT-23
150mW
132mW
120mW
108mW
96mW
In our previous example, the maximum power dissipa-
tion of the device is calculated under no load and maxi-
mum input supply condition.
The maximum power is calculated using the following
equation:
As shown in the power dissipation table, both packages
can handle this power dissipation.
PMAX = VKA
3
oo
pp
Where:
PMAX = Maximum power dissipation of the 431L
For our example:
PMAX = 3.3
3
oo
pp=89mW
VMAX - VKA
RB
6 - 3.3
100
Stability
The IRU431L has many different domains of stability as
a function of the cathode current. As is typical of three-
terminal shunt regulators, the IRU431L has many do-
mains of stability. The actual domain in which any prac-
tical circuit operates is related to cathode current. In
general the device will be unconditionally stable for any
cathode current if a capacitor, 1
mF or larger, is connected
between the cathode and the anode. If the cathode cur-
rent is always higher than 3mA under minimum line and
maximum load conditions, the capacitor value can be
reduced to 0.01
mF and the system will be stable.


Similar Part No. - IRU431AL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1010 IRF-IRU1010 Datasheet
95Kb / 6P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1010 IRF-IRU1010 Datasheet
75Kb / 10P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1010-18 IRF-IRU1010-18 Datasheet
123Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1010-18 IRF-IRU1010-18 Datasheet
128Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1010-18CD IRF-IRU1010-18CD Datasheet
123Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
More results

Similar Description - IRU431AL

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Microsemi Corporation
LX432 MICROSEMI-LX432_05 Datasheet
202Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Texas Instruments
TLVH431A TI-TLVH431A Datasheet
500Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
TL432 KEXIN-TL432 Datasheet
318Kb / 8P
   Low Voltage Adjustable Precision Shunt Regulator
logo
IK Semicon Co., Ltd
TL432 IKSEMICON-TL432 Datasheet
611Kb / 9P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Fairchild Semiconductor
RC0431A FAIRCHILD-RC0431A Datasheet
540Kb / 9P
   Low-Voltage Adjustable Precision Shunt Regulator
logo
Bookly Micro electronic
BM432 BOOKLY-BM432 Datasheet
401Kb / 14P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
KL432 KEXIN-KL432 Datasheet
118Kb / 2P
   Low Voltage Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
AT431 ETC1-AT431 Datasheet
355Kb / 14P
   Low-Voltage Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com