Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FI-JZ Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # FI-JZ
Description  Plug has a compact design to pass through a small-hinge from back side.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

FI-JZ Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  FI-JZ Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. FI-JZ Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. FI-JZ Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. FI-JZ Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. FI-JZ Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. FI-JZ Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. FI-JZ Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. FI-JZ Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
1/8
MB-0236-1
September 2011
JAE PMK Div. Proprietary. Copyright © 2011, Japan Aviation Electronics Industry, Ltd.
FI-JZ Series
Fine-wire Coaxial Connector
For Compact Mobile Devices
RoHS Compliant
Along with the size minimization and slimming of small portable devices such as mobile
phones, high-speed signal transmission inside these devices is increasing due to higher
performance and the incorporation of multiple functions.
The "FI-JZ Series“ is a 0.9mm mating height, 0.25mm contact pitch, vertical connecting
fine-wire coaxial connector designed to meet the demand for more compact, lower profile
connectors with anti-noise performance.
Industries smallest size and height, 0.25mm pitch, vertical connection connection to
allow for minimization and slimming.
Mated dimensions of 0.9mm max. height, 2.08mm depth, and 16.29mm width (for 50
position).
Enhanced connection stability with gold plated ground contact points on plug and
receptacle.
Low profile, under 1mm mating height achieved in a vertical connector by using a
structure in which the receptacle contacts hold the plug contacts.
Plug connector ground bar is a common type to improve workability. (Same ground
bar as FI-JP and FI-JHS Series).
Applicable wire: compatible with 44AWG (Note 1) , 46AWG fine-wire coaxial.
Note 1: Applies to 0.25mm max. cable outer diameter.
Plug has a compact design to pass through a small-hinge from back side.
Supports automated mounting with embossed tape for receptacle.
Solder migration prevention structure with Ni barrier on receptacle.
Features


Similar Part No. - FI-JZ

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FI-J JAE-FI-J Datasheet
562Kb / 7P
   Thin Wire Coaxial Connector for Small Portable Devices
FI-J20C2-SH-D JAE-FI-J20C2-SH-D Datasheet
562Kb / 7P
   Thin Wire Coaxial Connector for Small Portable Devices
FI-J20C2-SH-D-10000 JAE-FI-J20C2-SH-D-10000 Datasheet
127Kb / 1P
   SHELL, MAGAZINE PAPER
FI-J20C5 JAE-FI-J20C5 Datasheet
562Kb / 7P
   Thin Wire Coaxial Connector for Small Portable Devices
FI-J20C5 JAE-FI-J20C5 Datasheet
133Kb / 1P
   INSULATOR HEAT RESISTING PLASTIC
More results

Similar Description - FI-JZ

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
S2408PC12NF LSTD-S2408PC12NF Datasheet
254Kb / 1P
   Small compact design
S2408P12NF LSTD-S2408P12NF Datasheet
263Kb / 1P
   Small compact design
logo
Productwell Precision E...
RKJXK8001 PRODUCTWELL-RKJXK8001 Datasheet
189Kb / 1P
   Compact design with a good space factor
RKJXK13N01 PRODUCTWELL-RKJXK13N01 Datasheet
113Kb / 1P
   Compact design with a good space factor
RKJXK13001 PRODUCTWELL-RKJXK13001 Datasheet
116Kb / 1P
   Compact design with a good space factor
RKJXP13001 PRODUCTWELL-RKJXP13001 Datasheet
112Kb / 1P
   Compact design with a good space factor
RKJXK12N04 PRODUCTWELL-RKJXK12N04 Datasheet
117Kb / 1P
   Compact design with a good space factor
RKJXK12001 PRODUCTWELL-RKJXK12001_14 Datasheet
122Kb / 1P
   Compact design with a good space factor
RKJXP13N01 PRODUCTWELL-RKJXP13N01_14 Datasheet
150Kb / 1P
   Compact design with a good space factor.
RKJXP12001 PRODUCTWELL-RKJXP12001_14 Datasheet
122Kb / 1P
   Compact design with a good space factor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com