Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISD5116 Datasheet(PDF) 2 Page - Winbond

Part No. ISD5116
Description  Single-Chip Voice Record/Playback Device Up to 16-Minute Duration with Digital Storage Capability
Download  57 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WINBOND [Winbond]
Homepage  http://www.winbond.com
Logo 

ISD5116 Datasheet(HTML) 2 Page - Winbond

 
Zoom Inzoom in Zoom Outzoom out
 2 / 57 page
background image
October 2000
Page 1
ISD5116
Advance Information
Single-Chip Voice Record/Playback Device Up to
16-Minute Duration with Digital Storage Capability
Features Summary
28-PIN TSOP
ISD5116
SOIC
ISD5116
Fully-Integrated Solution
! Single-chip voice record/playback solution
! Dual storage of digital and analog information
Low Power Consumption
! +2.7 to +3.3V (VCC) Supply Voltage
! Supports 2.0V and 3.0V interface logic
! Operating Current:
"
ICC Play = 15 mA (typical)
"
ICC Rec = 30 mA (typical)
"
ICC Feedthrough = 12 mA (typical)
! Standby Current:
"
ISB = 1
µA (typical)
! Most stages can be individually powered down
to minimize power consumption
Enhanced Voice Features
! One or two-way conversation record
! One or two-way message playback
! Voice memo record and playback
! Private call screening
! In-terminal answering machine
! Personalized outgoing message
! Private call announce while on call
Digital Memory Features
! Up to 4 MB available
! Storage of phone numbers, system configuration
parameters and message address table in cellular
application
Easy-to-use and Control
! No compression algorithm development required
! User-controllable sampling rates
! Programmable analog interface
! Fast mode I
2C serial interface (400 kHz)
! Fully addressable to handle multiple messages
High Quality Solution
! High quality voice and music reproduction
! ISD’s standard 100-year message retention
(typical)
! 100K record cycles (typical) for analog data
! 10K record cycles (typical) for digital data
Options
! Available in die form,
µBGA (available upon
request), TSOP and SOIC
! Extended (-20 to +70C) and Industrial (-40 to
+85C) available


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn