Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISD5116 Datasheet(PDF) 42 Page - Winbond

Part # ISD5116
Description  Single-Chip Voice Record/Playback Device Up to 16-Minute Duration with Digital Storage Capability
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD5116 Datasheet(HTML) 42 Page - Winbond

Back Button ISD5116 Datasheet HTML 38Page - Winbond ISD5116 Datasheet HTML 39Page - Winbond ISD5116 Datasheet HTML 40Page - Winbond ISD5116 Datasheet HTML 41Page - Winbond ISD5116 Datasheet HTML 42Page - Winbond ISD5116 Datasheet HTML 43Page - Winbond ISD5116 Datasheet HTML 44Page - Winbond ISD5116 Datasheet HTML 45Page - Winbond ISD5116 Datasheet HTML 46Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 57 page
background image
Page 41
AUX IN
(14)
Symbol
Parameters
Min
(2)
Typ
(1)(14)
Max
(2)
Units Conditions
VAUX IN
AUX IN Input Voltage
1.0
V
Peak-to-Peak (0 dB gain
setting)
VAUX IN (0TLP)
AUX IN (0TLP) Input Voltage
694.2
mV
Peak-to-Peak (0 dB gain
setting)
AAUX IN (ANA OUT)
Gain from AUX IN to ANA
OUT
0 to +9
dB
4 Steps of 3 dB
AAUX IN (GA)
AUX IN Gain Accuracy
-0.5
+0.5
dB
(11)
AAUX IN (GT)
AUX IN Gain Tracking
+/-0.1
dB
1000 Hz, +3 to –45 dB
0TLP Input, 0 dB setting
RAUX IN
AUX IN Input Resistance
10 to 100
k
Depending on AUX IN
Gain
SPEAKER OUTPUTS
(14)
Symbol
Parameters
Min
(2)
Typ
(1)(14)
Max
(2)
Units Conditions
VSPHG
SP+/- Output Voltage (High
Gain Setting)
3.6
V
Peak-to-Peak, differential
load = 150
Ω, OPA1,
OPA0 = 01
RSPLG
SP+/- Output Load Imp. (Low
Gain)
8
OPA1, OPA0 = 10
RSPHG
SP+/- Output Load Imp. (High
Gain)
70
150
OPA1, OPA0 = 01
CSP
SP+/- Output Load Cap.
100
pF
VSPAG
SP+/- Output Bias Voltage
(Analog Ground)
1.2
VDC
VSPDCO
Speaker Output DC Offset
+/-100
mV
DC
With ANA IN to Speaker,
ANA IN AC coupled to
VSSA
ICNANA IN/(SP+/-)
ANA IN to SP+/- Idle Channel
Noise
-65
dB
Speaker Load =
150
(12)(13)
CRT(SP+/-)/ANA
OUT
SP+/- to ANA OUT Cross
Talk
-65
dB
1 kHz 0TLP input to ANA
IN, with MIC+/- and AUX
IN AC coupled to VSS,
and measured at ANA
OUT feed through mode
(12)
PSRR
Power Supply Rejection Ratio
-55
dB
Measured with a 1 kHz,
100 mV p-p sine wave
input at VCC and VCC pins
FR
Frequency Response (300-
3400 Hz)
+0.5
dB
With 0TLP input to ANA
IN, 6 dB setting
(12)
Guaranteed by design
POUTLG
Power Output (Low Gain
Setting)
23.5
mW
RMS
Differential load at 8
SINAD
SINAD ANA IN to SP+/-
62.5
dB
0TLP ANA In input
minimum gain, 150
load
(12)(13)


Similar Part No. - ISD5116

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD5116 NUVOTON-ISD5116 Datasheet
678Kb / 90P
   SINGLE-CHIP
ISD5116EY NUVOTON-ISD5116EY Datasheet
678Kb / 90P
   SINGLE-CHIP
ISD5116EYI NUVOTON-ISD5116EYI Datasheet
678Kb / 90P
   SINGLE-CHIP
ISD5116PY NUVOTON-ISD5116PY Datasheet
1Mb / 87P
   SINGLE-CHIP 1TO16 MINUTES DURATION VOICE RECORD/PLAYBAC VOICE DEVICES WITH DIGITAL STORAGE CAPABILITY
ISD5116PY NUVOTON-ISD5116PY Datasheet
678Kb / 90P
   SINGLE-CHIP
More results

Similar Description - ISD5116

ManufacturerPart #DatasheetDescription
logo
Winbond
ISD5100 WINBOND-ISD5100 Datasheet
612Kb / 88P
   SINGLE-CHIP 1 TO 16 MINUTES DURATION VOICE RECORD/PLAYBACK DEVICES WITH DIGITAL STORAGE CAPABILITY
logo
Aplus Intergrated Circu...
APR6016 APLUS-APR6016 Datasheet
1Mb / 24P
   Voice Recording & Playback Device 16 Minute Duration
logo
Nuvoton Technology Corp...
ISD18C00 NUVOTON-ISD18C00 Datasheet
332Kb / 23P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
ISD5100 NUVOTON-ISD5100 Datasheet
1Mb / 87P
   SINGLE-CHIP 1TO16 MINUTES DURATION VOICE RECORD/PLAYBAC VOICE DEVICES WITH DIGITAL STORAGE CAPABILITY
ISD1800 NUVOTON-ISD1800 Datasheet
420Kb / 27P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Winbond
ISD1800 WINBOND-ISD1800 Datasheet
709Kb / 26P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
List of Unclassifed Man...
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
logo
Nuvoton Technology Corp...
ISD5008 NUVOTON-ISD5008 Datasheet
1Mb / 54P
   3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
ISD4004 NUVOTON-ISD4004 Datasheet
931Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 8-, 10-, 12-, AND 16-MINUTE DURATION
logo
Generalplus Technology ...
GPCR06C GENERALPLUS-GPCR06C Datasheet
401Kb / 14P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com