Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQOV-71-27 Datasheet(PDF) 4 Page - IQD Frequency Products Ltd

Part # IQOV-71-27
Description  OCXO Specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

IQOV-71-27 Datasheet(HTML) 4 Page - IQD Frequency Products Ltd

  IQOV-71-27 Datasheet HTML 1Page - IQD Frequency Products Ltd IQOV-71-27 Datasheet HTML 2Page - IQD Frequency Products Ltd IQOV-71-27 Datasheet HTML 3Page - IQD Frequency Products Ltd IQOV-71-27 Datasheet HTML 4Page - IQD Frequency Products Ltd IQOV-71-27 Datasheet HTML 5Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IQOV-71
OCXO Specification
Chipset Approval Table
IQD Model
Ref No.
Frequency
Chipset Type
IC Supplier
IQOV-71-8
M6457LF
40MHz
TBA
TBA
IQOV-71-9
M5626LF
12.8MHz
82V3399, 82V3391, 82V3398,
SyncE/SONET Sync Equipment
Timing Source (SETS)
IDT
IQOV-71-10
M5649LF
12.8MHz
ACS1790T, ACS9510,
ACS9520T, ACS9522T,
ACS9550, ACS9593T,
ACS8522BT, ACS8509,
ACS8510, ACS8514, ACS8515,
ACS8520, ACS8520A, ACS8522
Semtech
IQOV-71-11
M5890LF
25MHz
BCM88600, BCM88650,
BCM88750
Broadcom
IQOV-71-12
M5917LF
40MHz
Transcede 2000, Transcede 3000,
Transcede 4000
Intel
IQOV-71-13
M6049LF
19.2MHz
TCI6612, TCI6614, TCI6630
TI
IQOV-71-14
M6069LF
24.576MHz
TCI6612, TCI6614, TCI6630
TI
IQOV-71-15
M6226LF
20MHz
ACS1790T, ACS9510,
ACS9520T, ACS9522T,
ACS9550, ACS9593T
Semtech
IQOV-71-16
M6260LF
20MHz
ACS9522T, ACS9550, ACS9593T
Semtech
IQOV-71-17
M6261LF
20MHz
ACS9522T, ACS9550, ACS9593T
Semtech
IQOV-71-18
M6451LF
12.8MHz
TBA
TBA
IQOV-71-19
M6452LF
20MHz
TBA
TBA
IQOV-71-20
M6453LF
24.576MHz
TBA
TBA
IQOV-71-21
M6454LF
25MHz
TBA
TBA
IQOV-71-22
M6455LF
30.72MHz
TBA
TBA
IQOV-71-23
M6456LF
38.88MHz
TBA
TBA
IQOV-71-24
M5627LF
20MHz
ZL30152, ZL30155, ZL30157,
ZL30159, ZL30160, ZL30165
Microsemi
IQOV-71-24
M5627LF
20MHz
ACS1790T, ACS9510,
ACS9520T, ACS9522T,
ACS9550, ACS9593T
Semtech
IQOV-71-24
M5627LF
20MHz
TBA
Vitesse
IQOV-71-25
M5776LF
12.8MHz
ACS1790T, ACS9510,
ACS9520T, ACS9522T,
ACS9550, ACS9593T,
ACS8522BT, ACS8509,
ACS8510, ACS8514, ACS8515,
ACS8520, ACS8520A, ACS8522
Semtech
IQOV-71-26
M5834LF
24.576MHz
ZL30152, ZL30155, ZL30157,
ZL30159, ZL30160, ZL30165,
ZL30145, ZL30146, ZL30150,
ZL30152, ZL30155, ZL30158,
ZL30159, ZL30160, ZL30165,
MAX24
Microsemi
IQOV-71-27
M5856LF
12.8MHz
BCM560xx, BCM561xx,
BCM562xx, BCM563xx,
BCM564xx, BCM56440,
BCM565xx, BCM566xx,
BCM567xx, BCM56750,
BCM568xx, BCM56850
Broadcom
Printed on 22 Sep 16 14:44 using Model Data Sheet V1.2550
Page 4 of 5
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Similar Part No. - IQOV-71-27

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
IQOV-70 IQD-IQOV-70 Datasheet
1Mb / 2P
   OCXO Specification
IQOV-72 IQD-IQOV-72 Datasheet
139Kb / 3P
   OCXO Specification
IQOV-72-3 IQD-IQOV-72-3 Datasheet
139Kb / 3P
   OCXO Specification
IQOV-74 IQD-IQOV-74 Datasheet
457Kb / 4P
   OCXO Specification
IQOV-74-1 IQD-IQOV-74-1 Datasheet
457Kb / 4P
   OCXO Specification
More results

Similar Description - IQOV-71-27

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
IQOV-90 IQD-IQOV-90 Datasheet
274Kb / 3P
   OCXO Specification
IQCM-110 IQD-IQCM-110 Datasheet
239Kb / 4P
   OCXO Specification
IQOV-74 IQD-IQOV-74 Datasheet
457Kb / 4P
   OCXO Specification
IQCM-100 IQD-IQCM-100 Datasheet
479Kb / 6P
   OCXO Specification
IQOV-114 IQD-IQOV-114 Datasheet
809Kb / 2P
   OCXO Specification
IQCM-200 IQD-IQCM-200 Datasheet
424Kb / 5P
   OCXO Specification
IQOV-72 IQD-IQOV-72 Datasheet
139Kb / 3P
   OCXO Specification
IQOV-164 IQD-IQOV-164 Datasheet
1Mb / 3P
   OCXO Specification
IQOV-210F IQD-IQOV-210F Datasheet
1,010Kb / 3P
   OCXO Specification
IQOV-50 IQD-IQOV-50 Datasheet
682Kb / 2P
   OCXO Specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com