Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQOV-71-24 Datasheet(PDF) 1 Page - IQD Frequency Products Ltd

Part # IQOV-71-24
Description  OCXO Specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

IQOV-71-24 Datasheet(HTML) 1 Page - IQD Frequency Products Ltd

  IQOV-71-24 Datasheet HTML 1Page - IQD Frequency Products Ltd IQOV-71-24 Datasheet HTML 2Page - IQD Frequency Products Ltd IQOV-71-24 Datasheet HTML 3Page - IQD Frequency Products Ltd IQOV-71-24 Datasheet HTML 4Page - IQD Frequency Products Ltd IQOV-71-24 Datasheet HTML 5Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
IQOV-71
OCXO Specification
ISSUE 1; September 2016
Outline (mm)
Pb-Free Reflow
Description
A miniature, highly integrated oven controlled crystal oscillator
providing comparable stability to traditional OCXOs but in a
small SMD package. Manufactured for us by Rakon.
Features:
Small form factor
Frequency stability over temperature as low as ±10ppb over
-20 to 70°C
Low power consumption
High reliability
Applications:
Basestation
Broadcasting
Communications
Instrumentation
Microwave
Satellite Communication
Time & frequency reference
Picocell
Frequency Parameters
Frequency
5.0MHz to 50.0MHz
±500.00ppb
Frequency Tolerance
at 25°C ±2°C
Tolerance Condition
Frequency Stability
±10.00ppb to ±100.00ppb
Developed Frequencies: 10.0, 12.80MHz, 19.20MHz,
20.0MHz, 24.5760MHz, 25.0MHz, 30.720MHz, 30.880MHz,
40.0MHz, 49.1520MHz and 50.0MHz
Reflow Shift: Pre to post reflow ΔF (measured ≥ 60 minutes
after reflow): ±1 ppm
Frequency stability over temperature in still air reference to
(Fmax+Fmin)/2
Supply Voltage Variation (5% change, freq ≤ 26MHz): ±10ppb
typ
Ageing:
±2ppb max per day (After 30 days of continuous operation)
±1ppm max in 1st year
±3ppm max over 10 years
Electrical Parameters
Frequency Slope: (temperature ramp 1°C/min): ±2ppb/°C max
Supply Voltage Operable Range: 2.7 to 5.5V
The oscillator will continue to function over this range but may
not meet specified performance.
Standard available nominal supply voltages are 3.3 and 5.0V,
other nominal supply voltages may be available upon request,
please contact our sales offices.
Load Variation (±5pF change, freq ≤26MHz): ±10ppb typ
Warm Up Time @25°C (Time needed for frequency to be within
±20ppb reference to frequency after 1 hour at 25°C. Parameter
is frequency, assembly and operating history dependent): <3
minutes
Power Consumption:
Warm up: ≤0.8W (ref -20 to 70°C devices)
Warm up: ≤1.0W (ref -40 to 85°C devices)
Steady State @ 25°C : ≤0.35W (still air) (ref -20 to 70°C
devices)
Steady State @ 25°C : ≤0.4W (still air) (ref -40 to 85°C devices)
Printed on 22 Sep 16 14:44 using Model Data Sheet V1.2550
Page 1 of 5
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Similar Part No. - IQOV-71-24

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
IQOV-70 IQD-IQOV-70 Datasheet
1Mb / 2P
   OCXO Specification
IQOV-72 IQD-IQOV-72 Datasheet
139Kb / 3P
   OCXO Specification
IQOV-72-3 IQD-IQOV-72-3 Datasheet
139Kb / 3P
   OCXO Specification
IQOV-74 IQD-IQOV-74 Datasheet
457Kb / 4P
   OCXO Specification
IQOV-74-1 IQD-IQOV-74-1 Datasheet
457Kb / 4P
   OCXO Specification
More results

Similar Description - IQOV-71-24

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
IQOV-90 IQD-IQOV-90 Datasheet
274Kb / 3P
   OCXO Specification
IQCM-110 IQD-IQCM-110 Datasheet
239Kb / 4P
   OCXO Specification
IQOV-74 IQD-IQOV-74 Datasheet
457Kb / 4P
   OCXO Specification
IQCM-100 IQD-IQCM-100 Datasheet
479Kb / 6P
   OCXO Specification
IQOV-114 IQD-IQOV-114 Datasheet
809Kb / 2P
   OCXO Specification
IQCM-200 IQD-IQCM-200 Datasheet
424Kb / 5P
   OCXO Specification
IQOV-72 IQD-IQOV-72 Datasheet
139Kb / 3P
   OCXO Specification
IQOV-164 IQD-IQOV-164 Datasheet
1Mb / 3P
   OCXO Specification
IQOV-210F IQD-IQOV-210F Datasheet
1,010Kb / 3P
   OCXO Specification
IQOV-50 IQD-IQOV-50 Datasheet
682Kb / 2P
   OCXO Specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com