Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA1R011HA1E1000 Datasheet(PDF) 6 Page - Japan Aviation Electronics Industry, Ltd.

Part # RA1R011HA1E1000
Description  Connector ?쏛??for IMT-2000 Mobile Phones
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

RA1R011HA1E1000 Datasheet(HTML) 6 Page - Japan Aviation Electronics Industry, Ltd.

Back Button RA1R011HA1E1000 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. RA1R011HA1E1000 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. RA1R011HA1E1000 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. RA1R011HA1E1000 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. RA1R011HA1E1000 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. RA1R011HA1E1000 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. RA1R011HA1E1000 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. RA1R011HA1E1000 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. RA1R011HA1E1000 Datasheet HTML 10Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MB-0052-6
6/12
JAE PMK Div. Proprietary. Copyright © 2006,Japan Aviation Electronics Industry, Ltd.
■ Part Number  
RA1P011FP* (Standard plug/ solder connection type)
   Applicable wire: AWG#28 max.   Applicable cable diameter: 5.0 mm dia. max.
   Coaxial cable: 1.5D equivalent
Hood Color
Part Number
SJ Drawing
Light gray
RA1P011FP1
SJ101712
Black
RA1P011FP2
SJ101713
Note: This product does not include bushing and clamp barrel.
Please refer to Handling Instruction JAHL-3228 regarding connection,
assembly process, bushing portion design and dimensions.
(Unit: mm)


Similar Part No. - RA1R011HA1E1000

ManufacturerPart #DatasheetDescription
logo
ETRI
RA100 ETRI-RA100 Datasheet
169Kb / 3P
   ALARM RELAYS
logo
List of Unclassifed Man...
RA100 ETC-RA100 Datasheet
661Kb / 1P
   RESISTORS ASSEMBLIES
RA1000 ETC-RA1000 Datasheet
661Kb / 1P
   RESISTORS ASSEMBLIES
logo
Vishay Barry
RA1000-10-1X BARRY-RA1000-10-1X Datasheet
156Kb / 2P
   10W AlN Flanged Resistor
REV.H AUG 27 2014
RA1000-100-4X BARRY-RA1000-100-4X Datasheet
136Kb / 1P
   Aluminum Nitride
12/04/08
More results

Similar Description - RA1R011HA1E1000

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
819-IF380.0M-A OSCILENT-819-IF380.0M-A Datasheet
142Kb / 2P
   HDR & IMT-2000
logo
Sangdest Microelectroni...
SMP1005-01ETG SMC-SMP1005-01ETG Datasheet
277Kb / 5P
   Mobile Phones
logo
Rohm
BD6183GUL ROHM-BD6183GUL Datasheet
560Kb / 35P
   System LED Drivers for Mobile Phones
BH7826FVM ROHM-BH7826FVM Datasheet
107Kb / 3P
   Audio driver IC for mobile phones
logo
Active-Semi, Inc
ACT5830 ACTIVE-SEMI-ACT5830_08 Datasheet
713Kb / 41P
   Twelve Channel PMU for Mobile Phones
Rev PrB, 05-Mar-08
logo
ams AG
AS3653 AMSCO-AS3653 Datasheet
140Kb / 2P
   Power Management Unit for Mobile Phones
logo
Oscilent Corporation
819-IF153.6M-A OSCILENT-819-IF153.6M-A Datasheet
143Kb / 2P
   Base Station, Repeater, HDR, IMT-2000
819-IF190.0M-B OSCILENT-819-IF190.0M-B Datasheet
144Kb / 2P
   Base Station, Repeater, HDR, IMT-2000
logo
Active-Semi, Inc
ACT5810 ACTIVE-SEMI-ACT5810 Datasheet
130Kb / 2P
   Nine Channel PMU for Mobile Phones
28-Aug-07
logo
Rohm
BD6184GUL ROHM-BD6184GUL Datasheet
603Kb / 38P
   System LED Drivers for Mobile Phones
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com