Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQOV-164 Datasheet(PDF) 3 Page - IQD Frequency Products Ltd

Part # IQOV-164
Description  OCXO Specification
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

IQOV-164 Datasheet(HTML) 3 Page - IQD Frequency Products Ltd

  IQOV-164 Datasheet HTML 1Page - IQD Frequency Products Ltd IQOV-164 Datasheet HTML 2Page - IQD Frequency Products Ltd IQOV-164 Datasheet HTML 3Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
IQOV-164
OCXO Specification
Ordering Information
Frequency*
Model Option*
Output Type*
Frequency Stability (over operating temperature range)*
Operating Temperature Range*
Supply Voltage*
Pulling*
(*minimum required)
Example
10.0MHz IQOV-164-4
Sine ±1ppb -30 to 75C 3.3V ±0.7ppm to ±1ppm
Compliance
Compliant
RoHS Status (2011/65/EU)
Compliant
REACh Status
MSL Rating (JDEC-STD-033):
Not Applicable
Packaging Details
Loose in bulk pack
Pack Style: Bulk
Pack Size: 1
Electrical Specification - maximum limiting values 3.3V ±5%
Frequency
Min
Frequency
Max
Temperature
Range
Stability
(Min)
Current
Draw
Rise and Fall
Time
Duty Cycle
°C
ppb
mA
ns
%
-10 to 60
5.0MHz
50.0MHz
±0.2
-
-
-
-20 to 70
±0.2
-
-
-
-30 to 75
±0.5
-
-
-
-40 to 85
±1.0
-
-
-
-10 to 60
50.0MHz
100.0MHz
±50.0
-
-
-
-20 to 70
±50.0
-
-
-
-30 to 75
±50.0
-
-
-
-40 to 85
±50.0
-
-
-
This document was correct at the time of printing; please contact your local sales office for the latest version.
Click to view latest version on our website.
Printed on 26 Apr 16 10:41 using Model Data Sheet V1.2550
Page 3 of 3
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Similar Part No. - IQOV-164

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
IQOV-160 IQD-IQOV-160 Datasheet
515Kb / 2P
   Frequency 5.0MHz to 100.0MHz
IQOV-162 IQD-IQOV-162 Datasheet
960Kb / 3P
   OCXO Specification
More results

Similar Description - IQOV-164

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
IQOV-71 IQD-IQOV-71 Datasheet
167Kb / 5P
   OCXO Specification
IQOV-90 IQD-IQOV-90 Datasheet
274Kb / 3P
   OCXO Specification
IQCM-110 IQD-IQCM-110 Datasheet
239Kb / 4P
   OCXO Specification
IQOV-74 IQD-IQOV-74 Datasheet
457Kb / 4P
   OCXO Specification
IQCM-100 IQD-IQCM-100 Datasheet
479Kb / 6P
   OCXO Specification
IQOV-114 IQD-IQOV-114 Datasheet
809Kb / 2P
   OCXO Specification
IQCM-200 IQD-IQCM-200 Datasheet
424Kb / 5P
   OCXO Specification
IQOV-72 IQD-IQOV-72 Datasheet
139Kb / 3P
   OCXO Specification
IQOV-210F IQD-IQOV-210F Datasheet
1,010Kb / 3P
   OCXO Specification
IQOV-50 IQD-IQOV-50 Datasheet
682Kb / 2P
   OCXO Specification
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com