Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DX07B024XJ1R1300 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # DX07B024XJ1R1300
Description  USB Type-C TM Connector
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DX07B024XJ1R1300 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  DX07B024XJ1R1300 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. DX07B024XJ1R1300 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. DX07B024XJ1R1300 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. DX07B024XJ1R1300 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. DX07B024XJ1R1300 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. DX07B024XJ1R1300 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. DX07B024XJ1R1300 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
MB-0297-3
December 2015
JAE PMK Div. Proprietary. Copyright © 2015, Japan Aviation Electronics Industry, Ltd.
1/7
No. of Contacts: 24 pos.
Contact Resistance: 40mΩmax.(initial)
Dielectric Withstanding Voltage:
100Vrms / 1 minute
Insulation Resistance: 100M Ω (initial)
Rated Current:
Terminal No. A1, A4, A9, A12, B1, B4, B5,
B9, B12 are DC 1.25A (maximum),
Others are DC 0.25A
Rated Voltage: 20Vrms
Mating Cycles: 10,000 times
Operating Temperature:
-30 Deg. C to 80 Deg. C
USB Type-C TM Connector
DX07 Series Receptacle
<<Outline>>
The DX07 Series connectors are compatible with the next-generation USB
specification “USB Type-CTM” and are expected to become popular as a standard
interface for various devices.
Note) USB Type-CTM is a trademark of USB Implementers Forum, Inc.
Compatible with Universal Serial Bus Type-C Specification Release 1.1
Compatible with 10Gbps SuperSpeed communication. (USB 3.1 Gen 2)
Compatible with USB Power Delivery.
Reversible plug makes it possible to insert both ways.
Superior EMI / EMC characteristics.
Design for high mechanical strength.
Lock structure with high durability.
Contact mounting area is available in 2 types: space-saving 2 row SMT type, and
hybrid type with superior solder mounting reworkability.
Available in two mounting types: on-board and mid-mount.
On-board Type
Mid-mount Type
Smartphones, tablets, PCs, high-definition camcorders, digital still cameras (single-
lens reflex, compact), and others
RoHS Compliant
Features
General Specifications
Applicable Markets
On-board Type
Mid-mount Type
2 row SMT
Hybrid


Similar Part No. - DX07B024XJ1R1300

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
DX0505 BULGIN-DX0505 Datasheet
70Kb / 1P
   Vandal Resistant LED Indicators
DX0506 BULGIN-DX0506 Datasheet
70Kb / 1P
   Vandal Resistant LED Indicators
DX0507 BULGIN-DX0507 Datasheet
75Kb / 1P
   Vandal Resistant LED Indicators
DX0508 BULGIN-DX0508 Datasheet
75Kb / 1P
   Vandal Resistant LED Indicators
logo
DAICO Industries, Inc.
DX0907 DAICO-DX0907 Datasheet
139Kb / 1P
   Attenuator and Power Amplifier
More results

Similar Description - DX07B024XJ1R1300

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DSB-RE24-H1A DDK-DSB-RE24-H1A Datasheet
346Kb / 3P
   USB Type-C Connector
logo
Hirose Electric
CX90B1-24P HIROSE-CX90B1-24P Datasheet
1Mb / 25P
   USB Type-C Connector
logo
Bel Fuse Inc.
SS-52400-004 BEL-SS-52400-004 Datasheet
427Kb / 1P
   IP67 USB Type-C Connector
logo
VITALCONN ELECTRONICS H...
UC41D3XLXXX VITALCONN-UC41D3XLXXX Datasheet
290Kb / 2P
   TYPE C USB
logo
List of Unclassifed Man...
690-024-260-900 ETC2-690-024-260-900 Datasheet
324Kb / 1P
   USB 3.1 TYPE C PLUG CONNECTOR
logo
Suntsu Electronics, Inc...
SCNUS-UC-124SGM-SOVPM SUNTSU-SCNUS-UC-124SGM-SOVPM Datasheet
152Kb / 1P
   USB TYPE C 3.1 MALE CONNECTOR
SCNUS-UC-124SGF-SOVPM SUNTSU-SCNUS-UC-124SGF-SOVPM Datasheet
142Kb / 1P
   USB TYPE C 3.1 FEMALE CONNECTOR
logo
Tripp Lite. All Rights ...
U040-006-C TRIPPLITE-U040-006-C Datasheet
157Kb / 3P
   USB 2.0 Cable, USB Type-C (USB-C) to USB Type-C M/M, 6-ft. Length
logo
Maxim Integrated Produc...
MAX14748 MAXIM-MAX14748_V01 Datasheet
1Mb / 71P
   USB Type-C Charger
2019
MAX14748 MAXIM-MAX14748 Datasheet
1Mb / 71P
   USB Type-C Charger
Rev 0; 6/17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com