Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DX4R205JJA Datasheet(PDF) 10 Page - Japan Aviation Electronics Industry, Ltd.

Part # DX4R205JJA
Description  USB 2.0 Compatible Micro Connectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DX4R205JJA Datasheet(HTML) 10 Page - Japan Aviation Electronics Industry, Ltd.

Back Button DX4R205JJA Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. DX4R205JJA Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. DX4R205JJA Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. DX4R205JJA Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. DX4R205JJA Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. DX4R205JJA Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. DX4R205JJA Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. DX4R205JJA Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. DX4R205JJA Datasheet HTML 10Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
MB-0187-3
JAE PMK Div. Proprietary. Copyright © 2014, Japan Aviation Electronics Industry, Ltd.
10/10
Unit: mm
Type without mating area taper (DX4R205JJ9)
*Design is same as DX4R205JJ8 except the mating
area taper.
Product Marketing Division
Aobadai Building, 3-1-19, Aobadai, Meguro-ku, Tokyo 153-8539
Phone: +81-3-3780-2882 FAX: +81-3-3780-2946
* The specifications in this brochure are subject to change without notice. Please contact JAE for information.
Notice:
1. The values specified in this brochure are only for reference. The products and their specifications are subject to change without notice.
Contact our sales staff for further information before considering or ordering any of our products.
For purchase, a product specification must be agreed upon.
2. Users are requested to provide protection circuits and redundancy circuits to ensure safety of the equipment, and sufficiently review the
suitability of JAE's products to the equipment.
3. The products presented in this brochure are designed for the uses recommended below.
We strongly suggest you contact our sales staff when considering use of any of the products in any other way than the recommended
applications or for a specific use that requires an extremely high reliability.
(1) Applications that require consultation:
(i) Please contact us if you are considering use involving a quality assurance program that you specify or that is peculiar to the industry,
such as:
Automotive electrical components, train control, telecommunications devices (mainline), traffic light control, electric power, combustion
control, fire prevention or security systems, disaster prevention equipment, etc.
(ii) We may separately give you our support with a quality assurance program that
you specify, when you think of a use such as :
Aviation or space equipment, submarine repeaters, nuclear power control systems, medical equipment for life support, etc.
(2) Recommended applications include:
Computers, office appliances, telecommunications devices (terminals, mobile units), measuring equipment, audiovisual equipment, home
electric appliances, factory automation equipment, etc
Mating Area Reinforced Type
(Micro-AB): DX4R205JJ8


Similar Part No. - DX4R205JJA

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
DX4R005J91 JAE-DX4R005J91 Datasheet
171Kb / 1P
   CONTACT COPPER ALLOY
More results

Similar Description - DX4R205JJA

ManufacturerPart #DatasheetDescription
logo
Amphenol Communications...
IO_USB_MICRO AMPHENOLCS-IO_USB_MICRO Datasheet
310Kb / 3P
   Micro USB 2.0 Connectors
logo
Hirose Electric
ZX HIROSE-ZX_18 Datasheet
931Kb / 20P
   Micro-USB connectors meeting USB 2.0 Standard
ZX62 HIROSE-ZX62 Datasheet
847Kb / 20P
   Micro-USB connectors meeting requirements of USB 2.0 Standard
ZX20-B-5S HIROSE-ZX20-B-5S Datasheet
1Mb / 20P
   Micro-USB connectors meeting requirements of USB 2.0 Standard
logo
Rosenberger Hochfrequen...
L99-988-800 ROSENBERGER-L99-988-800 Datasheet
782Kb / 2P
   USB 2.0 A MALE TO USB 2.0 MICRO-B
logo
Assmann Electronics Inc...
AK67501-0-5 ASSMANN-AK67501-0-5 Datasheet
85Kb / 1P
   USB 2.0 Micro Connection cable
AK67501-2 ASSMANN-AK67501-2 Datasheet
85Kb / 1P
   USB 2.0 Micro Connection cable
AK67501-3 ASSMANN-AK67501-3 Datasheet
85Kb / 1P
   USB 2.0 Micro Connection cable
AK67501-5 ASSMANN-AK67501-5 Datasheet
85Kb / 1P
   USB 2.0 Micro Connection cable
AK67501-1 ASSMANN-AK67501-1 Datasheet
85Kb / 1P
   USB 2.0 Micro Connection cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com