Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQMS-145 Datasheet(PDF) 1 Page - IQD Frequency Products Ltd

Part # IQMS-145
Description  MEMS Oscillator Specification
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

IQMS-145 Datasheet(HTML) 1 Page - IQD Frequency Products Ltd

  IQMS-145 Datasheet HTML 1Page - IQD Frequency Products Ltd IQMS-145 Datasheet HTML 2Page - IQD Frequency Products Ltd IQMS-145 Datasheet HTML 3Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IQMS-145
MEMS Oscillator Specification
ISSUE 1; March 2016
Outline (mm)
Description
Low jitter high frequency differential MEMS oscillator with
LVPECL output in a plastic package. Factory programmable
for a short lead time. Uses SiTime’s MEMS First™ technology.
APPLICATIONS:
10GB Ethernet
SONET
SATA
SAS
Fibre Channel
PCI-Express
Telecom
Networking
Instrumentation
Storage
Servers
This specification provides guidance on the performance of
3.3V devices in a 3.2 x 2.5mm package. Other supply voltage
options are available at 2.5V. Other package size options are
available as 5.0 x 3.2mm or 7.0 x 5.0mm.
Frequency Parameters
Frequency
220.0MHz to 625.0MHz
Frequency Stability
±10.00ppm to ±50.00ppm
±2ppm max in 1st year, ±5ppm
max over 10yrs
Ageing (@ 25°C)
Frequency Stability: Inclusive of frequency tolerance @ 25°C,
operating temperature range, supply voltage variation and load
variation.
Electrical Parameters
3.3V ±10%
Supply Voltage
Absolute Maximum Supply Voltage Rating: -0.5 to 4.0V
Note: Operating beyond these limits may result in change or
permanent damage to the oscillator.
Supply Current (excluding Load Termination Current): 61mA
typ, 69mA max
Maximum Output Current (maximum average current drawn
from OUT+ or OUT-): 30mA max
Operating Temperature Ranges
-20 to 70°C
-40 to 85°C
Output Details
Output Compatability
LVPECL
Drive Capability
50Ω to Vs-2.0V
Output Voltage Levels:
Output Low (VoL): Vs-1.9V to Vs-1.5V
Output High (VoH): Vs-1.1V to Vs-0.7V
Output Differential Voltage Swing: 1.2V min, 1.6V typ, 2.0V
max
Printed on 31 Aug 16 16:04 using Model Data Sheet V1.2550
Page 1 of 3
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Similar Part No. - IQMS-145

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
IQMS-141 IQD-IQMS-141 Datasheet
142Kb / 3P
   MEMS Oscillator Specification
IQMS-142 IQD-IQMS-142 Datasheet
132Kb / 3P
   MEMS Oscillator Specification
IQMS-143 IQD-IQMS-143 Datasheet
142Kb / 3P
   MEMS Oscillator Specification
IQMS-144 IQD-IQMS-144 Datasheet
133Kb / 3P
   MEMS Oscillator Specification
IQMS-146 IQD-IQMS-146 Datasheet
133Kb / 3P
   MEMS Oscillator Specification
More results

Similar Description - IQMS-145

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
IQMS-142 IQD-IQMS-142 Datasheet
132Kb / 3P
   MEMS Oscillator Specification
IQMS-144 IQD-IQMS-144 Datasheet
133Kb / 3P
   MEMS Oscillator Specification
IQMS-146 IQD-IQMS-146 Datasheet
133Kb / 3P
   MEMS Oscillator Specification
IQMS-133 IQD-IQMS-133 Datasheet
133Kb / 3P
   MEMS Oscillator Specification
IQMS-136 IQD-IQMS-136 Datasheet
132Kb / 3P
   MEMS Oscillator Specification
IQMS-141 IQD-IQMS-141 Datasheet
142Kb / 3P
   MEMS Oscillator Specification
IQMS-138 IQD-IQMS-138 Datasheet
133Kb / 3P
   MEMS Oscillator Specification
IQMS-147 IQD-IQMS-147 Datasheet
133Kb / 3P
   MEMS Oscillator Specification
IQMS-137 IQD-IQMS-137 Datasheet
133Kb / 3P
   MEMS Oscillator Specification
IQMS-134 IQD-IQMS-134 Datasheet
133Kb / 3P
   MEMS Oscillator Specification
IQMS-135 IQD-IQMS-135 Datasheet
132Kb / 3P
   MEMS Oscillator Specification
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com