Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD369 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BD369
Description  isc Silicon PNP Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD369 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BD369 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD369 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon PNP Power Transistors
BD369
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCEO(SUS)
(1)
Collector-Emitter Sustaining Voltage
IC= -50mA ;IB= 0
-80
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= -10A; IB= -1 A
-1.0
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= -25A; IB= -6.25A
-4.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC=-25A; IB=-6.25A
-2.5
V
VBE(on)
Base-Emitter On Voltage
IC= -10A ; VCE= -4V
-1.5
V
ICEO
Collector Cutoff Current
VCE= -40V; IB= 0
-2.0
mA
ICBO
Collector Cutoff Current
VCB= -80V; IE= 0
-1.0
mA
IEBO
Emitter Cutoff Current
VEB= -5V; IC=0
-1.0
mA
hFE-1
DC Current Gain
IC=-5A ; VCE=-4V
25
hFE-2
DC Current Gain
IC=-10A ; VCE=-4V
20
100
hFE-3
DC Current Gain
IC=-25A ; VCE=-4V
4
COB
Output Capacitance
IE= 0;VCB=-10V;ftest= 1MHz
1000
pF
fT
Current-Gain—Bandwidth Product
IC=-1A ; VCE=-10V ;ftest= 1MHz
4
MHz


Similar Part No. - BD369

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD36931 ETC-BD36931 Datasheet
426Kb / 5P
   SINGLE PHASE MOULDED BRIDGES 0,8 AMP TO 1,5 AMP
BD36933 ETC-BD36933 Datasheet
426Kb / 5P
   SINGLE PHASE MOULDED BRIDGES 0,8 AMP TO 1,5 AMP
More results

Similar Description - BD369

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STD888 ISC-STD888 Datasheet
227Kb / 2P
   isc Silicon PNP Power Transistor
2SB1157-3PFA ISC-2SB1157-3PFA Datasheet
152Kb / 2P
   isc Silicon PNP Power Transistor
KTB1366 ISC-KTB1366 Datasheet
150Kb / 2P
   isc Silicon PNP Power Transistor
KSH210 ISC-KSH210 Datasheet
336Kb / 3P
   isc Silicon PNP Power Transistor
BUX78 ISC-BUX78 Datasheet
213Kb / 2P
   isc Silicon PNP Power Transistor
BDS18 ISC-BDS18 Datasheet
193Kb / 2P
   isc Silicon PNP Power Transistor
2N3197 ISC-2N3197 Datasheet
260Kb / 2P
   isc Silicon PNP Power Transistor
2SA1649 ISC-2SA1649 Datasheet
283Kb / 2P
   isc Silicon PNP Power Transistor
2SB538 ISC-2SB538 Datasheet
249Kb / 2P
   isc Silicon PNP Power Transistor
2SB724 ISC-2SB724 Datasheet
257Kb / 2P
   isc Silicon PNP Power Transistor
BD844 ISC-BD844_17 Datasheet
276Kb / 2P
   isc Silicon PNP Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com