Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP03 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # CP03
Description  65GHz Compatible SMPM Coaxial Connector
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

CP03 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  CP03 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. CP03 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. CP03 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. CP03 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. CP03 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MB-0262-2
JAE PMK Div. Proprietary. Copyright © 2013, Japan Aviation Electronics Industry, Ltd.
2/5
CP03 CP03 F 01
Series
Series
Connector Shape (F = Straight)
Development Number
 Characteristic Impedance: 50
 Operating Frequency: up to 65GHz
 Voltage Standing Wave Ratio (VSWR): 1.5 (max.) up to 65GHz
 Rated Voltage: 160V AC r.m.s.
 Insulation Resistance: 5000M
 min.
 Dielectric Withstand Voltage: 500V AC r.m.s. / minute
 Operating Temperature: -55 Deg. C ~ + 125 Deg. C
 Mating Cycles: 100 times
Part Number
CP03CP03F01
CP03N2A1D00
CP03N4A1D00
Center
Conductor
Beryllium copper /
Au plating over Ni
Brass /
Au plating over Ni
Brass /
Au plating over Ni
Outer
Conductor
Beryllium copper /
Au plating over Ni
Brass /
Au plating over Ni
Brass / Au plating
over Ni
Insulator
Teflon (PTFE)
Teflon (PTFE)
Teflon (PTFE)
Ordering Information
General Specifications
Materials and Finishes
CP03 N 4 A 1 D 00
Series
Connector Shape
(N = right angle plug receptacle)
No. of Contacts
Plug Type (A = with lock)
Development Number
Characteristic Impedance
(D = 50
)
Connection No.
(00 = non-cable type)


Similar Part No. - CP03

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CP030 TELEDYNE-CP030 Datasheet
3Mb / 16P
   High Definition Oscilloscopes
CP030 TELEDYNE-CP030 Datasheet
847Kb / 4P
   Current Probes
logo
Jiangsu High diode Semi...
CP0300SC HDSEMI-CP0300SC Datasheet
1Mb / 5P
   SMB Plastic-Encapsulate Diodes
logo
AVX Corporation
CP0302A5425ENTR AVX-CP0302A5425ENTR Datasheet
101Kb / 2P
   Thin Film Directional Couplers WiFi Band High Directivity
CP0302P5425ENTR AVX-CP0302P5425ENTR Datasheet
101Kb / 2P
   Thin Film Directional Couplers WiFi Band High Directivity
More results

Similar Description - CP03

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
SMPM HIROSE-SMPM Datasheet
170Kb / 1P
   SMPM Series 65GHz, push-on lock coaxial connectors
logo
United Monolithic Semic...
CHM1298-99F UMS-CHM1298-99F_15 Datasheet
261Kb / 6P
   55-65GHz Single Side Band Mixer
MPC-P09828 UMS-MPC-P09828 Datasheet
128Kb / 6P
   55-65GHz Single Side Band Mixer
logo
Japan Aviation Electron...
CB1 JAE-CB1 Datasheet
124Kb / 3P
   IEC60169-29(Type 0.1/2.3) Standard Compatible Coaxial Connector
logo
United Monolithic Semic...
MFC-P09828 UMS-MFC-P09828 Datasheet
128Kb / 6P
   55-65GHz Single Side Band Mixer
CHM1298-99F UMS-CHM1298-99F Datasheet
261Kb / 6P
   55-65GHz Single Side Band Mixer
CHA2159 UMS-CHA2159_15 Datasheet
136Kb / 6P
   55-65GHz Low Noise / Medium Power Amplifier
CHA2159 UMS-CHA2159 Datasheet
203Kb / 6P
   55-65GHz Low Noise / Medium Power Amplifier
logo
Amphenol Corporation
7032-7154 AMPHENOL-7032-7154 Datasheet
77Kb / 1P
   SMPM FEMALE TO SMPM FEMALE FOR .085 CABLE ASSEMBLY
7032-6351-6353 AMPHENOL-7032-6351-6353 Datasheet
63Kb / 1P
   SMPM FEMALE TO SMPM FEMALE STD. FLEXTRA CABLE ASSEMBLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com