Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CN50R01D00 Datasheet(PDF) 4 Page - Japan Aviation Electronics Industry, Ltd.

Part # CN50R01D00
Description  FREQUENCY RANGE TO 3GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

CN50R01D00 Datasheet(HTML) 4 Page - Japan Aviation Electronics Industry, Ltd.

  CN50R01D00 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. CN50R01D00 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. CN50R01D00 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. CN50R01D00 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. CN50R01D00 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
135
Before placing an order
qThe values specified in this catalogue are only for reference. The products and specifications are subject to change
without notice. Contact our sales staff for further information before considering or ordering any of our products.
For purchase, a product specification must be agreed upon.
wUsers are requested to provide protection circuits and redundancy circuits to ensure safety of the equipment,
and sufficiently review the suitability of JAE
’s products to the equipment.
eThe products presented in this catalogue are designed for the uses recommended below.
We strongly suggest you contact our sales staff when considering use of any of the products in any other way than
the recommended applications or for a specific use that requires an extremely high reliability.
(i)Please contact us if you are considering use involving a quality assurance program that you specify or that is peculiar to
the industry, such as:
Automotive electrical components, train control, telecommunications devices (mainline), traffic light control,
electric power, combustion control, fire prevention or security systems, disaster prevention equipment, etc.
(ii)We may separately give you our support with a quality assurance program that you specify, when you think of a use
such as:
Aviation or space equipment, submarine repeaters, nuclear power control systems,
medical equipment for life support, etc.
(1)Applications that require consultation:
(2)Recommended applications include:
Computers, office appliances, telecommunications devices (terminals, mobile units), measuring equipment,
audiovisual equipment, home electric appliances, factory automation equipment, etc.


Similar Part No. - CN50R01D00

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CN50A110-12 TDK-CN50A110-12 Datasheet
261Kb / 2P
   30W to 200W 60 to 160VDC Input DC-DC Converters
CN50A110-12 TDK-CN50A110-12 Datasheet
150Kb / 2P
   DC-DC Converters
CN50A110-12-CO TDK-CN50A110-12-CO Datasheet
150Kb / 2P
   DC-DC Converters
CN50A110-12/CO TDK-CN50A110-12/CO Datasheet
150Kb / 2P
   DC-DC Converters
CN50A110-15 TDK-CN50A110-15 Datasheet
261Kb / 2P
   30W to 200W 60 to 160VDC Input DC-DC Converters
More results

Similar Description - CN50R01D00

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
CV10 JAE-CV10 Datasheet
320Kb / 7P
   FREQUENCY RANGE TO 3GHz
CJ2 JAE-CJ2 Datasheet
359Kb / 7P
   FREQUENCY RANGE TO 3GHz
716 JAE-716 Datasheet
289Kb / 5P
   FREQUENCY RANGE TO 3GHz
logo
TE Connectivity Ltd
HF3 TEC-HF3 Datasheet
790Kb / 6P
   Frequency range DC to 3GHz
logo
Japan Aviation Electron...
BNC JAE-BNC Datasheet
413Kb / 11P
   FREQUENCY RANGE TO 3GHz竊?0廓Type竊
logo
Linear Technology
LT5534 LINER-LT5534_15 Datasheet
1Mb / 10P
   50MHz to 3GHz RF Power Detector with 60dB Dynamic Range
logo
Japan Aviation Electron...
CF2 JAE-CF2 Datasheet
326Kb / 8P
   FREQUENCY RANGE TO 6GHz
logo
Linear Technology
LT5534 LINER-LT5534 Datasheet
191Kb / 8P
   50MHz to 3GHz RF Power Detector with 60dB Dynamic Range
logo
EUROQUARTZ limited
CX1VSM EUROQUARTZ-CX1VSM Datasheet
296Kb / 2P
   Frequency Range 10kHz to 600kHz
CX2VSM EUROQUARTZ-CX2VSM Datasheet
292Kb / 2P
   Frequency Range 16kHz to 600kHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com