Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS08U Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # RS08U
Description  Provides a superior operational feel with high-speed tracking in motor drive mode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RS08U Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  RS08U Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RS08U Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RS08U Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RS08U Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RS08U Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RS08U Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RS08U Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. RS08U Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
421
No.
Style
1
1.5
(8)
(14.5)
18.5
2
3
18.5
0.4
100
Terminal No.
72.5
120
74
2-M3
1.5
3
1
2
TA B
t=1.2
1.5
(8)
(14.5)
18.5
t=1.2
1.5
(8)
(14.5)
18.5
t=1.2
Dimensions
Unit:mm
PC board mounting hole dimensions
(Viewed from mounting side)
2-ø2 hole
6-ø1.5 hole
36.65
43.65
9.55
3
A
B
1
T
2
L
L
18.5
0.4
60
Terminal No.
52.5
80
54
2-M3
1.5
3
1
2
TA B
L:Lug terminal
RS□□N1□M/RSA0K1□V/RSA0V11M/Motor-driven Master Type


Similar Part No. - RS08U

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RS08U ALPS-RS08U Datasheet
843Kb / 3P
   High precision space saving design helps smaller and lighter set
RS08U ALPS-RS08U Datasheet
1Mb / 11P
   Solderable with auto dipping and available in a wide variety
RS08U ALPS-RS08U Datasheet
986Kb / 8P
   Compact total length of travel 15mm
RS08U ALPS-RS08U Datasheet
857Kb / 6P
   Low-profile type with excellent operability adds flexibility in set design
RS08U ALPS-RS08U Datasheet
816Kb / 5P
   The thinnest possible body contributes to reduced size, height and weight of the set product
More results

Similar Description - RS08U

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RSA0V11M ALPS-RSA0V11M Datasheet
1Mb / 8P
   Provides a superior operational feel with high-speed tracking in motor drive mode
RK271 ALPS-RK271 Datasheet
814Kb / 6P
   High performance potentiometer with excellent operational feel
logo
SunLED Corporation
XNH1ZMG46D SUNLED-XNH1ZMG46D Datasheet
232Kb / 3P
   Black casing provides superior contrast
XPT1LUG41D SUNLED-XPT1LUG41D Datasheet
243Kb / 3P
   Black casing provides superior contrast
XNH1ZUY46D SUNLED-XNH1ZUY46D Datasheet
216Kb / 3P
   Black casing provides superior contrast
XNK1LUG11DSMD SUNLED-XNK1LUG11DSMD Datasheet
236Kb / 4P
   Black casing provides superior contrast
XPZ3LUR11D SUNLED-XPZ3LUR11D Datasheet
233Kb / 3P
   Black casing provides superior contrast
XPT1LUY41D SUNLED-XPT1LUY41D Datasheet
243Kb / 3P
   Black casing provides superior contrast
XVB1LUYG59M SUNLED-XVB1LUYG59M Datasheet
245Kb / 3P
   Black casing provides superior contrast
XVB1LUG50D SUNLED-XVB1LUG50D Datasheet
239Kb / 3P
   Black casing provides superior contrast
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com