Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10H350 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10H350
Description  PECL to TTL Translato
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H350 Datasheet(HTML) 1 Page - ON Semiconductor

  MC10H350_16 Datasheet HTML 1Page - ON Semiconductor MC10H350_16 Datasheet HTML 2Page - ON Semiconductor MC10H350_16 Datasheet HTML 3Page - ON Semiconductor MC10H350_16 Datasheet HTML 4Page - ON Semiconductor MC10H350_16 Datasheet HTML 5Page - ON Semiconductor MC10H350_16 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2012
August, 2016 − Rev. 11
1
Publication Order Number:
MC10H350/D
MC10H350
PECL* to TTL Translator
(+5 Vdc Power Supply Only)
Description
The MC10H350 is a member of the 10H family of high performance
ECL logic. It consists of 4 translators with differential inputs and TTL
outputs. The 3-state outputs can be disabled by applying a HIGH TTL
logic level on the common OE input.
The MC10H350 is designed to be used primarily in systems
incorporating both ECL and TTL logic operating off a common power
supply. The separate VCC power pins are not connected internally and
thus isolate the noisy TTL VCC runs from the relatively quiet ECL
VCC runs on the printed circuit board. The differential inputs allow the
MC10H350 to be used as an inverting or noninverting translator, or a
differential line receiver. The MC10H350 can also drive CMOS with
the addition of a pullup resistor.
Features
Propagation Delay, 3.5 ns Typical
MECL 10K™ Compatible
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
www.onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G
= Pb-Free Package
MARKING DIAGRAMS*
PDIP−16
P SUFFIX
CASE 648−08
16
1
16
1
MC10H350P
AWLYYWWG
PLLC−20
FN SUFFIX
CASE 775−02
20 1
10H350G
AWLYYWW
120
PDIP−16
PLLC−20
ORDERING INFORMATION
Device
Package
Shipping†
MC10H350FNG
PLLC−20
(Pb-Free)
46 Units / Tube
MC10H350FNR2G
500 Tape & Reel
MC10H350PG
25 Units / Tube
PLLC−20
(Pb-Free)
PDIP−16
(Pb-Free)
†For information on tape and reel specifications, in-
cluding part orientation and tape sizes, please refer
to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.


Similar Part No. - MC10H350_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H350FN ONSEMI-MC10H350FN Datasheet
156Kb / 7P
   PECL* to TTL Translator (5 Vdc Power Supply Only)
February, 2006 ??Rev. 8
MC10H350FNG ONSEMI-MC10H350FNG Datasheet
156Kb / 7P
   PECL* to TTL Translator (5 Vdc Power Supply Only)
February, 2006 ??Rev. 8
MC10H350FNR2 ONSEMI-MC10H350FNR2 Datasheet
156Kb / 7P
   PECL* to TTL Translator (5 Vdc Power Supply Only)
February, 2006 ??Rev. 8
MC10H350FNR2G ONSEMI-MC10H350FNR2G Datasheet
156Kb / 7P
   PECL* to TTL Translator (5 Vdc Power Supply Only)
February, 2006 ??Rev. 8
MC10H350L ONSEMI-MC10H350L Datasheet
156Kb / 7P
   PECL* to TTL Translator (5 Vdc Power Supply Only)
February, 2006 ??Rev. 8
More results

Similar Description - MC10H350_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
logo
Micrel Semiconductor
SY10H350 MICREL-SY10H350_06 Datasheet
63Kb / 5P
   PECL-to-TTL TRANSLATOR
SY10H350 MICREL-SY10H350 Datasheet
62Kb / 4P
   PECL-to-TTL TRANSLATOR
SY10ELT28 MICREL-SY10ELT28 Datasheet
90Kb / 7P
   5V TTL-TO-DIFFERENTIAL PECL AND DIFFERENTIAL PECL-TO-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28_06 Datasheet
142Kb / 9P
   5 V TTL to Differential PECL and Differential PECL to TTL Translator
December, 2006 ??Rev. 9
logo
Micrel Semiconductor
SY100S815 MICREL-SY100S815 Datasheet
67Kb / 4P
   SINGLE SUPPLY QUAD PECL/TTL-TO-PECL
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28_15 Datasheet
88Kb / 8P
   TTL to Differential PECL and Differential PECL
August, 2015 ??Rev. 11
logo
Micrel Semiconductor
SY100S815 MICREL-SY100S815_06 Datasheet
60Kb / 5P
   SINGLE SUPPLY QUAD PECL/TTL-TO-PECL
SY10H606 MICREL-SY10H606 Datasheet
64Kb / 5P
   REGISTERED HEX TTL-TO-PECL
SY10H607 MICREL-SY10H607_06 Datasheet
65Kb / 5P
   REGISTERED HEX PECL-TO-TTL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com