Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJ2F002D22 Datasheet(PDF) 7 Page - Japan Aviation Electronics Industry, Ltd.

Part # CJ2F002D22
Description  FREQUENCY RANGE TO 3GHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

CJ2F002D22 Datasheet(HTML) 7 Page - Japan Aviation Electronics Industry, Ltd.

  CJ2F002D22 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. CJ2F002D22 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. CJ2F002D22 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. CJ2F002D22 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. CJ2F002D22 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. CJ2F002D22 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. CJ2F002D22 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
COAXIAL
CONNECTORS
1-19, Aobadai 3-chome, Meguro-ku, Tokyo 153-8539, Japan
Telephone:
(81)
3-3780-2768 Facsimile:
(81)
3-3780-2883
http://www.jae.com
http://www.jae-connector.com
JAE Electronics, Inc.
142 Technology Drive, Suite 100 Irvine, California 92618-2430, U.S.A.
Telephone:
(1)
949-753-2600 Facsimile:
(1)
949-753-2699
(800)
JAE-PART
(523-7278)
Toll free in U.S.A. except in California and Alaska
JAE Europe, Ltd.
Coliseum Business Center, Riverside Way, Camberley, Surrey GU15 3YL, U.K.
Telephone:
(44)
1276-404000 Facsimile:
(44)
1276-404010
JAE Taiwan, Ltd. <Taipei Branch Office>
4F-1, No.88, Sec.2, Chung Hsiao E.Rd., Taipei, Taiwan, R.O.C.
Telephone:
(886)
2-2396-7676 Facsimile:
(886)
2-2392-5929
JAE Hong Kong, Ltd.
Suites 1407-11,14/F., Tower2, The Gateway, 25 Canton Road,
Tsimshatsui, Kowloon, Hong Kong
Telephone:
(852)
2723-7782 Facsimile:
(852)
2723-9028
JAE Shanghai Co., Ltd.
RM1407, Shanghai Mart 2299 Yanan Road(West)
Shanghai, 200336 P.R.C.
Telephone:
(86)
21-6236-0322 Facsimile:
(86)
21-6236-1292
JAE Singapore Pte Ltd.
33 Tannery Lane, #02-01 Hoesteel Industrial Building, Singapore 347789
Telephone:
(65)
6748-1332 Facsimile:
(65)
6748-2920
JAE Korea, Inc.
1602, City Air Tower, 159-9, Samsung-dong, Gangnam-gu, Seoul, 135-973 Korea
Telephone:
(82)
2-551-8959 Facsimile:
(82)
2-551-8958
No part of this catalogue may be reproduced or distributed in any means, or stored in a data based
or retrieval system, without the prior written permission of Japan Aviation Electronics Industry,Ltd.


Similar Part No. - CJ2F002D22

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
CJ2-18GK-N PF-CJ2-18GK-N Datasheet
240Kb / 2P
   Capacitive sensor
logo
American Accurate Compo...
CJ201003DB AAC-CJ201003DB Datasheet
740Kb / 5P
   Thick Film Chip Resistors
CJ201003DK AAC-CJ201003DK Datasheet
740Kb / 5P
   Thick Film Chip Resistors
CJ201003DM AAC-CJ201003DM Datasheet
740Kb / 5P
   Thick Film Chip Resistors
CJ201003DO AAC-CJ201003DO Datasheet
740Kb / 5P
   Thick Film Chip Resistors
More results

Similar Description - CJ2F002D22

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
CV10 JAE-CV10 Datasheet
320Kb / 7P
   FREQUENCY RANGE TO 3GHz
CN50 JAE-CN50 Datasheet
295Kb / 5P
   FREQUENCY RANGE TO 3GHz
716 JAE-716 Datasheet
289Kb / 5P
   FREQUENCY RANGE TO 3GHz
logo
TE Connectivity Ltd
HF3 TEC-HF3 Datasheet
790Kb / 6P
   Frequency range DC to 3GHz
logo
Japan Aviation Electron...
BNC JAE-BNC Datasheet
413Kb / 11P
   FREQUENCY RANGE TO 3GHz竊?0廓Type竊
logo
Linear Technology
LT5534 LINER-LT5534_15 Datasheet
1Mb / 10P
   50MHz to 3GHz RF Power Detector with 60dB Dynamic Range
logo
Japan Aviation Electron...
CF2 JAE-CF2 Datasheet
326Kb / 8P
   FREQUENCY RANGE TO 6GHz
logo
Linear Technology
LT5534 LINER-LT5534 Datasheet
191Kb / 8P
   50MHz to 3GHz RF Power Detector with 60dB Dynamic Range
logo
EUROQUARTZ limited
CX1VSM EUROQUARTZ-CX1VSM Datasheet
296Kb / 2P
   Frequency Range 10kHz to 600kHz
CX2VSM EUROQUARTZ-CX2VSM Datasheet
292Kb / 2P
   Frequency Range 16kHz to 600kHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com