Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS60N Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # RS60N
Description  Provides a superior operational feel with high-speed tracking in motor drive mode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RS60N Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  RS60N Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RS60N Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RS60N Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RS60N Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RS60N Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RS60N Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RS60N Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. RS60N Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
423
In addition to the products listed, we can accommodate the follow specifications.
Type
Travel
mm)
Model
Touch sense
track
Operating force
Terminal
Single-unit
Motor N fader
Motor K fader
CP type
60
100
RS60N11M
0.8±0.5N
RSA0N11M
RSA0K11V
0.4±0.25N
Dual-unit
(Servo +
Audio track)
Motor N fader
Motor K fader
CP type
60
100
RS60N12M
0.8±0.5N
RSA0N12M
RSA0K12V
0.5
+0.4
−0.25 N
Available
For PC board
(for auto dipping)
Lead
Fader terminal:Connector
Motor terminal:Lead
Lead
Fader terminal:Connector
Motor terminal:Lead
  Marked are specifications recommended by Alps.
Note
※ Motor K fader, Motor V fader: Only 10kΩ
Products Specifications
Refer to P.424, 425 for ordering products not listed.
Circuit Diagram
Motor
Servo track
100%
0%
100%
Moving direction of lever and contacts
A = +
B = +
0%
Wiper
3
2
1
3
1
T
Lever
100%
0%
3
1
or
A
M
B
Touch sense track
Resistance taper
Servo
Audio
1B
15A
1B
10A
Resistance Taper
Total resistance(k Ω)
10※
50
100
250
Total Resistance Variety
Configuration code
9-T
(T-Bar)
Dimensions
18.5
(14.5)
(8)
1.5
t=1.2
Unit:mm
Lever Types
Motor-driven Master Type / Other Specifications


Similar Part No. - RS60N

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RS60N111900H ALPS-RS60N111900H Datasheet
206Kb / 5P
   Low-profile Master Type竊뉿 Fader竊
RS60N111900H ALPS-RS60N111900H Datasheet
857Kb / 6P
   Low-profile type with excellent operability adds flexibility in set design
logo
List of Unclassifed Man...
RS60N111900H ETC-RS60N111900H Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
logo
ALPS ELECTRIC CO.,LTD.
RS60N111900H ALPS-RS60N111900H_15 Datasheet
857Kb / 6P
   Low-profile type with excellent operability adds flexibility in set design
RS60N11M9A05 ALPS-RS60N11M9A05 Datasheet
353Kb / 7P
   Motor-driven Master Type竊뉾otor N Fader, Motor K Fader竊
More results

Similar Description - RS60N

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RSA0V11M ALPS-RSA0V11M Datasheet
1Mb / 8P
   Provides a superior operational feel with high-speed tracking in motor drive mode
RK271 ALPS-RK271 Datasheet
814Kb / 6P
   High performance potentiometer with excellent operational feel
logo
SunLED Corporation
XNH1ZMG46D SUNLED-XNH1ZMG46D Datasheet
232Kb / 3P
   Black casing provides superior contrast
XPT1LUG41D SUNLED-XPT1LUG41D Datasheet
243Kb / 3P
   Black casing provides superior contrast
XNH1ZUY46D SUNLED-XNH1ZUY46D Datasheet
216Kb / 3P
   Black casing provides superior contrast
XNK1LUG11DSMD SUNLED-XNK1LUG11DSMD Datasheet
236Kb / 4P
   Black casing provides superior contrast
XPZ3LUR11D SUNLED-XPZ3LUR11D Datasheet
233Kb / 3P
   Black casing provides superior contrast
XPT1LUY41D SUNLED-XPT1LUY41D Datasheet
243Kb / 3P
   Black casing provides superior contrast
XVB1LUYG59M SUNLED-XVB1LUYG59M Datasheet
245Kb / 3P
   Black casing provides superior contrast
XVB1LUG50D SUNLED-XVB1LUG50D Datasheet
239Kb / 3P
   Black casing provides superior contrast
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com