Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS60N11M9A0F Datasheet(PDF) 7 Page - ALPS ELECTRIC CO.,LTD.

Part # RS60N11M9A0F
Description  Provides a superior operational feel with high-speed tracking in motor drive mode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RS60N11M9A0F Datasheet(HTML) 7 Page - ALPS ELECTRIC CO.,LTD.

  RS60N11M9A0F Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RS60N11M9A0F Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RS60N11M9A0F Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RS60N11M9A0F Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RS60N11M9A0F Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RS60N11M9A0F Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RS60N11M9A0F Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. RS60N11M9A0F Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Type
Low-profile master type
Motor-driven master type
Series
N Fader
Slim Type
Super P Fader
Motor N Fader
Motor K Fader
Motor V Fader
RS □□ N
RS □□ N11S RS6011 □ P RS □□ N1 □ M RSA0K1 □ V
RSA0V11M
Single-unit/Dual-unit
Single-unit
Single-unit/Dual-unit Single-unit/Dual-unit Single-unit/Dual-unit
Single-unit
Photo
Travel(mm)
60, 100
60
60, 100
100
100
Direction of lever
Vertical
Lever material
Metal
Resin
Operating temperature range
−10℃ to +60℃
Operating life
30,000 cycles
30,000 cycles
300,000 cycles 100,000 cycles
Available for automotive use
Life cycle
Electrical
performance
Total resistance
(k Ω)
10, 50, 100, 250
10, 20, 50
10, 50, 100, 250
10
10
Resistance taper
15A, 1B, 10A
Single-unit:1B
Dual-unit:Servo 1B
Audio 15A, 1B, 10A
1B
Rated Power
0.1W (RS60N)
0.25W (RSA0N)
0.2W (RS60N11S)
0.5W (RSA0N11S)
0.2W (Single-unit)
0.1W (Dual-unit)
0.2W (RS60N1□M)
0.5W (RSA0N1□M)
0.5W
Insulation resistance
100MΩ min. 250V DC
Voltage proof
250V AC for 1 minute
Center-taps
Without
Mechanical
performance
Operating force
Single-unit:0.3   N
Dual-unit:0.4    N
0.3   N
0.5   N
0.8±0.5N
Single-unit:0.4±0.25N
Dual-unit:0.25 to 0.9N
Center detent
Without
Stopper strength
100N
10N
Lever push-pull strength
50N
5N
Lever wobble(mm)
※ Both sides
2(2×L)
25
Lever deviation(mm)
0.5 max.(One side)
Terminal style
Insertion
Lead, Insertion Connector(Fader)
Lead(Motor)
Connector
Page
410
414
417
420
Slide Potentiometers Soldering Conditions・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 426
Potentiometer Cautions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 427
Potentiometers Measurement and Test Methods ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 429
Potentiometers Resistance Taper ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 431
388
List of Varieties
Slide Potentiometers
Notes
1. Attenuation is specified for residual resistance.
2. "L" in the "Lever Wobble" column of the above table indicates the length of lever.
+0.5
−0.25
+1.0
−0.4
+0.5
−0.25
+0.5
−0.35


Similar Part No. - RS60N11M9A0F

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RS60N11M9A0F ALPS-RS60N11M9A0F Datasheet
1Mb / 8P
   Provides a superior operational feel with high-speed tracking in motor drive mode
logo
List of Unclassifed Man...
RS60N11M9A0F ETC-RS60N11M9A0F Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RS60N11M9A0F

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RSA0V11M ALPS-RSA0V11M Datasheet
1Mb / 8P
   Provides a superior operational feel with high-speed tracking in motor drive mode
RK271 ALPS-RK271 Datasheet
814Kb / 6P
   High performance potentiometer with excellent operational feel
logo
SunLED Corporation
XNH1ZMG46D SUNLED-XNH1ZMG46D Datasheet
232Kb / 3P
   Black casing provides superior contrast
XPT1LUG41D SUNLED-XPT1LUG41D Datasheet
243Kb / 3P
   Black casing provides superior contrast
XNH1ZUY46D SUNLED-XNH1ZUY46D Datasheet
216Kb / 3P
   Black casing provides superior contrast
XNK1LUG11DSMD SUNLED-XNK1LUG11DSMD Datasheet
236Kb / 4P
   Black casing provides superior contrast
XPZ3LUR11D SUNLED-XPZ3LUR11D Datasheet
233Kb / 3P
   Black casing provides superior contrast
XPT1LUY41D SUNLED-XPT1LUY41D Datasheet
243Kb / 3P
   Black casing provides superior contrast
XVB1LUYG59M SUNLED-XVB1LUYG59M Datasheet
245Kb / 3P
   Black casing provides superior contrast
XVB1LUG50D SUNLED-XVB1LUG50D Datasheet
239Kb / 3P
   Black casing provides superior contrast
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com