Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS15H121A009 Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # RS15H121A009
Description  Compact total length of travel 15mm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RS15H121A009 Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  RS15H121A009 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RS15H121A009 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RS15H121A009 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RS15H121A009 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RS15H121A009 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RS15H121A009 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RS15H121A009 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. RS15H121A009 Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
401
Dimensions
Unit:mm
No.
10
9
Style
PC board mounting hole dimensions
(Viewed from mounting side)
4
(4.4)
3.5
2
Mounting surface
4
(4.4)
3.5
1.8
Mounting surface
11
1
3
25
30
2'
2
1'
3'
L
L
4-ø0.8 hole
4-ø1.6 hole
L : Lug terminal
12
45
2
5
4
(4.4)
3.5
30
(R0.3)
Mounting surface
45
2
5
4
(4.4)
3.5
30
(R0.3)
Mounting surface
1
3
40
45
2'
2
1'
3'
L
L
4-ø0.8 hole
4-ø1.6 hole
L : Lug terminal
The length of Lever(L1)can be customized. Refer to P.402 for details.
1
3
30
35
2'
2
1'
3'
L
L
4-ø0.8 hole
4-ø1.6 hole
L : Lug terminal
45
2
5
4
(4.4)
3.5
30
(R0.3)
Mounting surface
45
2
5
4
(4.4)
3.5
30
(R0.3)
Mounting surface
1
3
40
45
L
2
L
L
L
L
4-ø0.8 hole
4-ø1.6 hole
L : Lug terminal
L1
4.5
9.5
RS□□H/Slim SlideTM(Slim 4)


Similar Part No. - RS15H121A009

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RS15H121A009 ALPS-RS15H121A009 Datasheet
986Kb / 8P
   Compact total length of travel 15mm and improved operating feel
logo
List of Unclassifed Man...
RS15H121A009 ETC-RS15H121A009 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RS15H121A009

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RS15H113CA05 ALPS-RS15H113CA05 Datasheet
986Kb / 8P
   Compact total length of travel 15mm and improved operating feel
SPPH2 ALPS-SPPH2 Datasheet
214Kb / 3P
   1mm-travel Compact-sized Vertical Type
SPPJ3 ALPS-SPPJ3_15 Datasheet
1Mb / 4P
   2.5mm-travel Compact-sized Horizontal Type
SPPH2 ALPS-SPPH2_15 Datasheet
903Kb / 4P
   1mm-travel Compact-sized Vertical Type
SPPJ3 ALPS-SPPJ3 Datasheet
250Kb / 4P
   2.5mm-travel Compact-sized Horizontal Type
logo
Hotchip Technology Co.,...
HT2535S HOTCHIP-HT2535S Datasheet
1Mb / 10P
   Total voltage input within the range of 5 % of total voltage input.
logo
Shenzhen Huazhimei Semi...
HM1803 HMSEMI-HM1803 Datasheet
546Kb / 13P
   HM1803-SIP of Power Bank Total Solution
HM1801 HMSEMI-HM1801 Datasheet
502Kb / 8P
   HM1801-SIP of Power Bank Total Solution
logo
Endress+Hauser Group Se...
CCM223 EH-CCM223 Datasheet
647Kb / 24P
   Measurement of free chlorine/chlorine dioxide/ total chlorine
logo
SL Power Electronics
GPM55 SLPOWER-GPM55 Datasheet
91Kb / 2P
   55 Watts Maximum Continuous Power - Total of all Outputs.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com