Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS15H113C001 Datasheet(PDF) 5 Page - ALPS ELECTRIC CO.,LTD.

Part # RS15H113C001
Description  Compact total length of travel 15mm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RS15H113C001 Datasheet(HTML) 5 Page - ALPS ELECTRIC CO.,LTD.

  RS15H113C001 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RS15H113C001 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RS15H113C001 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RS15H113C001 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RS15H113C001 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RS15H113C001 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RS15H113C001 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. RS15H113C001 Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
402
In addition to the products listed, we can accommodate the follow specifications.
Unit:mm
Configuration
code
Dimensions
Length L1
4.5
9.5
9.5
14.5
9.5
14.5
A
C
D
5
(R0.3)
2
5
(R0.3)
4
2
1.8
1.2
5
0.8
2
1.6
Marker
1. The color of the D-type lever is black. Please specify the required color for markers from red, green, orange and white.
2.
Marked are specifications recommended by Alps.
Notes
Also compatible to DC (10V DC). (Excluding tapped types)
Note
Lever Types
5
10
20
50
100
200
250
Total resistance(k Ω)
15A
1B
3B
Resistance taper
Total Resistance Variety
Resistance Taper
15
20
30
Travel(mm)
Travel Distance Variety
Tap
Available,
(Only the center-positioned)
Corresponding Specification
Terminal Layout / Circuit Diagram(Viewed from the Mounting Side)
Single-unit(Vertical)
Dual-unit(Vertical)
Single-unit(Horizontal)
Dual-unit(Horizontal)
L: Lug terminal
L: Lug terminal
L: Lug terminal
L: Lug terminal
Rated Power
Maximum Operating Voltage
Travel
Resistance taper
15A
1B, 3B
15mm
0.012W
0.025W
20mm
0.025W
0.05W
30mm
0.05W
0.1W
Travel
Resistance taper
15A
1B, 3B
15mm
50V AC, 10V DC
100V AC, 10V DC
20mm
30mm
150V AC, 10V DC
200V AC, 10V DC
Slim SlideTM (Slim 4) / Other Specifications


Similar Part No. - RS15H113C001

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RS15H113C001 ALPS-RS15H113C001 Datasheet
986Kb / 8P
   Compact total length of travel 15mm and improved operating feel
logo
List of Unclassifed Man...
RS15H113C001 ETC-RS15H113C001 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RS15H113C001

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RS15H113CA05 ALPS-RS15H113CA05 Datasheet
986Kb / 8P
   Compact total length of travel 15mm and improved operating feel
SPPH2 ALPS-SPPH2 Datasheet
214Kb / 3P
   1mm-travel Compact-sized Vertical Type
SPPJ3 ALPS-SPPJ3_15 Datasheet
1Mb / 4P
   2.5mm-travel Compact-sized Horizontal Type
SPPH2 ALPS-SPPH2_15 Datasheet
903Kb / 4P
   1mm-travel Compact-sized Vertical Type
SPPJ3 ALPS-SPPJ3 Datasheet
250Kb / 4P
   2.5mm-travel Compact-sized Horizontal Type
logo
Hotchip Technology Co.,...
HT2535S HOTCHIP-HT2535S Datasheet
1Mb / 10P
   Total voltage input within the range of 5 % of total voltage input.
logo
Shenzhen Huazhimei Semi...
HM1803 HMSEMI-HM1803 Datasheet
546Kb / 13P
   HM1803-SIP of Power Bank Total Solution
HM1801 HMSEMI-HM1801 Datasheet
502Kb / 8P
   HM1801-SIP of Power Bank Total Solution
logo
Endress+Hauser Group Se...
CCM223 EH-CCM223 Datasheet
647Kb / 24P
   Measurement of free chlorine/chlorine dioxide/ total chlorine
logo
SL Power Electronics
GPM55 SLPOWER-GPM55 Datasheet
91Kb / 2P
   55 Watts Maximum Continuous Power - Total of all Outputs.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com