Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC2011FE2-F0016 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # DSC2011FE2-F0016
Description  Crystal-less??Configurable Clock Generator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC2011FE2-F0016 Datasheet(HTML) 1 Page - Micrel Semiconductor

  DSC2011FE2-F0016 Datasheet HTML 1Page - Micrel Semiconductor DSC2011FE2-F0016 Datasheet HTML 2Page - Micrel Semiconductor DSC2011FE2-F0016 Datasheet HTML 3Page - Micrel Semiconductor DSC2011FE2-F0016 Datasheet HTML 4Page - Micrel Semiconductor DSC2011FE2-F0016 Datasheet HTML 5Page - Micrel Semiconductor DSC2011FE2-F0016 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DSC2011FE2-F0016
Crystal-less™ Configurable Clock Generator
General Description
The DSC2011FE2-F0016 is a programmable, high
performance dual LVCMOS output oscillator utilizing
Micrel's proven silicon MEMS technology to provide
excellent jitter and stability
while
incorporating
additional device functionality. Two LVCMOS outputs
are controlled by separate supply voltages to allow for
independent voltage level control. The frequencies of
the outrputs can be identical or independently derived
from a common PLL frequency source.
The DSC2011FE2-F0016 has provision for up to eight
user-defined pre-programmed, pin-selectable output
frequency combinations. The DSC2011FE2-F0016 is
also equipped with independent pin-selectable output
drive strengths to reduce EMI and noise.
Applications
• Consumer Electronics
• Storage Area Networks
- SATA, SAS, Fibre Channel
• Passive Optical Networks
- EPON, 10G-EPON, GPON, 10G-GPON
• Ethernet
- 1G, 10GBASE-T/KR/LR/SR, and FCoE
• HD/SD/SDI Video & Surveillance
• PCI Express
• Automotive
Features
• Frequency and output formats:
- LVCMOS
25/25MHz
- LVCMOS
50/50MHz
• Low RMS phase jitter: <1ps (typ)
• ±25ppm frequency stability
• -20°C to +70°C ext. commercial temperature range
• High supply noise rejection: -50dBc
• Pin-selectable configurations
- 2-bit output drive strength
- Up to 8 output frequency combinations
• Excellent shock & vibration immunity
- Qualified to MIL-STD-883
• High reliability
- 20x better MTF than quartz oscillators
• Supply range of 2.25 to 3.6V
• AEC-Q100 automotive qualified
• 14-pin 3.2mm x 2.5mm QFN package
Block Diagram
VSS
VDD/VDD2
Control Circuitry
MEMS
PLL
÷ 2
÷ M1
÷ M2
÷ 2
CLK1
25MHz LVCMOS
CLK2
50MHz LVCMOS
O1S0/O1S1
O2S0/O2S1
OE
FS0/FS1/FS2
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
April 12, 2015
Revision 1.0
tcghelp@micrel.com or (408) 955-1690
2898


Similar Part No. - DSC2011FE2-F0016

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC2011FE2 MICREL-DSC2011FE2 Datasheet
535Kb / 6P
   Low-Jitter Configurable Dual CMOS Oscillator
More results

Similar Description - DSC2011FE2-F0016

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC2311KM1-R0036 MICREL-DSC2311KM1-R0036 Datasheet
573Kb / 5P
   Crystal-less??Configurable Clock Generator
DSC2011FI2-F0016 MICREL-DSC2011FI2-F0016 Datasheet
594Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2010FE2-B0008 MICREL-DSC2010FE2-B0008 Datasheet
591Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2010FE2-B0003 MICREL-DSC2010FE2-B0003 Datasheet
591Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2311KI2-R0045 MICREL-DSC2311KI2-R0045 Datasheet
573Kb / 5P
   Crystal-less??Configurable Clock Generator
logo
Microchip Technology
DSC2123FI2-E0024 MICROCHIP-DSC2123FI2-E0024 Datasheet
1Mb / 7P
   Crystal-less??Configurable Clock Generator
November 01, 2017 Revision 1.0
DSC2144FI2-E0023 MICROCHIP-DSC2144FI2-E0023 Datasheet
1Mb / 6P
   Crystal-less??Configurable Clock Generator
October 24, 2017 Revision 1.0
DSC400-4334Q0022 MICROCHIP-DSC400-4334Q0022 Datasheet
1Mb / 11P
   Crystal-less??Configurable Clock Generator
February 13, 2017 Revision 1.0
DSC400-1111Q0091 MICROCHIP-DSC400-1111Q0091 Datasheet
1Mb / 10P
   Crystal-less??Configurable Clock Generator
December 08, 2016 Revision 1.0
logo
Micrel Semiconductor
DSC2044FI1-H0006 MICREL-DSC2044FI1-H0006 Datasheet
597Kb / 6P
   Crystal-less??Configurable Clock Generator
logo
Microchip Technology
DSC2010FI2-B0015 MICROCHIP-DSC2010FI2-B0015 Datasheet
1Mb / 6P
   Crystal-less??Configurable Clock Generator
July 07, 2016 Revision 1.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com