Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC2011FM2-E0015T Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # DSC2011FM2-E0015T
Description  Crystal-less??Configurable Clock Generator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC2011FM2-E0015T Datasheet(HTML) 3 Page - Micrel Semiconductor

  DSC2011FM2-E0015T Datasheet HTML 1Page - Micrel Semiconductor DSC2011FM2-E0015T Datasheet HTML 2Page - Micrel Semiconductor DSC2011FM2-E0015T Datasheet HTML 3Page - Micrel Semiconductor DSC2011FM2-E0015T Datasheet HTML 4Page - Micrel Semiconductor DSC2011FM2-E0015T Datasheet HTML 5Page - Micrel Semiconductor DSC2011FM2-E0015T Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Micrel, Inc.
DSC2011FM2-E0015
Operational Description
The DSC2011FM2-E0015 is a dual output LVCMOS
oscillator consisting of a MEMS resonator and a
supporting PLL IC. The two LVCMOS outputs
are generated through independent 8-bit programmable
dividers from the output of the internal PLL. The two
constraints are imposed on the output frequencies:
1) f2 = M x f1/N, where M and N are even integers
between 4 and 254, 2) 1.2GHz < N x f2 < 1.7GHz.
The actual frequencies output by DSC2011FM2-E0015
are controlled by an internal pre-programmed memory
(OTP). This memory stores all coefficients required by
the PLL for up to eight different frequency combinations.
Three control pins (FS0 - FS2) select the output frequency
combination.
DSC2011FM2-E0015 has independent control of the output
voltage levels of the two outputs. The high voltage level of
CLK1 is equal to the main supply voltage, VDD (pin 13).
VDD2 (pin 12) sets the high voltage level of CLK2.
VDD2 must be equal to or less than VDD at all times to
insure proper operation. VDD2 can be as low as 1.65V.
When OE (pin 1) is floated or connected to VDD, the
DSC2011FM2-E0015 is in operational mode. Driving
Enable to ground will tri-state both output drivers
(hi-impedance mode).
DSC2011FM2-E0015 has programmable output drive
strength for each output. Using two control pins (OXS0-
OXS1) for each output, the drive strength can be indepen-
dently adjusted to match circuit board impedances to
reduce spower supply noise, overshoot/undershoot and
EMI. Table 1 displays typical rise / fall times for the
output with a 15pF load capacitance as a function of
these control pins at VDD = 3.3V and room temperature.
Output Drive Strength Bits [OXS1, OXS0] - Default is [11]
00
01
10
11
tr (ns)
1.6
1.4
1.2
1.1
tf (ns)
2.4
2.2
1.5
1.4
Table 1. Rise/Fall Times for Drive Strengths
Output Clock Frequencies
Frequency select bits are weakly tied high so if left unconnected the default setting will be [111] and the device will output the
associated frequency highlighted in bold.
Freq (MHz)
Freq Select Bits [FS2, FS1, FS0] - Default is [111]
000
001
010
011
100
101
110
111
CLK1
NA
NA
NA
NA
NA
NA
NA
20
CLK2
NA
NA
NA
NA
NA
NA
NA
20
Table 2. Pin-Selectable Output Frequencies
Absolute Maximum Ratings
Item
Min.
Max.
Units
Condition
Supply Voltage
-0.3
+4.0
V
Input Voltage
-0.3
VDD + 0.3
V
Junction Temp
-
+150
°C
Storage Temp
-55
+150
°C
Soldering Temp
-
+260
°C
40sec max.
ESD
HBM
MM
CDM
-
4000
400
1500
V
1000+ years of data retention on internal memory
May 10, 2016
3
Revision 1.0
tcghelp@micrel.com or (408) 955-1690
3892


Similar Part No. - DSC2011FM2-E0015T

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC2011FM2 MICREL-DSC2011FM2 Datasheet
535Kb / 6P
   Low-Jitter Configurable Dual CMOS Oscillator
More results

Similar Description - DSC2011FM2-E0015T

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC2311KM1-R0036 MICREL-DSC2311KM1-R0036 Datasheet
573Kb / 5P
   Crystal-less??Configurable Clock Generator
DSC2011FI2-F0016 MICREL-DSC2011FI2-F0016 Datasheet
594Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2010FE2-B0008 MICREL-DSC2010FE2-B0008 Datasheet
591Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2010FE2-B0003 MICREL-DSC2010FE2-B0003 Datasheet
591Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2311KI2-R0045 MICREL-DSC2311KI2-R0045 Datasheet
573Kb / 5P
   Crystal-less??Configurable Clock Generator
logo
Microchip Technology
DSC2123FI2-E0024 MICROCHIP-DSC2123FI2-E0024 Datasheet
1Mb / 7P
   Crystal-less??Configurable Clock Generator
November 01, 2017 Revision 1.0
DSC2144FI2-E0023 MICROCHIP-DSC2144FI2-E0023 Datasheet
1Mb / 6P
   Crystal-less??Configurable Clock Generator
October 24, 2017 Revision 1.0
DSC400-4334Q0022 MICROCHIP-DSC400-4334Q0022 Datasheet
1Mb / 11P
   Crystal-less??Configurable Clock Generator
February 13, 2017 Revision 1.0
DSC400-1111Q0091 MICROCHIP-DSC400-1111Q0091 Datasheet
1Mb / 10P
   Crystal-less??Configurable Clock Generator
December 08, 2016 Revision 1.0
logo
Micrel Semiconductor
DSC2044FI1-H0006 MICREL-DSC2044FI1-H0006 Datasheet
597Kb / 6P
   Crystal-less??Configurable Clock Generator
logo
Microchip Technology
DSC2010FI2-B0015 MICROCHIP-DSC2010FI2-B0015 Datasheet
1Mb / 6P
   Crystal-less??Configurable Clock Generator
July 07, 2016 Revision 1.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com