Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100EP445MNG Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC100EP445MNG
Description  ECL 8-Bit Serial/Parallel Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP445MNG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC100EP445MNG Datasheet HTML 4Page - ON Semiconductor MC100EP445MNG Datasheet HTML 5Page - ON Semiconductor MC100EP445MNG Datasheet HTML 6Page - ON Semiconductor MC100EP445MNG Datasheet HTML 7Page - ON Semiconductor MC100EP445MNG Datasheet HTML 8Page - ON Semiconductor MC100EP445MNG Datasheet HTML 9Page - ON Semiconductor MC100EP445MNG Datasheet HTML 10Page - ON Semiconductor MC100EP445MNG Datasheet HTML 11Page - ON Semiconductor MC100EP445MNG Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
MC10EP445, MC100EP445
http://onsemi.com
8
Table 11. AC CHARACTERISTICS VCC = 0 V; VEE = −3.0 V to −5.5 V or VCC = 3.0 V to 5.5 V; VEE = 0 V (Note 24)
Symbol
Characteristic
−40
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fmax
Maximum Input CLK Frequency
CKSEL = LOW
(See Figure 13. Fmax/JITTER)
CKSEL = HIGH
2.0
2.8
2.5
3.3
2.0
2.8
2.5
3.3
1.7
2.8
2.2
3.3
GHz
tPLH,
tPHL
Propagation Delay to
CLK to Q
Output Differential
CLK TO PCLK
1280
1000
1475
1240
1710
1490
1335
1050
1557
1310
1795
1580
1450
1140
1663
1420
1950
1710
ps
ts
Setup Time
SINA, B+ TO CLK+ (Figure 5)
CKEN+ TO CLK− (Figure 6)
−400
100
−459
50
−420
100
−479
50
−440
100
−492
50
ps
th
Hold Time
CLK+ TO SINA, B− (Figure 5)
CLK− TO CKEN (Figure 6)
533
45
474
−35
550
45
490
−35
560
45
508
−35
ps
tRR/tRR2
Reset Recovery (Figure 4)
350
180
350
180
350
180
ps
tPW
Minimum Pulse Width
RESET
400
400
400
ps
tJITTER
RMS Random Clock Jitter
@ 2.0 GHz CLK_SEL LOW
@ 2.5 GHz CLK_SELF HIGH
@ 3.0 GHz CLK_SEL HIGH
1.5
1.0
1.5
1.5
1.0
2.0
1.5
1.5
2.5
ps
VPP
Input Voltage Swing (Differential Configuration)
(Note 25)
150
800
1200
150
800
1200
150
800
1200
mV
tr
tf
Output Rise/Fall Times
Q/Q
(20% − 80%)
PCLK/PCLK
100
100
180
180
400
250
100
100
200
200
400
300
125
125
230
230
425
325
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
24. Measured using a 750 mV source, 50% duty cycle clock source. All loading with 50
W to VCC − 2.0 V.
25. VPP(min) is the minimum input swing for which AC parameters are guaranteed.


Similar Part No. - MC100EP445MNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP445 ONSEMI-MC100EP445 Datasheet
115Kb / 16P
   3.3V/5V ECL 8-Bit Serial/Parallel Converter
November, 2002 - Rev. 7
MC100EP445 ONSEMI-MC100EP445 Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
MC100EP445FA ONSEMI-MC100EP445FA Datasheet
115Kb / 16P
   3.3V/5V ECL 8-Bit Serial/Parallel Converter
November, 2002 - Rev. 7
MC100EP445FA ONSEMI-MC100EP445FA Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
MC100EP445FAG ONSEMI-MC100EP445FAG Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
More results

Similar Description - MC100EP445MNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP445 ONSEMI-MC100EP445 Datasheet
115Kb / 16P
   3.3V/5V ECL 8-Bit Serial/Parallel Converter
November, 2002 - Rev. 7
MC10E445 ONSEMI-MC10E445_06 Datasheet
156Kb / 13P
   5V ECL 4-Bit Serial/Parallel Converter
November, 2006 ??Rev. 12
MC10E446 ONSEMI-MC10E446_06 Datasheet
147Kb / 12P
   5V ECL 4-Bit Parallel/Serial Converter
November, 2006 ??Rev. 8
MC10EP445 ONSEMI-MC10EP445_06 Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
logo
New Japan Radio
NJU3711 NJRC-NJU3711 Datasheet
307Kb / 6P
   8-BIT SERIAL TO PARALLEL CONVERTER
NJU3712 NJRC-NJU3712 Datasheet
214Kb / 7P
   8-BIT SERIAL TO PARALLEL CONVERTER?
logo
National Semiconductor ...
54165 NSC-54165 Datasheet
109Kb / 6P
   8-Bit Parallel-to-Serial Converter
August 1989
logo
ON Semiconductor
MC10EP446 ONSEMI-MC10EP446_14 Datasheet
191Kb / 20P
   8?륛it CMOS/ECL/TTL Data Input Parallel/Serial Converter
June, 2014 ??Rev. 11
MC10EP446 ONSEMI-MC10EP446_07 Datasheet
269Kb / 20P
   3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter
February, 2007 ??Rev. 9
logo
Semtech Corporation
SK10E445PJ SEMTECH-SK10E445PJ Datasheet
171Kb / 8P
   4-bit serial / parallel converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com