Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC2031FI5 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # DSC2031FI5
Description  Low-Jitter Configurable Dual LVDS-CMOS Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC2031FI5 Datasheet(HTML) 4 Page - Micrel Semiconductor

  DSC2031FI5 Datasheet HTML 1Page - Micrel Semiconductor DSC2031FI5 Datasheet HTML 2Page - Micrel Semiconductor DSC2031FI5 Datasheet HTML 3Page - Micrel Semiconductor DSC2031FI5 Datasheet HTML 4Page - Micrel Semiconductor DSC2031FI5 Datasheet HTML 5Page - Micrel Semiconductor DSC2031FI5 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
______________________________________________________________________________________________________________________________________________
DSC2031
Page 4
MK-Q-B-P-D-12042607-2
DSC2031
Low-Jitter Configurable Dual LVDS-CMOS Oscillator
Specifications (Unless specified otherwise: T=25° C, max CMOS drive strength)
Notes:
1.
Pin 4 VDD should be filtered with 0.01uf capacitor.
2.
Output is enabled if Enable pad is floated or not connected.
3.
tsu is time to stable output frequency after VDD is applied and outputs are enabled.
4.
Output Waveform and Test Circuit figures below define the parameters.
5.
Period Jitter includes crosstalk from adjacent output.
Parameter
Condition
Min.
Typ.
Max.
Unit
Supply Voltage1
VDD
2.25
3.6
V
Supply Current
IDD
EN pin low – outputs are disabled
21
23
mA
Supply Current2
IDD
EN pin high – outputs are enabled
LVDS: RL=100Ω, FO1=125 MHz
CMOS: CL=15pF, FO2=75 MHz
49
mA
Frequency Stability
Δf
Includes frequency variations due
to initial tolerance, temp. and
power supply voltage
±10
±25
±50
ppm
Aging
Δf
1 year @25°C
±5
ppm
Startup Time3
tSU
T=25°C
5
ms
Input Logic Levels
Input logic high
Input logic low
VIH
VIL
0.75xVDD
-
-
0.25xVDD
V
Output Disable Time4
tDA
5
ns
Output Enable Time
tEN
20
ns
Pull-Up Resistor2
Pull-up exists on all digital IO
40
LVDS Output
Output Offset Voltage
R=100Ω Differential
1.125
1.4
V
Delta Offset Voltage
50
mV
Pk to Pk Output Swing
Single-Ended
350
mV
Output Transition time4
Rise Time
Fall Time
tR
tF
20% to 80%
RL=100Ω, CL= 2pF (to GND)
200
350
ps
Frequency
f0
Single Frequency
2.3
460
MHz
Output Duty Cycle
SYM
Differential
48
52
%
Period Jitter5
JPER
FO1=125 MHz
2.5
psRMS
Integrated Phase Noise
JCC
200kHz to 20MHz @156.25MHz
100kHz to 20MHz @156.25MHz
12kHz to 20MHz @156.25MHz
0.28
0.4
1.7
2
psRMS
CMOS Output
Output Logic Levels
Output logic high
Output logic low
VOH
VOL
I=±6mA
0.9xVDD
-
-
0.1xVDD
V
Output Transition time4
Rise Time
Fall Time
tR
tF
20% to 80%
CL=15pf
1.1
1.3
2
2
ns
Frequency
f0
Commercial/Industrial temp range
2.3
170
MHz
Output Duty Cycle
SYM
45
55
%
Period Jitter5
JPER
FO2=125 MHz
3
psRMS
Integrated Phase Noise
JCC
200kHz to 20MHz @ 125MHz
100kHz to 20MHz @ 125MHz
12kHz to 20MHz @ 125MHz
0.3
0.38
1.7
2
psRMS


Similar Part No. - DSC2031FI5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC2030 MICREL-DSC2030 Datasheet
525Kb / 5P
   Low-Jitter Configurable LVDS Oscillator
DSC2030FE1 MICREL-DSC2030FE1 Datasheet
525Kb / 5P
   Low-Jitter Configurable LVDS Oscillator
DSC2030FE2 MICREL-DSC2030FE2 Datasheet
525Kb / 5P
   Low-Jitter Configurable LVDS Oscillator
DSC2030FE5 MICREL-DSC2030FE5 Datasheet
525Kb / 5P
   Low-Jitter Configurable LVDS Oscillator
logo
Microchip Technology
DSC2030FE5-B0018 MICROCHIP-DSC2030FE5-B0018 Datasheet
1Mb / 6P
   Crystal-less??Configurable Clock Generator
February 28, 2017 Revision 1.0
More results

Similar Description - DSC2031FI5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC2033 MICREL-DSC2033 Datasheet
526Kb / 5P
   Low-Jitter Configurable Dual LVDS Oscillator
DSC2011 MICREL-DSC2011 Datasheet
535Kb / 6P
   Low-Jitter Configurable Dual CMOS Oscillator
DSC2030 MICREL-DSC2030 Datasheet
525Kb / 5P
   Low-Jitter Configurable LVDS Oscillator
DSC2041 MICREL-DSC2041 Datasheet
537Kb / 6P
   Low-Jitter Configurable Dual HCSL-CMOS Oscillator
DSC2021 MICREL-DSC2021 Datasheet
539Kb / 6P
   Low-Jitter Configurable Dual LVPECL-CMOS Oscillator
DSC2032 MICREL-DSC2032 Datasheet
641Kb / 6P
   Low-Jitter Configurable LVDS-LVPECL Oscillator
DSC2043 MICREL-DSC2043 Datasheet
534Kb / 6P
   Low-Jitter Configurable HCSL-LVDS Oscillator
DSC2010 MICREL-DSC2010 Datasheet
530Kb / 6P
   Low-Jitter Configurable CMOS Oscillator
DSC2022 MICREL-DSC2022 Datasheet
636Kb / 6P
   Low-Jitter Configurable Dual LVPECL Oscillator
DSC2044 MICREL-DSC2044 Datasheet
529Kb / 6P
   Low-Jitter Configurable Dual HCSL Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com