Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10ELT24DTR2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC10ELT24DTR2G
Description  5V TTL to Differential ECL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10ELT24DTR2G Datasheet(HTML) 2 Page - ON Semiconductor

  MC10ELT24DTR2G Datasheet HTML 1Page - ON Semiconductor MC10ELT24DTR2G Datasheet HTML 2Page - ON Semiconductor MC10ELT24DTR2G Datasheet HTML 3Page - ON Semiconductor MC10ELT24DTR2G Datasheet HTML 4Page - ON Semiconductor MC10ELT24DTR2G Datasheet HTML 5Page - ON Semiconductor MC10ELT24DTR2G Datasheet HTML 6Page - ON Semiconductor MC10ELT24DTR2G Datasheet HTML 7Page - ON Semiconductor MC10ELT24DTR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC10ELT24, MC100ELT24
www.onsemi.com
2
1
2
3
45
6
7
8
Q
GND
VCC
Figure 1. 8−Lead Pinout (Top View) and Logic
Diagram
D
Q
NC
NC
VEE
TTL
ECL
Table 1. PIN DESCRIPTION
Pin
Function
Q, Q
ECL Differential Outputs*
D
TTL Input
VCC
Positive Supply
VEE
Negative Supply
GND
Ground
NC
No Connect
EP
(DFN8 only) Thermal exposed pad must be con-
nected to a sufficient thermal conduit. Electrically
connect to the most negative supply (GND) or
leave unconnected, floating open.
*Output state undetermined when inputs are open.
Table 2. ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
N/A
Internal Input Pullup Resistor
N/A
ESD Protection
Human Body Model
Machine Model
> 4 kV
> 200 V
Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1)
Pb−Free Pkg
SOIC−8
TSSOP−8
DFN8
Level 1
Level 3
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
51 Devices
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.


Similar Part No. - MC10ELT24DTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10ELT24DTR2G ONSEMI-MC10ELT24DTR2G Datasheet
65Kb / 8P
   5V TTL to Differential ECL Translator
October, 2004 ??Rev. 7
MC10ELT24DTR2G ONSEMI-MC10ELT24DTR2G Datasheet
137Kb / 8P
   5V TTL to Differential ECL Translator
December, 2006 ??Rev. 9
More results

Similar Description - MC10ELT24DTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10ELT24 ONSEMI-MC10ELT24_06 Datasheet
137Kb / 8P
   5V TTL to Differential ECL Translator
December, 2006 ??Rev. 9
MC10ELT24 ONSEMI-MC10ELT24 Datasheet
65Kb / 8P
   5V TTL to Differential ECL Translator
October, 2004 ??Rev. 7
MC10ELT25 ONSEMI-MC10ELT25 Datasheet
66Kb / 4P
   Differential ECL to TTL Translator
February, 2000 ??Rev. 3
logo
Micrel Semiconductor
SY100ELT24 MICREL-SY100ELT24_06 Datasheet
53Kb / 5P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
SY100ELT24 MICREL-SY100ELT24 Datasheet
60Kb / 4P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
logo
ON Semiconductor
MC10ELT25 ONSEMI-MC10ELT25_15 Datasheet
97Kb / 8P
   Differential ECL to TTL Translator
August, 2015 ??Rev. 14
logo
Micrel Semiconductor
SY100ELT25 MICREL-SY100ELT25 Datasheet
57Kb / 6P
   DIFFERENTIAL ECL-to-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT25 ONSEMI-MC10ELT25_06 Datasheet
141Kb / 8P
   ?? V Differential ECL to TTL Translator
December, 2006 ??Rev. 12
MC10ELT20 ONSEMI-MC10ELT20_15 Datasheet
83Kb / 7P
   5V TTL to Differential PECL Translator
August, 2015 ??Rev. 7
MC10ELT20 ONSEMI-MC10ELT20 Datasheet
129Kb / 8P
   5VTTL to Differential PECL Translator
December, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com